Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA117SM Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # INA117SM
Description  High Common-Mode Voltage DIFFERENCE AMPLIFIER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA117SM Datasheet(HTML) 4 Page - Texas Instruments

  INA117SM Datasheet HTML 1Page - Texas Instruments INA117SM Datasheet HTML 2Page - Texas Instruments INA117SM Datasheet HTML 3Page - Texas Instruments INA117SM Datasheet HTML 4Page - Texas Instruments INA117SM Datasheet HTML 5Page - Texas Instruments INA117SM Datasheet HTML 6Page - Texas Instruments INA117SM Datasheet HTML 7Page - Texas Instruments INA117SM Datasheet HTML 8Page - Texas Instruments INA117SM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
INA117
SBOS154A
4
TYPICAL PERFORMANCE CURVES
At TA = +25°C, VS = ±15V, unless otherwise noted.
POSITIVE COMMON-MODE VOLTAGE RANGE
vs POSITIVE POWER-SUPPLY VOLTAGE
Positive Power-Supply Voltage (V)
510
15
20
400
350
300
250
200
150
100
50
T
A = +25°C
T
A = –55°C
T
A = +125°C
–V
S = –5V to –20V
Max Rating = 200V
NEGATIVE COMMON-MODE VOLTAGE RANGE
vs NEGATIVE POWER-SUPPLY VOLTAGE
Negative Power-Supply Voltage (V)
–5
–10
–15
–20
–400
–350
–300
–250
–200
–150
–100
–50
T
A = +25°C
T
A = –55°C to +125°C
+V
S = +5V to +20V
Max Rating = –200V
POWER-SUPPLY REJECTION vs FREQUENCY
Frequency (Hz)
1
10
100
1k
10k
100
90
80
70
60
50
40
V+
V–
COMMON-MODE REJECTION vs FREQUENCY
Frequency (Hz)
20
100
1k
10k
100k
2M
100
90
80
70
60
50
40
INA117AM, SM, P, KU
INA117BM


Similar Part No. - INA117SM

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA117SM BURR-BROWN-INA117SM Datasheet
192Kb / 14P
   High Common-Mode Voltage DIFFERENCE AMPLIFIER
More results

Similar Description - INA117SM

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD629 AD-AD629 Datasheet
302Kb / 12P
   High Common-Mode Voltage Difference Amplifier
REV. A
logo
Burr-Brown (TI)
INA117 BURR-BROWN-INA117 Datasheet
192Kb / 14P
   High Common-Mode Voltage DIFFERENCE AMPLIFIER
logo
Analog Devices
AD629 AD-AD629_15 Datasheet
410Kb / 16P
   High Common-Mode Voltage, Difference Amplifier
REV. C
AD629 AD-AD629_07 Datasheet
540Kb / 16P
   High Common-Mode Voltage, Difference Amplifier
Rev. B
logo
Texas Instruments
INA149 TI-INA149 Datasheet
1Mb / 24P
[Old version datasheet]   High Common-Mode Voltage Difference Amplifier
INA149-EP TI1-INA149-EP Datasheet
1Mb / 26P
[Old version datasheet]   HIGH COMMON-MODE VOLTAGE DIFFERENCE AMPLIFIER
logo
Analog Devices
LT6376 AD-LT6376 Datasheet
613Kb / 30P
   Common Mode Voltage Difference Amplifier
logo
Burr-Brown (TI)
INA148 BURR-BROWN-INA148 Datasheet
123Kb / 12P
   짹200V Common-Mode Voltage DIFFERENCE AMPLIFIER
logo
Linear Technology
LT6375 LINER-LT6375 Datasheet
1Mb / 32P
   270V Common Mode Voltage Difference Amplifier
logo
Texas Instruments
INA148 TI1-INA148 Datasheet
326Kb / 16P
[Old version datasheet]   200V Common-Mode Voltage DIFFERENCE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com