Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC8565IBPWG4 Datasheet(PDF) 4 Page - Texas Instruments

Part # DAC8565IBPWG4
Description  16-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC8565IBPWG4 Datasheet(HTML) 4 Page - Texas Instruments

  DAC8565IBPWG4 Datasheet HTML 1Page - Texas Instruments DAC8565IBPWG4 Datasheet HTML 2Page - Texas Instruments DAC8565IBPWG4 Datasheet HTML 3Page - Texas Instruments DAC8565IBPWG4 Datasheet HTML 4Page - Texas Instruments DAC8565IBPWG4 Datasheet HTML 5Page - Texas Instruments DAC8565IBPWG4 Datasheet HTML 6Page - Texas Instruments DAC8565IBPWG4 Datasheet HTML 7Page - Texas Instruments DAC8565IBPWG4 Datasheet HTML 8Page - Texas Instruments DAC8565IBPWG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 49 page
background image
DAC8565
SBAS411C
– JUNE 2007 – REVISED MARCH 2011
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
At AVDD = 2.7V to 5.5V, –40°C to +105°C range, and data format is straight binary (unless otherwise noted).
DAC8565
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
REFERENCE OUTPUT
Output voltage
TA = +25°C
2.4975
2.5
2.5025
V
Initial accuracy
TA = +25°C
–0.1
±0.004
0.1
%
DAC8565A, DAC8565B(3)
5
25
Output voltage temperature drift
ppm/
°C
DAC8565C, DAC8565D(4)
2
5
Output voltage noise
f = 0.1Hz to 10Hz
12
μVPP
TA = +25°C, f = 1MHz, CL = 0μF
50
Output voltage noise density
TA = +25°C, f = 1MHz, CL = 1μF
20
nV/
√Hz
(high-frequency noise)
TA = +25°C, f = 1MHz, CL = 4μF
16
Load regulation, sourcing(5)
TA = +25°C
30
μV/mA
Load regulation, sinking(5)
TA = +25°C
15
μV/mA
Output current load capability(6)
±20
mA
Line regulation
TA = +25°C
10
μV/V
Long-term stability/drift (aging)(5)
TA = +25°C, time = 0 to 1900 hours
50
ppm
First cycle
100
Thermal hysteresis(5)
ppm
Additional cycles
25
LOGIC INPUTS(6)
Input current
±1
μA
2.7V
≤ IOVDD ≤ 5.5V
0.3
× IOVDD
VINL
Logic input LOW voltage
V
1.8V
≤ IOVDD ≤ 2.7V
0.1
× IOVDD
2.7V
≤ IOVDD ≤ 5.5V
0.7
× IOVDD
VINH
Logic input HIGH voltage
V
1.8V
≤ IOVDD ≤ 2.7V
0.95
× IOVDD
Pin capacitance
3
pF
POWER REQUIREMENTS
AVDD
2.7
5.5
V
IOVDD
1.8
5.5
V
IOIDD
(6)
10
20
μA
AVDD = IOVDD = 3.6V to 5.5V
1
1.6
VINH = IOVDD and VINL = GND
Normal mode
mA
AVDD = IOVDD = 2.7V to 3.6V
0.95
1.5
VINH = IOVDD and VINL = GND
IDD
(7)
AVDD = IOVDD = 3.6V to 5.5V
1.3
3.5
VINH = IOVDD and VINL = GND
All power-down modes
μA
AVDD = IOVDD = 2.7V to 3.6V
0.5
2.5
VINH = IOVDD and VINL = GND
AVDD = IOVDD = 3.6V to 5.5V
3.6
8.8
VINH = IOVDD and VINL = GND
Normal mode
mW
AVDD = IOVDD = 2.7V to 3.6V
2.6
5.4
VINH = IOVDD and VINL = GND
Power
Dissipation (7)
AVDD = IOVDD = 3.6V to 5.5V
4.7
19
VINH = IOVDD and VINL = GND
All power-down modes
μW
AVDD = IOVDD = 2.7V to 3.6V
1.4
9
VINH = IOVDD and VINL = GND
TEMPERATURE RANGE
Specified performance
–40
+105
°C
(3)
Reference is trimmed and tested at room temperature, and is characterized from
–40°C to +120°C.
(4)
Reference is trimmed and tested at two temperatures (+25
°C and +105°C), and is characterized from –40°C to +120°C.
(5)
Explained in more detail in the Application Information section of this data sheet.
(6)
Ensured by design or characterization; not production tested.
(7)
Input code = 32768, reference current included, no load.
4
Submit Documentation Feedback
Copyright
© 2007–2011, Texas Instruments Incorporated
Product Folder Link(s): DAC8565


Similar Part No. - DAC8565IBPWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8565IBPW TI-DAC8565IBPW Datasheet
1Mb / 46P
[Old version datasheet]   16-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
DAC8565IBPWR TI-DAC8565IBPWR Datasheet
1Mb / 46P
[Old version datasheet]   16-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
More results

Similar Description - DAC8565IBPWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8564 TI1-DAC8564_16 Datasheet
1Mb / 51P
[Old version datasheet]   16-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output
DAC8551IADGKRG4 TI1-DAC8551IADGKRG4 Datasheet
1,009Kb / 26P
[Old version datasheet]   16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT
logo
Linear Technology
LTC1650 LINER-LTC1650 Datasheet
253Kb / 12P
   Low Glitch 16-Bit Voltage Output DAC
LTC1650 LINER-LTC1650_15 Datasheet
525Kb / 12P
   Low Glitch 16-Bit Voltage Output DAC
logo
Texas Instruments
DAC7564IAPW TI1-DAC7564IAPW Datasheet
1Mb / 51P
[Old version datasheet]   12-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC8552 BURR-BROWN-DAC8552 Datasheet
594Kb / 22P
   16-BIT, DUAL CHANNEL, ULTRA-LOW GLITCH VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC8550 TI-DAC8550_15 Datasheet
983Kb / 28P
[Old version datasheet]   16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC8551 TI-DAC8551 Datasheet
1Mb / 22P
[Old version datasheet]   16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC8550 TI1-DAC8550_16 Datasheet
1Mb / 31P
[Old version datasheet]   16-bit, Ultra-Low Glitch, Voltage Output Digital-To-Analog Converter
logo
Burr-Brown (TI)
DAC8550 BURR-BROWN-DAC8550 Datasheet
1Mb / 22P
   16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com