Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2277PA Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2277PA
Description  High Precision OPERATIONAL AMPLIFIERS
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2277PA Datasheet(HTML) 5 Page - Texas Instruments

  OPA2277PA Datasheet HTML 1Page - Texas Instruments OPA2277PA Datasheet HTML 2Page - Texas Instruments OPA2277PA Datasheet HTML 3Page - Texas Instruments OPA2277PA Datasheet HTML 4Page - Texas Instruments OPA2277PA Datasheet HTML 5Page - Texas Instruments OPA2277PA Datasheet HTML 6Page - Texas Instruments OPA2277PA Datasheet HTML 7Page - Texas Instruments OPA2277PA Datasheet HTML 8Page - Texas Instruments OPA2277PA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
OPA277, OPA2277, OPA4277
5
SBOS079A
www.ti.com
TYPICAL CHARACTERISTICS
At TA = +25°C, VS = ±15V, and RL = 2kΩ, unless otherwise noted.
10
100
1k
10k
100k
Frequency (Hz)
CHANNEL SEPARATION vs FREQUENCY
1M
140
120
100
80
60
40
Dual and quad devices. G = 1,
all channels. Quad measured
channel A to D or B to C—other
combinations yield similar or
improved rejection.
10
100
1k
10k
100k
1
0.1
0.01
0.001
Frequency (Hz)
TOTAL HARMONIC DISTORTION + NOISE
vs FREQUENCY
V
OUT = 3.5Vrms
G = 10, R
L = 2kΩ, 10kΩ
G = 1, R
L = 2kΩ, 10kΩ
1
10
100
1k
10k
1000
100
10
1
Frequency (Hz)
INPUT NOISE AND CURRENT NOISE
SPECTRAL DENSITY vs FREQUENCY
Current Noise
Voltage Noise
0.1
1
10
100
1k
10k
100k
1M
10M
140
120
100
80
60
40
20
0
–20
0
–30
–60
–90
–120
–150
–180
Frequency (Hz)
OPEN-LOOP GAIN/PHASE
vs FREQUENCY
G
φ
C
L = 0
C
L = 1500pF
0.1
1
10
100
1k
10k
100k
1M
140
120
100
80
60
40
20
0
Frequency (Hz)
POWER SUPPLY AND COMMON-MODE
REJECTION vs FREQUENCY
+PSR
CMR
–PSR
1s/div
INPUT NOISE VOLTAGE vs TIME
Noise signal is bandwidth limited to
lie between 0.1Hz and 10Hz.


Similar Part No. - OPA2277PA

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2277PA BURR-BROWN-OPA2277PA Datasheet
921Kb / 25P
   High Precision OPERATIONAL AMPLIFIERS
OPA2277PAG4 BURR-BROWN-OPA2277PAG4 Datasheet
921Kb / 25P
   High Precision OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA2277PA

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA277 BURR-BROWN-OPA277_05 Datasheet
921Kb / 25P
   High Precision OPERATIONAL AMPLIFIERS
OPA277 BURR-BROWN-OPA277 Datasheet
346Kb / 9P
   High Precision OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA277U TI-OPA277U Datasheet
1Mb / 26P
[Old version datasheet]   High Precision OPERATIONAL AMPLIFIERS
logo
Tiger Electronic Co.,Lt...
OP07CP TGS-OP07CP Datasheet
359Kb / 5P
   PRECISION OPERATIONAL AMPLIFIERS
logo
Motorola, Inc
LM11C MOTOROLA-LM11C Datasheet
359Kb / 6P
   Precision Operational Amplifiers
logo
Tiger Electronic Co.,Lt...
OP07 TGS-OP07 Datasheet
359Kb / 5P
   PRECISION OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OP07C TI-OP07C_06 Datasheet
264Kb / 11P
[Old version datasheet]   PRECISION OPERATIONAL AMPLIFIERS
logo
Tiger Electronic Co.,Lt...
OP07CDR TGS-OP07CDR Datasheet
359Kb / 5P
   PRECISION OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OP07C TI-OP07C Datasheet
133Kb / 7P
[Old version datasheet]   PRECISION OPERATIONAL AMPLIFIERS
OP07C TI1-OP07C Datasheet
927Kb / 21P
[Old version datasheet]   Precision Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com