Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC8565IAPW Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8565IAPW
Description  16-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC8565IAPW Datasheet(HTML) 2 Page - Texas Instruments

  DAC8565IAPW Datasheet HTML 1Page - Texas Instruments DAC8565IAPW Datasheet HTML 2Page - Texas Instruments DAC8565IAPW Datasheet HTML 3Page - Texas Instruments DAC8565IAPW Datasheet HTML 4Page - Texas Instruments DAC8565IAPW Datasheet HTML 5Page - Texas Instruments DAC8565IAPW Datasheet HTML 6Page - Texas Instruments DAC8565IAPW Datasheet HTML 7Page - Texas Instruments DAC8565IAPW Datasheet HTML 8Page - Texas Instruments DAC8565IAPW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 49 page
background image
DAC8565
SBAS411C
– JUNE 2007 – REVISED MARCH 2011
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
PACKAGE/ORDERING INFORMATION(1)
RELATIVE
DIFFERENTIAL
REFERENCE
SPECIFIED
ACCURACY
NONLINEARITY
DRIFT
PACKAGE-
PACKAGE
TEMPERATURE
PACKAGE
PRODUCT
(LSB)
(LSB)
(ppm/
°C)
LEAD
DESIGNATOR
RANGE
MARKING
DAC8565A
±12
±1
25
TSSOP-16
PW
–40°C to +105°C
DAC8565
DAC8565B
±8
±1
25
TSSOP-16
PW
–40°C to +105°C
DAC8565B
DAC8565C
±12
±1
5
TSSOP-16
PW
–40°C to +105°C
DAC8565
DAC8565D
±8
±1
5
TSSOP-16
PW
–40°C to +105°C
DAC8565D
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
(1)
Over operating free-air temperature range (unless otherwise noted).
DAC8565
UNIT
AVDD to GND
–0.3 to +6
V
Digital input voltage to GND
–0.3 to +VDD + 0.3
V
VOUT to GND
–0.3 to +VDD + 0.3
V
VREF to GND
–0.3 to +VDD + 0.3
V
Operating temperature range
–40 to +125
°C
Storage temperature range
–65 to +150
°C
Junction temperature range (TJ max)
+150
°C
Power dissipation
(TJ max – TA)/θJA
W
Thermal impedance,
θJA
+118
°C/W
Thermal impedance,
θJC
+29
°C/W
Human body model (HBM)
4000
V
ESD rating
Charged device model (CDM)
1500
V
(1)
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. Exposure to absolute
maximum conditions for extended periods may affect device reliability.
2
Submit Documentation Feedback
Copyright
© 2007–2011, Texas Instruments Incorporated
Product Folder Link(s): DAC8565


Similar Part No. - DAC8565IAPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8565IAPW TI-DAC8565IAPW Datasheet
1Mb / 46P
[Old version datasheet]   16-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
DAC8565IAPWR TI-DAC8565IAPWR Datasheet
1Mb / 46P
[Old version datasheet]   16-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
More results

Similar Description - DAC8565IAPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8564 TI1-DAC8564_16 Datasheet
1Mb / 51P
[Old version datasheet]   16-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output
DAC8551IADGKRG4 TI1-DAC8551IADGKRG4 Datasheet
1,009Kb / 26P
[Old version datasheet]   16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT
logo
Linear Technology
LTC1650 LINER-LTC1650 Datasheet
253Kb / 12P
   Low Glitch 16-Bit Voltage Output DAC
LTC1650 LINER-LTC1650_15 Datasheet
525Kb / 12P
   Low Glitch 16-Bit Voltage Output DAC
logo
Texas Instruments
DAC7564IAPW TI1-DAC7564IAPW Datasheet
1Mb / 51P
[Old version datasheet]   12-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC8552 BURR-BROWN-DAC8552 Datasheet
594Kb / 22P
   16-BIT, DUAL CHANNEL, ULTRA-LOW GLITCH VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC8550 TI-DAC8550_15 Datasheet
983Kb / 28P
[Old version datasheet]   16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC8551 TI-DAC8551 Datasheet
1Mb / 22P
[Old version datasheet]   16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC8550 TI1-DAC8550_16 Datasheet
1Mb / 31P
[Old version datasheet]   16-bit, Ultra-Low Glitch, Voltage Output Digital-To-Analog Converter
logo
Burr-Brown (TI)
DAC8550 BURR-BROWN-DAC8550 Datasheet
1Mb / 22P
   16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com