Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2379 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2379
Description  1.8V, 2.9mA, 90kHz, Rail-to-Rail I/O OPERATIONAL AMPLIFIERS
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2379 Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA2379 Datasheet HTML 5Page - Texas Instruments OPA2379 Datasheet HTML 6Page - Texas Instruments OPA2379 Datasheet HTML 7Page - Texas Instruments OPA2379 Datasheet HTML 8Page - Texas Instruments OPA2379 Datasheet HTML 9Page - Texas Instruments OPA2379 Datasheet HTML 10Page - Texas Instruments OPA2379 Datasheet HTML 11Page - Texas Instruments OPA2379 Datasheet HTML 12Page - Texas Instruments OPA2379 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
APPLICATION INFORMATION
5kW
OPA379
10mAmax
V
S
V
IN
V
OUT
I
OVERLOAD
NOISE
OPERATING VOLTAGE
CAPACITIVE LOAD AND STABILITY
INPUT COMMON-MODE VOLTAGE RANGE
PROTECTING INPUTS FROM
10
to
W
20W
OPA379
V
S
V
IN
V
OUT
R
S
R
L
C
L
OPA379
OPA2379
OPA4379
www.ti.com ................................................................................................................................................... SBOS347D – NOVEMBER 2005 – REVISED MAY 2008
The
OPA379
family
of
operational
amplifiers
minimizes power consumption without compromising
bandwidth or noise. Power-supply rejection ratio
(PSRR), common-mode rejection ratio (CMRR), and
open-loop gain (AOL) typical values are 100dB or
better.
When designing for ultra-low power, choose system
components
carefully.
To
minimize
current
consumption,
select
large-value
resistors.
Any
Figure 20. Input Current Protection for Voltages
resistors will react with stray capacitance in the circuit
Exceeding the Supply Voltage
and the input capacitance of the operational amplifier.
These parasitic RC combinations can affect the
stability of the overall system. A feedback capacitor
may
be
required
to
assure
stability
and
limit
Although micropower amplifiers frequently have high
overshoot or gain peaking.
wideband noise, the OPA379 series offer excellent
Good layout practice mandates the use of a 0.1
µF
noise performance. Resistors should be chosen
bypass capacitor placed closely across the supply
carefully because the OPA379 has only 2.8
µV
PP of
pins.
0.1Hz to 10Hz noise, and 80nV/
√Hz of wideband
noise; otherwise, they can become the dominant
source of noise.
OPA379 series op amps are fully specified and tested
from +1.8V to +5.5V (±0.9V to ±2.75V). Parameters
that will vary with supply voltage are shown in the
Follower configurations with load capacitance in
Typical Characteristics curves.
excess of 30pF can produce extra overshoot (see
typical
characteristic
Small-Signal
Overshoot
vs
Capacitive Load, Figure 17) and ringing in the output
signal. Increasing the gain enhances the ability of the
The input common-mode voltage range of the
amplifier
to
drive
greater
capacitive
loads.
In
OPA379 family typically extends 100mV beyond each
unity-gain configurations, capacitive load drive can be
supply rail. This rail-to-rail input is achieved using a
improved by inserting a small (10
Ω to 20Ω) resistor,
complementary input stage. CMRR is specified from
RS, in series with the output, as shown in Figure 21.
the negative rail to 1V below the positive rail.
This
resistor
significantly
reduces
ringing
while
Between (V+) – 1V and (V+) + 0.1V, the amplifier
maintaining direct current (dc) performance for purely
operates with higher offset voltage because of the
capacitive loads. However, if there is a resistive load
transition region of the input stage. See the typical
in parallel with the capacitive load, a voltage divider is
characteristic,
Offset
Voltage
vs
Common-Mode
created, introducing a dc error at the output and
Voltage vs Temperature (Figure 8).
slightly
reducing
the
output
swing.
The
error
introduced is proportional to the ratio RS/RL, and is
generally negligible.
OVER-VOLTAGE
Normally, input currents are 5pA. However, a large
voltage input (greater than 500mV beyond the supply
rails) can cause excessive current to flow in or out of
the input pins. Therefore, as well as keeping the input
voltage below the maximum rating, it is also important
to limit the input current to less than 10mA. This
limiting is easily accomplished with an input voltage
resistor, as shown in Figure 20.
Figure 21. Series Resistor in Unity-Gain Buffer
Configuration Improves Capacitive Load Drive
Copyright © 2005–2008, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): OPA379 OPA2379 OPA4379


Similar Part No. - OPA2379

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2379 BURR-BROWN-OPA2379 Datasheet
237Kb / 12P
   1.8V, 2.9uA, 90kHz, Rail-to-Rail I/O OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2379 TI-OPA2379 Datasheet
1Mb / 29P
[Old version datasheet]   1.8V, 2.9mA, 90kHz, Rail-to-Rail I/O PERATIONAL AMPLIFIERS
OPA2379 TI-OPA2379 Datasheet
1Mb / 29P
[Old version datasheet]   1.8V, 2.9mA, 90kHz, Rail-to-Rail I/O RATIONAL AMPLIFIERS
OPA2379 TI-OPA2379 Datasheet
1Mb / 29P
[Old version datasheet]   18V 29mA90kHz, Rail-to-Rail I/O ATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA2379AID BURR-BROWN-OPA2379AID Datasheet
237Kb / 12P
   1.8V, 2.9uA, 90kHz, Rail-to-Rail I/O OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA2379

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA379AIDBV TI-OPA379AIDBV Datasheet
1Mb / 29P
[Old version datasheet]   1.8V, 2.9mA, 90kHz, Rail-to-Rail I/O RATIONAL AMPLIFIERS
OPA379AIDBVR TI-OPA379AIDBVR Datasheet
1Mb / 29P
[Old version datasheet]   1.8V, 2.9mA, 90kHz, Rail-to-Rail I/O PERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA379 BURR-BROWN-OPA379 Datasheet
237Kb / 12P
   1.8V, 2.9uA, 90kHz, Rail-to-Rail I/O OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8049-1 SGMICRO-SGM8049-1 Datasheet
716Kb / 19P
   Rail-to-Rail I/O Operational Amplifiers
logo
Burr-Brown (TI)
OPA703 BURR-BROWN-OPA703_08 Datasheet
509Kb / 18P
   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2703EA-2K5G4 TI-OPA2703EA-2K5G4 Datasheet
894Kb / 19P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8634 SGMICRO-SGM8634_15 Datasheet
537Kb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
SGM8621 SGMICRO-SGM8621_16 Datasheet
1Mb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
logo
Texas Instruments
OPA703 TI-OPA703 Datasheet
322Kb / 12P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
OPA349 TI1-OPA349_17 Datasheet
1Mb / 24P
[Old version datasheet]   Rail-to-Rail I/O CMOS OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com