Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS3695TN-OPB Datasheet(PDF) 7 Page - Texas Instruments

Part # DS3695TN-OPB
Description  Multipoint RS485/RS422 Transceivers/Repeaters
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS3695TN-OPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button DS3695TN-OPB Datasheet HTML 3Page - Texas Instruments DS3695TN-OPB Datasheet HTML 4Page - Texas Instruments DS3695TN-OPB Datasheet HTML 5Page - Texas Instruments DS3695TN-OPB Datasheet HTML 6Page - Texas Instruments DS3695TN-OPB Datasheet HTML 7Page - Texas Instruments DS3695TN-OPB Datasheet HTML 8Page - Texas Instruments DS3695TN-OPB Datasheet HTML 9Page - Texas Instruments DS3695TN-OPB Datasheet HTML 10Page - Texas Instruments DS3695TN-OPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
DS3695, DS3695T, DS3696, DS3697
www.ti.com
SNLS072C – MAY 1998 – REVISED APRIL 2013
Typical Performance Characteristics
Driver VOH
Driver VOH
vs
vs IOH
IOH
vs VCCDriver VOH
vs
vs IOH
Temperature
vs VCC
Figure 12.
Figure 13.
Driver VOL
vs
IOL
Driver VOH
vs
vs IOH
Temperature
vs VCC
Figure 14.
Figure 15.
Driver Differential
Driver Differential
Propagation Delay
Propagation Delay
vs
vs
Temperature
VCC
Figure 16.
Figure 17.
Copyright © 1998–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: DS3695 DS3695T DS3696 DS3697


Similar Part No. - DS3695TN-OPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS3695TN NSC-DS3695TN Datasheet
310Kb / 12P
   Multipoint RS485/RS422 Transceivers/Repeaters
DS3695TN NSC-DS3695TN Datasheet
257Kb / 10P
   Multipoint RS485/RS422 Transceivers/Repeaters
logo
Texas Instruments
DS3695TN/NOPB TI1-DS3695TN/NOPB Datasheet
578Kb / 17P
[Old version datasheet]   Multipoint RS485/RS422 Transceivers/Repeaters
More results

Similar Description - DS3695TN-OPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS3698 NSC-DS3698 Datasheet
257Kb / 10P
   Multipoint RS485/RS422 Transceivers/Repeaters
DS3695 NSC-DS3695 Datasheet
310Kb / 12P
   Multipoint RS485/RS422 Transceivers/Repeaters
logo
Texas Instruments
DS3695 TI1-DS3695_15 Datasheet
578Kb / 17P
[Old version datasheet]   Multipoint RS485/RS422 Transceivers/Repeaters
DS3695A TI1-DS3695A_14 Datasheet
831Kb / 13P
[Old version datasheet]   Multipoint RS485/RS422 Transceivers
logo
National Semiconductor ...
DS3695A NSC-DS3695A Datasheet
108Kb / 8P
   Multipoint RS485/RS422 Transceivers
logo
Texas Instruments
DS3695AMX TI-DS3695AMX Datasheet
807Kb / 13P
[Old version datasheet]   DS3695A/DS3695AT/DS3696A Multipoint RS485/RS422 Transceivers
logo
Linear Technology
LTC2850 LINER-LTC2850 Datasheet
188Kb / 16P
   3.3V 20Mbps RS485/RS422 Transceivers
LTC2852 LINER-LTC2852_15 Datasheet
1Mb / 18P
   3.3V 20Mbps RS485/RS422 Transceivers
LTC2851 LINER-LTC2851_15 Datasheet
1Mb / 18P
   3.3V 20Mbps RS485/RS422 Transceivers
LTC2850 LINER-LTC2850_15 Datasheet
1Mb / 18P
   3.3V 20Mbps RS485/RS422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com