Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2277 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2277
Description  High Precision OPERATIONAL AMPLIFIERS
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2277 Datasheet(HTML) 2 Page - Texas Instruments

  OPA2277 Datasheet HTML 1Page - Texas Instruments OPA2277 Datasheet HTML 2Page - Texas Instruments OPA2277 Datasheet HTML 3Page - Texas Instruments OPA2277 Datasheet HTML 4Page - Texas Instruments OPA2277 Datasheet HTML 5Page - Texas Instruments OPA2277 Datasheet HTML 6Page - Texas Instruments OPA2277 Datasheet HTML 7Page - Texas Instruments OPA2277 Datasheet HTML 8Page - Texas Instruments OPA2277 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
OPA277, OPA2277, OPA4277
2
SBOS079A
www.ti.com
OFFSET
OFFSET
VOLTAGE
VOLTAGE DRIFT
PRODUCT
max,
µV
max,
µV/°C
PACKAGE-LEAD
Single
OPA277PA
±50
±1
DIP-8
OPA277P
±20
±0.15
DIP-8
OPA277UA
±50
±1
SO-8 Surface Mount
OPA277U
±20
±0.15
SO-8 Surface Mount
OPA277AIDRM
±100
±1
DFN-8 (4mm x 4mm)
Dual
OPA2277PA
±50
±1
DIP-8
OPA2277P
±25
±0.25
DIP-8
OPA2277UA
±50
±1
SO-8 Surface Mount
OPA2277U
±25
±0.25
SO-8 Surface Mount
OPA2277AIDRM
±100
±1
DFN-8 (4mm x 4mm)
Quad
OPA4277PA
±50
±1
DIP-14
OPA4277UA
±50
±1
SO-14 Surface Mount
NOTE: (1) For the most current package and ordering information, see the Package Option Addendum located at the end of this data sheet or visit the TI web site
at www.ti.com.
ABSOLUTE MAXIMUM RATINGS(1)
Supply Voltage .................................................................................... 36V
Input Voltage ..................................................... (V–) –0.7V to (V+) +0.7V
Output Short-Circuit(2) .............................................................. Continuous
Operating Temperature .................................................. –55
°C to +125°C
Storage Temperature ..................................................... –55
°C to +125°C
Junction Temperature ...................................................................... 150
°C
Lead Temperature (soldering, 10s) ................................................. 300
°C
ESD Rating (Human Body Model) .................................................. 2000V
(Machine Model) ........................................................... 100V
NOTE: (1) Stresses above these rating may cause permanent damage.
Exposure to absolute maximum conditions for extended periods may degrade
device reliability. (2) Short-circuit to ground, one amplifier per package.
PACKAGE/ORDERING INFORMATION(1)
PIN DESCRIPTIONS
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas Instru-
ments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may be
more susceptible to damage because very small parametric
changes could cause the device not to meet its published
specifications.
1
2
3
4
5
6
7
14
13
12
11
10
9
8
Out D
–In D
+In D
V–
+In C
–In C
Out C
Out A
–In A
+In A
V+
+In B
–In B
Out B
OPA4277
14-Pin DIP, SO-14
AD
BC
1
2
3
4
8
7
6
5
V+
Out B
–In B
+In B
Out A
–In A
+In A
V–
OPA2277
8-Pin DIP, SO-8
A
B
1
2
3
4
8
7
6
5
Offset Trim
V+
Output
NC(1)
Offset Trim
–In
+In
V–
OPA277
8-Pin DIP, SO-8
1
2
3
4
Out A
−In A
+In A
V
8
7
6
5
Out B
Pin 1
Indicator
OPA2277AIDRM
DFN-8 4mm x 4mm
(top view)
V+
−In B
Thermal Pad
on Bottom
(Connect to V
−)
+In B
1
2
3
4
Offset Trim
−In
+In
V
8
7
6
5
Offset Trim
Pin 1
Indicator
OPA277AIDRM
DFN-8 4mm x 4mm
(top view)
V+
Output
Thermal Pad
on Bottom
(Connect to V
−)
NC
NOTE: (1) NC = No connection.


Similar Part No. - OPA2277

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2277 BURR-BROWN-OPA2277 Datasheet
921Kb / 25P
   High Precision OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2277 TI1-OPA2277 Datasheet
168Kb / 4P
[Old version datasheet]   HIGH-PRECISION OPERATIONAL AMPLIFIER
OPA2277-DIE TI1-OPA2277-DIE Datasheet
168Kb / 4P
[Old version datasheet]   HIGH-PRECISION OPERATIONAL AMPLIFIER
OPA2277-EP TI-OPA2277-EP Datasheet
395Kb / 21P
[Old version datasheet]   OPA2277-EP High-Precision, Low-Noise Operational Amplifier
OPA2277-EP TI1-OPA2277-EP Datasheet
978Kb / 24P
[Old version datasheet]   High-Precision, Low-Noise Operational Amplifier
More results

Similar Description - OPA2277

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA277 BURR-BROWN-OPA277_05 Datasheet
921Kb / 25P
   High Precision OPERATIONAL AMPLIFIERS
OPA277 BURR-BROWN-OPA277 Datasheet
346Kb / 9P
   High Precision OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA277U TI-OPA277U Datasheet
1Mb / 26P
[Old version datasheet]   High Precision OPERATIONAL AMPLIFIERS
logo
Tiger Electronic Co.,Lt...
OP07CP TGS-OP07CP Datasheet
359Kb / 5P
   PRECISION OPERATIONAL AMPLIFIERS
logo
Motorola, Inc
LM11C MOTOROLA-LM11C Datasheet
359Kb / 6P
   Precision Operational Amplifiers
logo
Tiger Electronic Co.,Lt...
OP07 TGS-OP07 Datasheet
359Kb / 5P
   PRECISION OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OP07C TI-OP07C_06 Datasheet
264Kb / 11P
[Old version datasheet]   PRECISION OPERATIONAL AMPLIFIERS
logo
Tiger Electronic Co.,Lt...
OP07CDR TGS-OP07CDR Datasheet
359Kb / 5P
   PRECISION OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OP07C TI-OP07C Datasheet
133Kb / 7P
[Old version datasheet]   PRECISION OPERATIONAL AMPLIFIERS
OP07C TI1-OP07C Datasheet
927Kb / 21P
[Old version datasheet]   Precision Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com