Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS3696 Datasheet(PDF) 2 Page - Texas Instruments

Part # DS3696
Description  Multipoint RS485/RS422 Transceivers/Repeaters
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS3696 Datasheet(HTML) 2 Page - Texas Instruments

  DS3696 Datasheet HTML 1Page - Texas Instruments DS3696 Datasheet HTML 2Page - Texas Instruments DS3696 Datasheet HTML 3Page - Texas Instruments DS3696 Datasheet HTML 4Page - Texas Instruments DS3696 Datasheet HTML 5Page - Texas Instruments DS3696 Datasheet HTML 6Page - Texas Instruments DS3696 Datasheet HTML 7Page - Texas Instruments DS3696 Datasheet HTML 8Page - Texas Instruments DS3696 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
DS3695, DS3695T, DS3696, DS3697
SNLS072C – MAY 1998 – REVISED APRIL 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
VALUE
UNIT
Supply Voltage, VCC
7
V
Control Input Voltages
7
V
Driver Input Voltage
7
V
Driver Output Voltages
+15/
−10
V
Receiver Input Voltages (DS3695, DS3696)
+15/
−10
V
Receiver Common Mode Voltage (DS3697)
±25
V
Receiver Output Voltage
5.5
V
Continuous Power Dissipation @ 25°C - N Package(3)
1.07
W
Storage Temperature Range
−65 to +150
°C
Lead Temperature (Soldering, 4 sec.)
260
°C
(1)
“Absolute Maximum Ratings” are those beyond which the safety of the device cannot be verified. They are not meant to imply that the
device should be operated at these limits. The tables of “Electrical Characteristics” provide conditions for actual device operation.
(2)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/ Distributors for availability and specifications.
(3)
All typicals are given for VCC = 5V and TA = 25°C.
Recommended Operating Conditions
Min
Max
Units
Supply Voltage, VCC
4.75
5.25
V
Bus Voltage
−7
+12
V
Operating Free Air Temp. (TA)
Commercial
0
+70
°C
Industrial
−40
+85
°C
Electrical Characteristics
(1) (2)
0°C
≤ TA ≤ +70°C, 4.75V < VCC < 5.25V unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VOD1
Differential Driver Output Voltage (Unloaded)
IO = 0
5
V
VOD2
Differential Driver Output Voltage (with Load)
See Figure 4
R = 50
Ω; (RS-422) (3)
2
V
R = 27
Ω; (RS-485)
1.5
V
ΔVOD
Change in Magnitude of Driver
See Figure 4
R = 27
Ω
0.2
V
Differential Output Voltage for
Complementary Output States
VOC
Driver Common Mode Output Voltage
3.0
V
Δ|VOC|
Change in Magnitude of Driver
0.2
V
Common Mode Output Voltage for
Complementary Output States
VIH
Input High Voltage
DI, DE, RE , E, RE /DE
2
V
VIL
Input Low Voltage
0.8
V
VCL
Input Clamp Voltage
IIN = −18 mA
−1.5
V
IIL
Input Low Current
VIL = 0.4V
−200
μA
IIH
Input High Current
VIH = 2.4V
20
μA
IIN
Input Current
DO/RI, DO /RI RI, RI
VCC = 0V or 5.25V
VIN = 12V
+1.0
mA
RE /DE or DE = 0V
VIN = −7V
−0.8
mA
(1)
All currents into device pins are positive; all currents out of device pins are negative. All voltages are referenced to device ground unless
otherwise specified.
(2)
All typicals are given for VCC = 5V and TA = 25°C.
(3)
All limits for which derate linearly at 11.1 mW/°C to 570 mW at 70°C is applied must be derated by 10% for DS3695T and DS3696T.
Other parameters remain the same for this extended temperature range device (
−40°C ≤ TA ≤ +85°C).
2
Submit Documentation Feedback
Copyright © 1998–2013, Texas Instruments Incorporated
Product Folder Links: DS3695 DS3695T DS3696 DS3697


Similar Part No. - DS3696

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS3696 NSC-DS3696 Datasheet
310Kb / 12P
   Multipoint RS485/RS422 Transceivers/Repeaters
DS3696 NSC-DS3696 Datasheet
257Kb / 10P
   Multipoint RS485/RS422 Transceivers/Repeaters
logo
Texas Instruments
DS3696 TI1-DS3696 Datasheet
578Kb / 17P
[Old version datasheet]   Multipoint RS485/RS422 Transceivers/Repeaters
DS3696A TI-DS3696A Datasheet
807Kb / 13P
[Old version datasheet]   DS3695A/DS3695AT/DS3696A Multipoint RS485/RS422 Transceivers
DS3696A TI1-DS3696A Datasheet
831Kb / 13P
[Old version datasheet]   Multipoint RS485/RS422 Transceivers
More results

Similar Description - DS3696

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS3698 NSC-DS3698 Datasheet
257Kb / 10P
   Multipoint RS485/RS422 Transceivers/Repeaters
DS3695 NSC-DS3695 Datasheet
310Kb / 12P
   Multipoint RS485/RS422 Transceivers/Repeaters
logo
Texas Instruments
DS3695 TI1-DS3695_15 Datasheet
578Kb / 17P
[Old version datasheet]   Multipoint RS485/RS422 Transceivers/Repeaters
DS3695A TI1-DS3695A_14 Datasheet
831Kb / 13P
[Old version datasheet]   Multipoint RS485/RS422 Transceivers
logo
National Semiconductor ...
DS3695A NSC-DS3695A Datasheet
108Kb / 8P
   Multipoint RS485/RS422 Transceivers
logo
Texas Instruments
DS3695AMX TI-DS3695AMX Datasheet
807Kb / 13P
[Old version datasheet]   DS3695A/DS3695AT/DS3696A Multipoint RS485/RS422 Transceivers
logo
Linear Technology
LTC2850 LINER-LTC2850 Datasheet
188Kb / 16P
   3.3V 20Mbps RS485/RS422 Transceivers
LTC2852 LINER-LTC2852_15 Datasheet
1Mb / 18P
   3.3V 20Mbps RS485/RS422 Transceivers
LTC2851 LINER-LTC2851_15 Datasheet
1Mb / 18P
   3.3V 20Mbps RS485/RS422 Transceivers
LTC2850 LINER-LTC2850_15 Datasheet
1Mb / 18P
   3.3V 20Mbps RS485/RS422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com