Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OMAP3515 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # OMAP3515
Description  OMAP3515/03 Applications Processor
Download  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3515 Datasheet(HTML) 3 Page - Texas Instruments

  OMAP3515 Datasheet HTML 1Page - Texas Instruments OMAP3515 Datasheet HTML 2Page - Texas Instruments OMAP3515 Datasheet HTML 3Page - Texas Instruments OMAP3515 Datasheet HTML 4Page - Texas Instruments OMAP3515 Datasheet HTML 5Page - Texas Instruments OMAP3515 Datasheet HTML 6Page - Texas Instruments OMAP3515 Datasheet HTML 7Page - Texas Instruments OMAP3515 Datasheet HTML 8Page - Texas Instruments OMAP3515 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 264 page
background image
1.2 Description
OMAP3515/03 Applications Processor
www.ti.com
SPRS505F – FEBRUARY 2008 – REVISED SEPTEMBER 2009
OMAP3515 and OMAP3503 high-performance, applications processors are based on the enhanced
OMAP™ 3 architecture.
The OMAP™ 3 architecture is designed to provide best-in-class video, image, and graphics processing
sufficient to support the following:
• Streaming video
• 3D mobile gaming
• Video conferencing
• High-resolution still image
The device supports high-level operating systems (OSs), such as:
• Linux
• Windows CE
This OMAP device includes state-of-the-art power-management techniques required for high-performance
mobile products.
The following subsystems are part of the device:
• Microprocessor unit (MPU) subsystem based on the ARM Cortex™-A8 microprocessor
• POWERVR SGX™ subsystem for 3D graphics acceleration to support display and gaming effects
(3515 only)
• Camera image signal processor (ISP) that supports multiple formats and interfacing options connected
to a wide variety of image sensors
• Display subsystem with a wide variety of features for multiple concurrent image manipulation, and a
programmable interface supporting a wide variety of displays. The display subsystem also supports
NTSC/PAL video out.
• Level 3 (L3) and level 4 (L4) interconnects that provide high-bandwidth data transfers for multiple
initiators to the internal and external memory controllers and to on-chip peripherals
The device also offers:
• A comprehensive power and clock-management scheme that enables high-performance, low-power
operation, and ultralow-power standby features. The device also supports SmartReflex™ adaptative
voltage control. This power management technique for automatic control of the operating voltage of a
module reduces the active power consumption.
• Memory stacking feature using the package-on-package (POP) implementation (CBB and CBC
packages only)
OMAP15/03 devices are available in a 515-pin s-PBGA package (CBB suffix), 515-pin s-PBGA package
(CBC suffix), and a 423-pin s-PBGA package (CUS suffix). Some features of the CBB and CBC packages
are not available in the CUS package.
Table 1-1 lists the differences between the CBB, CBC, and CUS packages.
Submit Documentation Feedback
OMAP3515/03 Applications Processor
3


Similar Part No. - OMAP3515

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OMAP3515 TI-OMAP3515 Datasheet
2Mb / 227P
[Old version datasheet]   Applications Processor
OMAP3515 TI-OMAP3515 Datasheet
3Mb / 262P
[Old version datasheet]   Applications Processor
OMAP3515 TI-OMAP3515 Datasheet
2Mb / 264P
[Old version datasheet]   OMAP3515 and OMAP3503 Applications Processors
OMAP3515 TI1-OMAP3515 Datasheet
2Mb / 264P
[Old version datasheet]   OMAP3515 and OMAP3503 Applications Processors
OMAP3515 TI1-OMAP3515 Datasheet
2Mb / 264P
[Old version datasheet]   OMAP3515 and OMAP3503 Applications Processors
More results

Similar Description - OMAP3515

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM3715 TI-AM3715 Datasheet
2Mb / 280P
[Old version datasheet]   AM3715/03 Applications Processor
OMAP3503DCBBA TI-OMAP3503DCBBA Datasheet
2Mb / 264P
[Old version datasheet]   OMAP3515 and OMAP3503 Applications Processors
OMAP3515DCUS TI1-OMAP3515DCUS Datasheet
2Mb / 264P
[Old version datasheet]   OMAP3515 and OMAP3503 Applications Processors
OMAP3515 TI1-OMAP3515_15 Datasheet
2Mb / 264P
[Old version datasheet]   OMAP3515 and OMAP3503 Applications Processors
DM3730 TI-DM3730_10 Datasheet
2Mb / 268P
[Old version datasheet]   Applications Processor
OMAP3515 TI-OMAP3515_08 Datasheet
3Mb / 262P
[Old version datasheet]   Applications Processor
OMAP3530 TI-OMAP3530_08 Datasheet
3Mb / 264P
[Old version datasheet]   Applications Processor
OMAP3515 TI-OMAP3515 Datasheet
2Mb / 227P
[Old version datasheet]   Applications Processor
OMAP5912 TI-OMAP5912 Datasheet
2Mb / 254P
[Old version datasheet]   Applications Processor
OMAP3530 TI-OMAP3530 Datasheet
2Mb / 230P
[Old version datasheet]   Applications Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com