Electronic Components Datasheet Search |
|
NM24W16UFLZEMT8 Datasheet(PDF) 7 Page - Fairchild Semiconductor |
|
NM24W16UFLZEMT8 Datasheet(HTML) 7 Page - Fairchild Semiconductor |
7 / 13 page 7 www.fairchildsemi.com NM24C16U/17U Rev. B.1 Device Operation Background Information (IIC Bus) As mentioned, the IIC bus allows synchronous bidirectional com- munication between Transmitter/Receiver using the SCL (clock) and SDA (Data I/O) lines. All communication must be started with a valid START condition, concluded with a STOP condition and acknowledged by the Receiver with an ACKNOWLEDGE condi- tion. As shown below, the EEPROMs on the IIC bus may be configured in any manner required, the total memory addressed can not exceed 16K (16,384 bits). EEPROM memory address program- ming is controlled by 2 methods: • All unused pins must be grounded (tied to V SS). • Software addressing the required PAGE BLOCK within the device memory array (as sent in the Slave Address string). For devices with densities greater than 16K, a different protocol, the Extended IIC protocol, is used. Refer to NM24C32U datasheet (for example) for additional details. Addressing an EEPROM memory location involves sending a command string with the following information: [DEVICE TYPE]–[DEVICE ADDRESS]–[PAGE BLOCK AD- DRESS]–[BYTE ADDRESS] DEFINITIONS WORD 8 bits (byte) of data PAGE 16 sequential addresses (one byte each) that may be programmed during a 'Page Write' programming cycle PAGE BLOCK 2048 (2K) bits organized into 16 pages of addressable memory. (8 bits) x (16 pages) = 2048 bits MASTER Any IIC device CONTROLLING the transfer of data (such as a microprocessor) SLAVE Device being controlled (EEPROMs are always considered Slaves) TRANSMITTER Device currently SENDING data on the bus (may be either a Master or Slave). RECEIVER Device currently RECEIVING data on the bus (Master or Slave) Pin Descriptions Serial Clock (SCL) The SCL input is used to clock all data into and out of the device. Serial Data (SDA) SDA is a bidirectional pin used to transfer data into and out of the device. It is an open drain output and may be wire–ORed with any number of open drain or open collector outputs. WP Write Protection (NM24C17U Only) If tied to VCC, PROGRAM operations onto the upper half of the memory will not be executed. READ operations are possible. If tied to VSS, normal operation is enabled, READ/WRITE over the entire memory is possible. This feature allows the user to assign the upper half of the memory as ROM which can be protected against accidental programming. When write is disabled, slave address and word address will be acknowledged but data will not be acknowledged. Device Operation The NM24C16U/17U supports a bidirectional bus oriented proto- col. The protocol defines any device that sends data onto the bus as a transmitter and the receiving device as the receiver. The device controlling the transfer is the master and the device that is controlled is the slave. The master will always initiate data transfers and provide the clock for both transmit and receive operations. Therefore, the NM24C16U/17U will be considered a slave in all applications. Clock and Data Conventions Data states on the SDA line can change only during SCL LOW. SDA state changes during SCL HIGH are reserved for indicating start and stop conditions. Refer to Figure 2 and Figure 3 on next page. Start Condition All commands are preceded by the start condition, which is a HIGH to LOW transition of SDA when SCL is HIGH. The NM24C16U/17U continuously monitors the SDA and SCL lines for the start condition and will not respond to any command until this condition has been met. Stop Condition All communications are terminated by a stop condition, which is a LOW to HIGH transition of SDA when SCL is HIGH. The stop condition is also used by the NM24C16U/17U to place the device in the standby power mode. Write Cycle Timing Acknowledge Acknowledge is a hardware convention used to indicate success- ful data transfers. The transmitting device, either master or slave, will release the bus after transmitting eight bits. During the ninth clock cycle the receiver will pull the SDA line to LOW to acknowledge that it received the eight bits of data. Refer to Figure 4. |
Similar Part No. - NM24W16UFLZEMT8 |
|
Similar Description - NM24W16UFLZEMT8 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |