Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA1461U Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCA1461U
Description  32 kHz watch circuits with adaptive motor pulse
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA1461U Datasheet(HTML) 2 Page - NXP Semiconductors

  PCA1461U Datasheet HTML 1Page - NXP Semiconductors PCA1461U Datasheet HTML 2Page - NXP Semiconductors PCA1461U Datasheet HTML 3Page - NXP Semiconductors PCA1461U Datasheet HTML 4Page - NXP Semiconductors PCA1461U Datasheet HTML 5Page - NXP Semiconductors PCA1461U Datasheet HTML 6Page - NXP Semiconductors PCA1461U Datasheet HTML 7Page - NXP Semiconductors PCA1461U Datasheet HTML 8Page - NXP Semiconductors PCA1461U Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
1998 Apr 21
2
Philips Semiconductors
Product specification
32 kHz watch circuits with adaptive motor
pulse
PCA146x series
FEATURES
• 32 kHz oscillator, amplitude regulated with excellent
frequency stability
• High immunity of the oscillator to leakage currents
• Time calibration electrically programmable and
reprogrammable (via EEPROM)
• A quartz crystal is the only external component required
• Very low current consumption; typically 170 nA
• Output for bipolar stepping motors of different types
• Up to 50% reduction in motor current compared with
conventional circuits, by self adaption of the motor pulse
width to match the required torque of the motor
• No loss of motor steps possible because of on-chip
detection of the induced motor voltage
• Detector for lithium or silver-oxide battery voltage levels
• Indication for battery end-of-life
• Stop function for accurate timing
• Power-on reset for fast testing
• Various test modes for testing the mechanical parts of
the watch and the IC.
GENERAL DESCRIPTION
The PCA146x series devices are CMOS integrated circuits
specially suited for battery-operated,
quartz-crystal-controlled wrist-watches, with a bipolar
stepping motor.
ORDERING INFORMATION
Note
1. Figure 1 and Chapter “Package outline” show details of standard package, available for large orders only.
Chapter “Chip dimensions and bonding pad locations” shows exact pad locations for other delivery formats.
TYPE
NUMBER
PACKAGE(1)
NAME
DESCRIPTION
VERSION
PCA1461U
chip in tray
PCA1461U/10
chip on foil
PCA1462U
chip in tray
PCA1462U/7
chip with bumps on tape
PCA1462U/10
chip on foil
PCA1463U
chip in tray
PCA1463U/10
chip on foil
PCA1465U/10
chip on foil
PCA1465U/7
chip with bumps on tape
PCA1467U/10
chip on foil


Similar Part No. - PCA1461U

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA1461U PHILIPS-PCA1461U Datasheet
135Kb / 24P
   32 kHz oscillator, amplitude regulated with excellent frequency stability
1998 Apr 21
PCA1461U NXP-PCA1461U Datasheet
115Kb / 24P
   32 kHz watch circuits with adaptive motor pulse
1998 Apr 21
PCA1461U/10 PHILIPS-PCA1461U/10 Datasheet
135Kb / 24P
   32 kHz oscillator, amplitude regulated with excellent frequency stability
1998 Apr 21
PCA1461U/10 NXP-PCA1461U/10 Datasheet
115Kb / 24P
   32 kHz watch circuits with adaptive motor pulse
1998 Apr 21
More results

Similar Description - PCA1461U

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA146X NXP-PCA146X Datasheet
115Kb / 24P
   32 kHz watch circuits with adaptive motor pulse
1998 Apr 21
PCA148X NXP-PCA148X Datasheet
104Kb / 20P
   32 kHz watch circuits with adaptive motor pulse
1998 Apr 21
PCA2000 PHILIPS-PCA2000 Datasheet
120Kb / 19P
   32 kHz watch circuit with programmable adaptive motor pulse
2003 Dec 17
PCA2001 NXP-PCA2001 Datasheet
140Kb / 28P
   32 kHz watch circuit with programmable adaptive motor pulse
Rev. 05-11 November 2008
PCA2000 NXP-PCA2000_10 Datasheet
609Kb / 30P
   32 kHz watch circuit with programmable adaptive motor pulse
Rev. 08-23 August 2010
PCA2003 NXP-PCA2003 Datasheet
108Kb / 21P
   32 kHz watch circuit with programmable adaptive motor pulse and pulse period
Rev. 01-15 December 2008
PCA2003 NXP-PCA2003_09 Datasheet
118Kb / 21P
   32 kHz watch circuit with programmable adaptive motor pulse and pulse period
Rev. 02-21 July 2009
PCA16XX NXP-PCA16XX Datasheet
81Kb / 16P
   32 kHz watch circuits with EEPROM
1997 Dec 12
PCA2002 PHILIPS-PCA2002 Datasheet
124Kb / 20P
   32 kHz watch circuit with programmable output period and pulse width
2004 Jan 20
PCA2002 NXP-PCA2002 Datasheet
124Kb / 25P
   32 kHz watch circuit with programmable output period and pulse width
Rev. 05-11 November 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com