Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P82B715TD Datasheet(PDF) 6 Page - NXP Semiconductors

Part # P82B715TD
Description  I2C-bus extender
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P82B715TD Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button P82B715TD Datasheet HTML 2Page - NXP Semiconductors P82B715TD Datasheet HTML 3Page - NXP Semiconductors P82B715TD Datasheet HTML 4Page - NXP Semiconductors P82B715TD Datasheet HTML 5Page - NXP Semiconductors P82B715TD Datasheet HTML 6Page - NXP Semiconductors P82B715TD Datasheet HTML 7Page - NXP Semiconductors P82B715TD Datasheet HTML 8Page - NXP Semiconductors P82B715TD Datasheet HTML 9Page - NXP Semiconductors P82B715TD Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
P82B715_8
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 08 — 9 November 2009
6 of 23
NXP Semiconductors
P82B715
I2C-bus extender
8.1 I2C-bus systems
As in standard I2C-bus systems, pull-up resistors are required to provide the logic HIGH
levels on the buffered bus. (The standard open-collector configuration is retained.) The
value and number of pull-up resistors used is flexible and depends on the system
requirements and designer preferences.
If P82B715 ICs are to be permanently connected into a system it could be configured with
only one pull-up resistor on the buffered bus and none on the I2C-buses, but the system
design will be simplified, and performance improved, by fitting separate pull-ups on each
section of the bus. When a sub-system using P82B715 may be optionally connected to an
existing I2C-bus system that already has a pull-up, then the effects of the sub-system
pull-ups acting in parallel with the existing I2C-bus pull-up must be considered.
8.1.1 Pull-up resistance calculation
When calculating the pull-up resistance values, the gain of the buffer introduces scaling
factors which must be applied to the system components. In practical systems the pull-up
resistance value is usually calculated to achieve the rise time requirement of the system.
As an approximation, this requirement will be satisfied for a standard 100 kHz system if
the time constant of the total system (product of the net resistance and net capacitance) is
set to 1 microsecond or less.
In systems using P82B715s, the most convenient way to achieve the total system
rise time requirement is by considering each bus node separately. Each of the I2C-bus
nodes, and the buffered bus node, is designed by selecting its pull-up resistor to provide
the required rise time by setting its time constant (product of the pull-up resistance and
load capacitance) equal to the I2C-bus rise time requirement. If each node complies, then
the system requirement will also be met with a small safety margin.
This arrangement, using multiple pull-ups as in Figure 6, provides the best system
performance and allows stand-alone operation of individual I2C-buses if parts of the
extended system are disconnected or re-connected. For each bus section the pull-up
resistor for a Standard-mode system is calculated as shown in Equation 1:
(1)
Where: C device = sum of any connected device capacitances, and C wiring = total wiring
and stray capacitance on the bus section.
Remark: The 1
µs is an approximation, with a safety factor, to the theoretical
time-constant necessary to meet the Standard-mode 1
µs bus rise time specification in a
system with variable logic thresholds where the CMOS limits of 30 % and 70 % of VCC
apply. The actual RC requirement can be shown to be 1.18
µs. For a Fast-mode system,
and the same safety margin, replace the 1
µs with its 300 ns requirement.
If these capacitances cannot be measured or calculated then an approximation can be
made by assuming that each device presents 10 pF of load capacitance and 10 pF of
trace capacitance and that cables range from 50 pF to 100 pF per meter.
If only a single pull-up must be used then it must be placed on the buffered bus (as R2 in
Figure 6) and the associated total system capacitance calculated by combining the
individual bus capacitances into an equivalent capacitive loading on the buffered bus.
R
1
µs
C device
C wiring
+
-----------------------------------------------------
=


Similar Part No. - P82B715TD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P82B715TD PHILIPS-P82B715TD Datasheet
96Kb / 10P
   I2C bus extender
1998 Jan 09
P82B715TD NXP-P82B715TD Datasheet
155Kb / 23P
   I2C-bus extender
Rev. 08-9 November 2009
More results

Similar Description - P82B715TD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
P82B715 TI1-P82B715_16 Datasheet
896Kb / 22P
[Old version datasheet]   I2C Bus Extender
logo
NXP Semiconductors
82B715 PHILIPS-82B715 Datasheet
96Kb / 10P
   I2C bus extender
1998 Jan 09
P82B715 NXP-P82B715 Datasheet
155Kb / 23P
   I2C-bus extender
Rev. 08-9 November 2009
logo
Texas Instruments
P82B715 TI-P82B715 Datasheet
642Kb / 17P
[Old version datasheet]   I2C BUS EXTENDER
logo
Generalplus Technology ...
GPBA01B GENERALPLUS-GPBA01B Datasheet
524Kb / 29P
   Bus Extender
logo
NXP Semiconductors
PCA9527 NXP-PCA9527 Datasheet
146Kb / 22P
   3-channel bidirectional bus extender for HDMI, I2C-bus and SMBus
Rev. 01-29 June 2009
PCA9507 NXP-PCA9507 Datasheet
128Kb / 20P
   2-wire serial bus extender for HDMI DDC I2C-bus and SMBus
Rev. 01-7 February 2008
PCA9515 NXP-PCA9515 Datasheet
102Kb / 16P
   I2C-bus repeater
Rev. 09-23 April 2009
PCA9515ADP-T NXP-PCA9515ADP-T Datasheet
222Kb / 20P
   I2C-bus repeater
Rev. 5-23 March 2012
logo
Rohm
BR24T32-W ROHM-BR24T32-W Datasheet
1Mb / 37P
   I2C BUS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com