Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P82B715 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # P82B715
Description  I2C-bus extender
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P82B715 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button P82B715 Datasheet HTML 5Page - NXP Semiconductors P82B715 Datasheet HTML 6Page - NXP Semiconductors P82B715 Datasheet HTML 7Page - NXP Semiconductors P82B715 Datasheet HTML 8Page - NXP Semiconductors P82B715 Datasheet HTML 9Page - NXP Semiconductors P82B715 Datasheet HTML 10Page - NXP Semiconductors P82B715 Datasheet HTML 11Page - NXP Semiconductors P82B715 Datasheet HTML 12Page - NXP Semiconductors P82B715 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
P82B715_8
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 08 — 9 November 2009
9 of 23
NXP Semiconductors
P82B715
I2C-bus extender
Figure 8 shows P82B715 in an analog radial IPMB shelf application.
In this example the total system capacitance is 2800 pF, but it is distributed over 18
different bus sections and no section has a capacitance greater than 200 pF.
If every individual bus section is designed to rise at least as fast as the IPMB requirement,
then when any driver releases the bus, all bus sections will rise together and no amplifiers
in the P82B715s will be activated or, if one is activated, it can only slow the system bus
rise to its own rate and that has been designed to meet the requirement.
It is then only necessary to calculate the equivalent static bus pull-up loading and to
ensure that it exceeds the specification requirement. The calculated loadings meet the
requirements.
Note that in this example only one of the four IPMB lines is shown and the usual switching
arrangements for isolating or cross-connecting bus lines are not shown. The typical offset
(increase in the bus LOW level) measured between any two Sx points in this system is
below 100 mV.
Calculation of static loading at ShMM buffer and each FRU:
Loading on ShMM buffer = R1
|| {10 (R2 || R3/16)} = 3.5 kΩ
Loading on each FRU = R3
|| {10 (R1 || R2 || R3/15)} = 3.76 kΩ
Fig 8.
Typical arrangement and calculations for an IPMB analog radial shelf
002aad708
Lx
Sx
R1
3.3 V
effective capacitance
at ShMM buffer
ShMM buffer pull-up
ShMM buffer
strays
P82B715
total capacitance C1
10 pF
20 pF
10 pF
40 pF
R1 =
= 25 k
1
µs
40 pF
effective capacitance
at common Lx node
Lx common pull-up
17
× P82B715
trace capacitance
total capacitance C2
170 pF
30 pF
200 pF
R2 =
= 5 k
1
µs
200 pF
effective capacitance
at average radial trace
radial trace pull-up
1
× FRU
radial trace/connector
P82B715
total capacitance C3
25 pF
125 pF
10 pF
160 pF
R3 =
= 6.2 k
1
µs
160 pF
Calculations to ensure rise time is met on each bus section:
BUFFER
ShMM
C1
R2
C2
Lx
Sx
1
R3
C3
Lx
Sx
2
R3
C3
radial traces
Lx
Sx
16
R3
C3
BUFFER
µC
FRU 1
BUFFER
µC
FRU 2
BUFFER
µC
FRU 16
common Lx node


Similar Part No. - P82B715

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P82B715 PHILIPS-P82B715 Datasheet
96Kb / 10P
   I2C bus extender
1998 Jan 09
P82B715 NXP-P82B715 Datasheet
155Kb / 23P
   I2C-bus extender
Rev. 08-9 November 2009
P82B715 NXP-P82B715 Datasheet
727Kb / 8P
   Smart, simple solutions for the 12 most common design concerns
August 2011
logo
Texas Instruments
P82B715 TI-P82B715 Datasheet
642Kb / 17P
[Old version datasheet]   I2C BUS EXTENDER
P82B715D TI-P82B715D Datasheet
642Kb / 17P
[Old version datasheet]   I2C BUS EXTENDER
More results

Similar Description - P82B715

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
P82B715 TI1-P82B715_16 Datasheet
896Kb / 22P
[Old version datasheet]   I2C Bus Extender
logo
NXP Semiconductors
82B715 PHILIPS-82B715 Datasheet
96Kb / 10P
   I2C bus extender
1998 Jan 09
P82B715 NXP-P82B715 Datasheet
155Kb / 23P
   I2C-bus extender
Rev. 08-9 November 2009
logo
Texas Instruments
P82B715 TI-P82B715 Datasheet
642Kb / 17P
[Old version datasheet]   I2C BUS EXTENDER
logo
Generalplus Technology ...
GPBA01B GENERALPLUS-GPBA01B Datasheet
524Kb / 29P
   Bus Extender
logo
NXP Semiconductors
PCA9527 NXP-PCA9527 Datasheet
146Kb / 22P
   3-channel bidirectional bus extender for HDMI, I2C-bus and SMBus
Rev. 01-29 June 2009
PCA9507 NXP-PCA9507 Datasheet
128Kb / 20P
   2-wire serial bus extender for HDMI DDC I2C-bus and SMBus
Rev. 01-7 February 2008
PCA9515 NXP-PCA9515 Datasheet
102Kb / 16P
   I2C-bus repeater
Rev. 09-23 April 2009
PCA9515ADP-T NXP-PCA9515ADP-T Datasheet
222Kb / 20P
   I2C-bus repeater
Rev. 5-23 March 2012
logo
Rohm
BR24T32-W ROHM-BR24T32-W Datasheet
1Mb / 37P
   I2C BUS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com