Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA9332H Datasheet(PDF) 17 Page - NXP Semiconductors

Part # TDA9332H
Description  I2C-bus controlled TV display processors
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA9332H Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button TDA9332H Datasheet HTML 13Page - NXP Semiconductors TDA9332H Datasheet HTML 14Page - NXP Semiconductors TDA9332H Datasheet HTML 15Page - NXP Semiconductors TDA9332H Datasheet HTML 16Page - NXP Semiconductors TDA9332H Datasheet HTML 17Page - NXP Semiconductors TDA9332H Datasheet HTML 18Page - NXP Semiconductors TDA9332H Datasheet HTML 19Page - NXP Semiconductors TDA9332H Datasheet HTML 20Page - NXP Semiconductors TDA9332H Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 56 page
background image
2002 Jun 04
17
Philips Semiconductors
Preliminary specification
I2C-bus controlled TV display processors
TDA933xH series
CHARACTERISTICS
VP =8V; Tamb =25 °C; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supplies
MAIN SUPPLY; PINS 17 AND 39
VP1
supply voltage
7.2
8.0
8.8
V
VPOR
power-on reset voltage level
note 1
5.8
6.1
6.5
V
IP1
supply current
pin 17 plus pin 39
44
50
58
mA
pin 17
22
mA
pin 39
28
mA
Ptot
total power dissipation
400
mW
LOW-POWER START-UP; PIN 22; see note 2
Vlp(start)(min)
minimum low power start-up
voltage
3.6
4.0
4.4
V
VP2
maximum allowed voltage
5.5
V
IP2
supply current at 5 V start-up
voltage
3.0
4.5
mA
RGB control circuit
LUMINANCE INPUT; PIN 28
Vi(Y)(b-w)
luminance input voltage
(black-to-white value)
GAI = 0
1.0
1.5
V
Zi
input impedance
10
−−
M
Ci
input capacitance
−−
5pF
Ii(Y)(clamp)
input current during clamping
−25
0
+25
µA
U/V INPUTS; PINS 27 AND 26
Vi(U)(p-p)
U input signal amplitude
(peak-to-peak value)
1.33
2.0
V
Vi(V)(p-p)
V input signal amplitude
(peak-to-peak value)
1.05
1.6
V
Zi
input impedance
10
−−
M
Ci
input capacitance
−−
5pF
Ii(UV)(clamp)
input current during clamping
−20
0
+25
µA
RGB-1 INPUT (SCART/VGA); PINS 30 TO 32; note 3
Vi(b-w)
input signal amplitude
(black-to-white value)
0.7
1.0
V
∆V
o
difference between black level of
YUV and RGB-1 signals at the
outputs
−−
10
mV
Zi
input impedance
10
−−
M
Ci
input capacitance
−−
5pF
Ii(clamp)
input current during clamping
−25
0
+25
µA


Similar Part No. - TDA9332H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA933XH PHILIPS-TDA933XH Datasheet
230Kb / 56P
   I2C-bus controlled TV display processors
2000 May 08
More results

Similar Description - TDA9332H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA933XH PHILIPS-TDA933XH Datasheet
230Kb / 56P
   I2C-bus controlled TV display processors
2000 May 08
TDA8376 PHILIPS-TDA8376 Datasheet
249Kb / 44P
   I2C-bus controlled PAL/NTSC TV processors
1996 Jan 26
TDA884X PHILIPS-TDA884X Datasheet
419Kb / 68P
   I2C-bus controlled PAL/NTSC/SECAM TV processors
December 16, 1997
TDA837X PHILIPS-TDA837X Datasheet
451Kb / 72P
   I2C-bus controlled economy PAL/NTSC and NTSC TV-processors
1997 Jul 01
TDA9321H PHILIPS-TDA9321H Datasheet
249Kb / 44P
   I2C-bus controlled TV input processor
1998 Dec 16
logo
Integral Corp.
ILA8842 INTEGRAL-ILA8842 Datasheet
159Kb / 14P
   I2C BUS CONTROLLED SINGLE CHIP TV-RECEIVER
logo
KODENSHI_AUK CORP.
KKA8842 KODENSHI-KKA8842 Datasheet
363Kb / 15P
   I2C BUS CONTROLLED SINGLE CHIP TV-RECEIVER
logo
NXP Semiconductors
TDA8366 PHILIPS-TDA8366 Datasheet
414Kb / 48P
   I2C-bus controlled PAL/NTSC TV processor
January 1995
logo
List of Unclassifed Man...
NT6828 ETC-NT6828 Datasheet
1Mb / 31P
   I2C Bus Controlled On-Screen Display
logo
STMicroelectronics
STV223XD STMICROELECTRONICS-STV223XD Datasheet
1Mb / 76P
   I2C BUS-CONTROLLED MULTISTANDARD SINGLE CHIP TV PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com