Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SJA1000T Datasheet(PDF) 5 Page - NXP Semiconductors

Part # SJA1000T
Description  Stand-alone CAN controller
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SJA1000T Datasheet(HTML) 5 Page - NXP Semiconductors

  SJA1000T Datasheet HTML 1Page - NXP Semiconductors SJA1000T Datasheet HTML 2Page - NXP Semiconductors SJA1000T Datasheet HTML 3Page - NXP Semiconductors SJA1000T Datasheet HTML 4Page - NXP Semiconductors SJA1000T Datasheet HTML 5Page - NXP Semiconductors SJA1000T Datasheet HTML 6Page - NXP Semiconductors SJA1000T Datasheet HTML 7Page - NXP Semiconductors SJA1000T Datasheet HTML 8Page - NXP Semiconductors SJA1000T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 68 page
background image
2000 Jan 04
5
Philips Semiconductors
Product specification
Stand-alone CAN controller
SJA1000
5
PINNING
Note
1. XTAL1 and XTAL2 pins should be connected to VSS1 via 15 pF capacitors.
SYMBOL
PIN
DESCRIPTION
AD7 to AD0
2, 1, 28 to 23
multiplexed address/data bus
ALE/AS
3
ALE input signal (Intel mode), AS input signal (Motorola mode)
CS
4
chip select input, LOW level allows access to the SJA1000
RD/E
5
RD signal (Intel mode) or E enable signal (Motorola mode) from the microcontroller
WR
6
WR signal (Intel mode) or RD/WR signal (Motorola mode) from the microcontroller
CLKOUT
7
clock output signal produced by the SJA1000 for the microcontroller; the clock
signal is derived from the built-in oscillator via the programmable divider; the clock
off bit within the clock divider register allows this pin to disable
VSS1
8
ground for logic circuits
XTAL1
9
input to the oscillator amplifier; external oscillator signal is input via this pin; note 1
XTAL2
10
output from the oscillator amplifier; the output must be left open-circuit when an
external oscillator signal is used; note 1
MODE
11
mode select input
1 = selects Intel mode
0 = selects Motorola mode
VDD3
12
5 V supply for output driver
TX0
13
output from the CAN output driver 0 to the physical bus line
TX1
14
output from the CAN output driver 1 to the physical bus line
VSS3
15
ground for output driver
INT
16
interrupt output, used to interrupt the microcontroller; INT is active LOW if any bit of
the internal interrupt register is set; INT is an open-drain output and is designed to
be a wired-OR with other INT outputs within the system; a LOW level on this pin will
reactivate the IC from sleep mode
RST
17
reset input, used to reset the CAN interface (active LOW); automatic power-on reset
can be obtained by connecting RST via a capacitor to VSS and a resistor to VDD
(e.g. C = 1
µF; R = 50 kΩ)
VDD2
18
5 V supply for input comparator
RX0, RX1
19, 20
input from the physical CAN-bus line to the input comparator of the SJA1000;
a dominant level will wake up the SJA1000 if sleeping; a dominant level is read, if
RX1 is higher than RX0 and vice versa for the recessive level; if the CBP bit (see
Table 49) is set in the clock divider register, the CAN input comparator is bypassed
to achieve lower internal delays if an external transceiver circuitry is connected to
the SJA1000; in this case only RX0 is active; HIGH is interpreted as recessive level
and LOW is interpreted as dominant level
VSS2
21
ground for input comparator
VDD1
22
5 V supply for logic circuits


Similar Part No. - SJA1000T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SJA1000T PHILIPS-SJA1000T Datasheet
234Kb / 68P
   Stand-alone CAN controller
2000 Jan 04
More results

Similar Description - SJA1000T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
82C200 PHILIPS-82C200 Datasheet
1Mb / 36P
   Stand-alone CAN-controller
November 1992
SJA1000 PHILIPS-SJA1000 Datasheet
234Kb / 68P
   Stand-alone CAN controller
2000 Jan 04
PCA82C200 PHILIPS-PCA82C200 Datasheet
1Mb / 42P
   STAND-ALONE CAN-CONTROLLER
October 1990
logo
IK Semicon Co., Ltd
IN2515 IKSEMICON-IN2515 Datasheet
540Kb / 17P
   STAND-ALONE CAN CONTROLLER
logo
Microchip Technology
MCP2510-I MICROCHIP-MCP2510-I Datasheet
703Kb / 80P
   Stand-Alone CAN Controller with SPIInterface
12/08/06
MCP2515T-ESTRB4 MICROCHIP-MCP2515T-ESTRB4 Datasheet
633Kb / 84P
   Stand-Alone CAN Controller With SPI Interface
10/05/07
MCP2510I-ST MICROCHIP-MCP2510I-ST Datasheet
1Mb / 80P
   Stand-Alone CAN Controller with SPI??Interface
12/08/06
MCP2515 MICROCHIP-MCP2515 Datasheet
1Mb / 84P
   Stand-Alone CAN Controller With SPI??Interface
2005
MCP2515 MICROCHIP-MCP2515_12 Datasheet
1Mb / 92P
   Stand-Alone CAN Controller with SPI Interface
2003-2012 11/29/11
MCP2515-I MICROCHIP-MCP2515-I Datasheet
1Mb / 92P
   Stand-Alone CAN Controller with SPI Interface
11/29/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com