Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CBT3253A Datasheet(PDF) 2 Page - NXP Semiconductors

Part # CBT3253A
Description  Dual 1-of-4 FET multiplexer/demultiplexer
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CBT3253A Datasheet(HTML) 2 Page - NXP Semiconductors

  CBT3253A Datasheet HTML 1Page - NXP Semiconductors CBT3253A Datasheet HTML 2Page - NXP Semiconductors CBT3253A Datasheet HTML 3Page - NXP Semiconductors CBT3253A Datasheet HTML 4Page - NXP Semiconductors CBT3253A Datasheet HTML 5Page - NXP Semiconductors CBT3253A Datasheet HTML 6Page - NXP Semiconductors CBT3253A Datasheet HTML 7Page - NXP Semiconductors CBT3253A Datasheet HTML 8Page - NXP Semiconductors CBT3253A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
CBT3253A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 3 — 24 September 2013
2 of 15
NXP Semiconductors
CBT3253A
Dual 1-of-4 FET multiplexer/demultiplexer
4.
Functional diagram
Fig 1.
Logic diagram
002aab828
2B4
13
2B3
12
2B2
11
2B1
10
1B4
3
1B3
4
1B2
5
1B1
6
1A
7
2A
9
14
S0
2
S1
1
1OE
15
2OE


Similar Part No. - CBT3253A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CBT3253A NXP-CBT3253A Datasheet
110Kb / 17P
   Dual 1-of-4 FET multiplexer/demultiplexer
Rev. 02-8 February 2007
logo
Nexperia B.V. All right...
CBT3253A NEXPERIA-CBT3253A Datasheet
237Kb / 12P
   Dual 1-of-4 FET multiplexer/demultiplexer
Rev. 6 - 25 February 2021
logo
NXP Semiconductors
CBT3253AD NXP-CBT3253AD Datasheet
110Kb / 17P
   Dual 1-of-4 FET multiplexer/demultiplexer
Rev. 02-8 February 2007
logo
Nexperia B.V. All right...
CBT3253AD NEXPERIA-CBT3253AD Datasheet
237Kb / 12P
   Dual 1-of-4 FET multiplexer/demultiplexer
Rev. 6 - 25 February 2021
logo
NXP Semiconductors
CBT3253ADB NXP-CBT3253ADB Datasheet
110Kb / 17P
   Dual 1-of-4 FET multiplexer/demultiplexer
Rev. 02-8 February 2007
More results

Similar Description - CBT3253A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CB3Q3253 TI-SN74CB3Q3253 Datasheet
338Kb / 13P
[Old version datasheet]   DUAL 1 OF 4 FET MULTIPLEXER/ DEMULTIPLEXER
logo
Nexperia B.V. All right...
CBT3253 NEXPERIA-CBT3253 Datasheet
226Kb / 11P
   Dual 1-of-4 FET multiplexer/demultiplexer
Rev. 4 - 23 March 2021
logo
Texas Instruments
74CB3T3253DGVRE4 TI-74CB3T3253DGVRE4 Datasheet
709Kb / 19P
[Old version datasheet]   DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER
logo
Toshiba Semiconductor
TC7MB3253FT TOSHIBA-TC7MB3253FT Datasheet
129Kb / 8P
   Dual 1-of-4 FET Multiplexer/Demultiplexer
logo
Texas Instruments
SN74CBT3253 TI-SN74CBT3253 Datasheet
571Kb / 14P
[Old version datasheet]   DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER
logo
NXP Semiconductors
CBT3253 PHILIPS-CBT3253 Datasheet
98Kb / 12P
   Dual 1-of-4 FET multiplexer/demultiplexer
2002 Nov 04
logo
Texas Instruments
SN74CBT3253 TI-SN74CBT3253_07 Datasheet
721Kb / 16P
[Old version datasheet]   DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER
logo
NXP Semiconductors
CBT3253A NXP-CBT3253A Datasheet
110Kb / 17P
   Dual 1-of-4 FET multiplexer/demultiplexer
Rev. 02-8 February 2007
logo
Texas Instruments
SN74CB3T3253 TI-SN74CB3T3253 Datasheet
290Kb / 14P
[Old version datasheet]   DUAL 1 OF 4 FET MULTIPLEXER/DEMULTIPLEXER
logo
NXP Semiconductors
CBT3253A PHILIPS-CBT3253A_15 Datasheet
167Kb / 15P
   Dual 1-of-4 FET multiplexer/demultiplexer
Rev. 4-31 October 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com