Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAF7129AH Datasheet(PDF) 21 Page - NXP Semiconductors

Part # SAF7129AH
Description  Digital video encoder
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SAF7129AH Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button SAF7129AH Datasheet HTML 17Page - NXP Semiconductors SAF7129AH Datasheet HTML 18Page - NXP Semiconductors SAF7129AH Datasheet HTML 19Page - NXP Semiconductors SAF7129AH Datasheet HTML 20Page - NXP Semiconductors SAF7129AH Datasheet HTML 21Page - NXP Semiconductors SAF7129AH Datasheet HTML 22Page - NXP Semiconductors SAF7129AH Datasheet HTML 23Page - NXP Semiconductors SAF7129AH Datasheet HTML 24Page - NXP Semiconductors SAF7129AH Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 56 page
background image
2004 Mar 16
21
Philips Semiconductors
Product specification
Digital video encoder
SAF7129AH
Table 19 Subaddress 4EH
Table 20 Subaddress 4FH
Table 21 Subaddress 50H
BIT
SYMBOL
DESCRIPTION
7to6
These 2 bits are reserved; each must be set to logic 0.
5 to 0
FADE1[5:0]
These 6 bits form factor FADE1 which determines the ratio between the MPEG and
video input signal in the resulting video data stream if the key colour 1 is detected in the
MPEG input signal.
FADE1 = 00H: 100% MPEG, 0% video
FADE1 = 3FH: 100% video, 0% MPEG; this is the default value after reset
BIT
SYMBOL
DESCRIPTION
7
CFADEM
0 = fader operates in normal mode; default state after reset
1 = the entire video input stream is faded with the colour stored in the LUT
(subaddresses 51H to 53H) regardless of the MPEG input signal. The colour keys are
disabled.
6
CFADEV
0 = fader operates in normal mode; default state after reset
1 = the entire MPEG input stream is faded with the colour stored in the LUT
(subaddresses 51H to 53H) regardless of the video input signal. The colour keys are
disabled.
5 to 0
FADE2[5:0]
These 6 bits form factor FADE2 which determines the ratio between the LUT colour
values (subaddresses 51H to 53H) and the video input signal in the resulting video data
stream if the key colour 2 is detected in the MPEG input signal.
FADE2 = 00H: 100% LUT colour, 0% video
FADE2 = 3FH: 100% video, 0% LUT colour; this is the default value after reset
BIT
SYMBOL
DESCRIPTION
7to6
These 2 bits are reserved; each must be a logic 0.
5 to 0
FADE3[5:0]
These 6 bits form factor FADE3 which determines the ratio between the MPEG and
video input signal in the resulting video data stream if neither the key colour 1 nor the
key colour 2 is detected in the MPEG input signal.
FADE3 = 00H: 100% MPEG, 0% video
FADE3 = 3FH: 100% video, 0% MPEG; this is the default value after reset


Similar Part No. - SAF7129AH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAF7113 PHILIPS-SAF7113 Datasheet
281Kb / 80P
   9-bit video input processor
2000 May 08
SAF7113H PHILIPS-SAF7113H Datasheet
281Kb / 80P
   9-bit video input processor
2000 May 08
SAF7115 NXP-SAF7115 Datasheet
216Kb / 35P
   Multistandard video decoder with super-adaptive comb filter,
Rev. 01-15 October 2008
SAF7115ET NXP-SAF7115ET Datasheet
216Kb / 35P
   Multistandard video decoder with super-adaptive comb filter,
Rev. 01-15 October 2008
SAF7115HW NXP-SAF7115HW Datasheet
216Kb / 35P
   Multistandard video decoder with super-adaptive comb filter,
Rev. 01-15 October 2008
More results

Similar Description - SAF7129AH

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD1916R SONY-CXD1916R Datasheet
354Kb / 50P
   Digital Video Encoder
logo
NXP Semiconductors
SAA7128H PHILIPS-SAA7128H Datasheet
192Kb / 56P
   Digital video encoder
2000 Mar 08
SAA7104E PHILIPS-SAA7104E Datasheet
360Kb / 70P
   Digital video encoder
2004 Mar 04
SAA7102 NXP-SAA7102_06 Datasheet
420Kb / 84P
   Digital video encoder
Rev. 04-18 January 2006
logo
Sony Corporation
CXD1910AQ SONY-CXD1910AQ Datasheet
215Kb / 28P
   Digital Video Encoder
logo
Rohm
BU9969KN ROHM-BU9969KN Datasheet
404Kb / 6P
   Digital video encoder
logo
Sony Corporation
CXD1913AQ SONY-CXD1913AQ Datasheet
405Kb / 36P
   Digital Video Encoder
logo
NXP Semiconductors
SAA7128A PHILIPS-SAA7128A Datasheet
262Kb / 55P
   Digital video encoder
2003 Dec 09
SAA7105E NXP-SAA7105E_05 Datasheet
371Kb / 78P
   Digital video encoder
Rev. 02-23 December 2005
SAA7104H PHILIPS-SAA7104H Datasheet
354Kb / 71P
   Digital video encoder
2004 Mar 04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com