Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PZU2.7DB2 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PZU2.7DB2
Description  Dual Zener diodes
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PZU2.7DB2 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PZU2.7DB2 Datasheet HTML 3Page - NXP Semiconductors PZU2.7DB2 Datasheet HTML 4Page - NXP Semiconductors PZU2.7DB2 Datasheet HTML 5Page - NXP Semiconductors PZU2.7DB2 Datasheet HTML 6Page - NXP Semiconductors PZU2.7DB2 Datasheet HTML 7Page - NXP Semiconductors PZU2.7DB2 Datasheet HTML 8Page - NXP Semiconductors PZU2.7DB2 Datasheet HTML 9Page - NXP Semiconductors PZU2.7DB2 Datasheet HTML 10Page - NXP Semiconductors PZU2.7DB2 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
PZUXDB2_SER_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 31 March 2008
7 of 12
NXP Semiconductors
PZUxDB2 series
Dual Zener diodes
8.
Test information
8.1 Quality information
This product has been qualified in accordance with the Automotive Electronics Council
(AEC) standard
Q101 - Stress test qualification for discrete semiconductors, and is
suitable for use in automotive applications.
Tj =25 °C
PZU2.7DB2 to PZU6.2DB2
PZU2.7DB2/DG to PZU6.2DB2/DG
Tj =25 °C
PZU6.8DB2 to PZU24DB2
PZU6.8DB2/DG to PZU24DB2/DG
Fig 5.
Working current as a function of working
voltage; typical values
Fig 6.
Working current as a function of working
voltage; typical values
006aab217
10−1
10−2
10
1
102
IZ
(mA)
10−3
VZ (V)
07
56
4
3
12
VZ(nom) (V) = 2.7
5.1
5.6
6.2
3.0
3.3
3.6
3.9
4.3
4.7
006aab218
10−1
10−2
10
1
102
IZ
(mA)
10−3
VZ (V)
025
20
10
15
5
7.5
16
18
20
22
24
8.2
9.1
10
11
12
13
14
15
VZ(nom) (V) = 6.8


Similar Part No. - PZU2.7DB2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PZU2.7DB2 NXP-PZU2.7DB2 Datasheet
124Kb / 12P
   Dual Zener diodes
Rev. 01-31 March 2008
PZU2.7DB2 NXP-PZU2.7DB2 Datasheet
124Kb / 12P
   Dual Zener diodes
Rev. 01-31 March 2008
logo
Nexperia B.V. All right...
PZU2.7DB2 NEXPERIA-PZU2.7DB2 Datasheet
238Kb / 13P
   Dual Zener diodes
Rev. 01 - 31 March 2008
logo
NXP Semiconductors
PZU2.7DB2/DG NXP-PZU2.7DB2/DG Datasheet
124Kb / 12P
   Dual Zener diodes
Rev. 01-31 March 2008
logo
Nexperia B.V. All right...
PZU2.7DB2/DG NEXPERIA-PZU2.7DB2/DG Datasheet
238Kb / 13P
   Dual Zener diodes
Rev. 01 - 31 March 2008
More results

Similar Description - PZU2.7DB2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PZU30DB2 NXP-PZU30DB2 Datasheet
124Kb / 12P
   Dual Zener diodes
Rev. 01-31 March 2008
PZUXDB2 NXP-PZUXDB2 Datasheet
124Kb / 12P
   Dual Zener diodes
Rev. 01-31 March 2008
BZB84-C20 NXP-BZB84-C20 Datasheet
90Kb / 14P
   Dual Zener diodes
Rev. 03-9 June 2009
logo
Nexperia B.V. All right...
BZB84_SER NEXPERIA-BZB84_SER Datasheet
2Mb / 14P
   Dual Zener diodes
Rev. 03 - 9 June 2009
logo
NXP Semiconductors
BZB84 NXP-BZB84 Datasheet
90Kb / 14P
   Dual Zener diodes
Rev. 03-9 June 2009
logo
General Semiconductor
AZ23-C2V7 GE-AZ23-C2V7 Datasheet
387Kb / 8P
   DUAL ZENER DIODES
logo
Nexperia B.V. All right...
PZUXDB2_SER NEXPERIA-PZUXDB2_SER Datasheet
238Kb / 13P
   Dual Zener diodes
Rev. 01 - 31 March 2008
logo
NXP Semiconductors
PZU7.5DB2 NXP-PZU7.5DB2 Datasheet
124Kb / 12P
   Dual Zener diodes
Rev. 01-31 March 2008
BZB84-B3V0 NXP-BZB84-B3V0 Datasheet
90Kb / 14P
   Dual Zener diodes
Rev. 03-9 June 2009
CD74ACT573M NXP-CD74ACT573M Datasheet
90Kb / 14P
   Dual Zener diodes
Rev. 03-9 June 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com