Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA9554APW,118 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCA9554APW,118
Description  8-bit I2C-bus and SMBus I/O port with interrupt
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9554APW,118 Datasheet(HTML) 3 Page - NXP Semiconductors

  PCA9554APW,118 Datasheet HTML 1Page - NXP Semiconductors PCA9554APW,118 Datasheet HTML 2Page - NXP Semiconductors PCA9554APW,118 Datasheet HTML 3Page - NXP Semiconductors PCA9554APW,118 Datasheet HTML 4Page - NXP Semiconductors PCA9554APW,118 Datasheet HTML 5Page - NXP Semiconductors PCA9554APW,118 Datasheet HTML 6Page - NXP Semiconductors PCA9554APW,118 Datasheet HTML 7Page - NXP Semiconductors PCA9554APW,118 Datasheet HTML 8Page - NXP Semiconductors PCA9554APW,118 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
PCA9554_9554A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 9 — 19 March 2013
3 of 35
NXP Semiconductors
PCA9554; PCA9554A
8-bit I2C-bus and SMBus I/O port with interrupt
PCA9554ADB
PCA9554ADB,112
SSOP16
Standard marking *
IC’s tube - DSC bulk pack
1092
Tamb = 40 Cto+85 C
PCA9554ADB,118
SSOP16
Reel 13” Q1/T1
*standard mark SMD
2000
Tamb = 40 Cto+85 C
PCA9554TS
PCA9554TS,112
SSOP20
Standard marking *
IC’s tube - DSC bulk pack
1350
Tamb = 40 Cto+85 C
PCA9554TS,118
SSOP20
Reel 13” Q1/T1
*standard mark SMD
2500
Tamb = 40 Cto+85 C
PCA9554ATS
PCA9554ATS,112
SSOP20
Standard marking *
IC’s tube - DSC bulk pack
1350
Tamb = 40 Cto+85 C
PCA9554ATS,118
SSOP20
Reel 13” Q1/T1
*standard mark SMD
2500
Tamb = 40 Cto+85 C
PCA9554PW
PCA9554PW,112
TSSOP16 Standard marking *
IC’s tube - DSC bulk pack
2400
Tamb = 40 Cto+85 C
PCA9554PW,118
TSSOP16 Reel 13” Q1/T1
*standard mark SMD
2500
Tamb = 40 Cto+85 C
PCA9554PW/Q900 PCA9554PW/Q900,118 TSSOP16 Reel 13” Q1/T1
*standard mark SMD
2500
Tamb = 40 Cto+85 C
PCA9554APW
PCA9554APW,112
TSSOP16 Standard marking *
IC’s tube - DSC bulk pack
2400
Tamb = 40 Cto+85 C
PCA9554APW,118
TSSOP16 Reel 13” Q1/T1
*standard mark SMD
2500
Tamb = 40 Cto+85 C
PCA9554BS
PCA9554BS,118
HVQFN16 Reel 13” Q1/T1
*standard mark SMD
6000
Tamb = 40 Cto+85 C
PCA9554ABS
PCA9554ABS,118
HVQFN16 Reel 13” Q1/T1
*standard mark SMD
6000
Tamb = 40 Cto+85 C
PCA9554BS3
PCA9554BS3,118
HVQFN16 Reel 13” Q1/T1
*standard mark SMD
6000
Tamb = 40 Cto+85 C
PCA9554ABS3
PCA9554ABS3,118
HVQFN16 Reel 13” Q1/T1
*standard mark SMD
6000
Tamb = 40 Cto+85 C
PCA9554U
PCA9554U,029
bare die
Reel 7” Q1/T1 *no mark
die mounted on punched
tape
7000
Tamb = 40 Cto+85 C
Table 2.
Ordering options …continued
Type number
Orderable
part number
Package
Packing method
Minimum
order
quantity
Temperature


Similar Part No. - PCA9554APW,118

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9554APW PHILIPS-PCA9554APW Datasheet
183Kb / 20P
   8-bit I2C and SMBus I/O port with interrupt
2004 Sep 30
logo
Texas Instruments
PCA9554APW TI-PCA9554APW Datasheet
650Kb / 33P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
logo
NXP Semiconductors
PCA9554APW NXP-PCA9554APW Datasheet
187Kb / 30P
   8-bit I2C-bus and SMBus I/O port with interrupt
Rev. 07-13 November 2006
logo
Texas Instruments
PCA9554APW TI1-PCA9554APW Datasheet
1Mb / 40P
[Old version datasheet]   SMBus I/O Expander With Interrupt Output
PCA9554APWG4 TI-PCA9554APWG4 Datasheet
650Kb / 33P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
More results

Similar Description - PCA9554APW,118

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9554D,112 NXP-PCA9554D,112 Datasheet
590Kb / 35P
   8-bit I2C-bus and SMBus I/O port with interrupt
Rev. 9-19 March 2013
PCA9554 NXP-PCA9554 Datasheet
187Kb / 30P
   8-bit I2C-bus and SMBus I/O port with interrupt
Rev. 07-13 November 2006
logo
Catalyst Semiconductor
CAT9554A CATALYST-CAT9554A Datasheet
267Kb / 16P
   8-bit I2C and SMBus I/O Port with Interrupt
logo
NXP Semiconductors
PCA9554 PHILIPS-PCA9554 Datasheet
183Kb / 20P
   8-bit I2C and SMBus I/O port with interrupt
2004 Sep 30
PCA9555 NXP-PCA9555_13 Datasheet
583Kb / 34P
   16-bit I2C-bus and SMBus I/O port with interrupt
Rev. 08-22 October 2009
PCA9534 NXP-PCA9534 Datasheet
163Kb / 25P
   8-bit I2C-bus and SMBus low power I/O port with interrupt
Rev. 03-6 November 2006
logo
Pericom Semiconductor C...
PI4IOE5V9555 PERICOM-PI4IOE5V9555 Datasheet
127Kb / 1P
   16-bit I2C-bus and SMBus I/O port with interrupt
logo
NXP Semiconductors
PCA9555D-T NXP-PCA9555D-T Datasheet
583Kb / 34P
   16-bit I2C-bus and SMBus I/O port with interrupt
Rev. 08-22 October 2009
PCA9555 NXP-PCA9555 Datasheet
583Kb / 34P
   16-bit I2C-bus and SMBus I/O port with interrupt
Rev. 08-22 October 2009
logo
ON Semiconductor
CAT9557 ONSEMI-CAT9557 Datasheet
171Kb / 17P
   8-Bit I2C-Bus and SMBus I/O Port
March, 2011 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com