Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVC2G17GS Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 74LVC2G17GS
Description  Dual non-inverting Schmitt trigger with 5 V tolerant input
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC2G17GS Datasheet(HTML) 1 Page - NXP Semiconductors

  74LVC2G17GS Datasheet HTML 1Page - NXP Semiconductors 74LVC2G17GS Datasheet HTML 2Page - NXP Semiconductors 74LVC2G17GS Datasheet HTML 3Page - NXP Semiconductors 74LVC2G17GS Datasheet HTML 4Page - NXP Semiconductors 74LVC2G17GS Datasheet HTML 5Page - NXP Semiconductors 74LVC2G17GS Datasheet HTML 6Page - NXP Semiconductors 74LVC2G17GS Datasheet HTML 7Page - NXP Semiconductors 74LVC2G17GS Datasheet HTML 8Page - NXP Semiconductors 74LVC2G17GS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1.
General description
The 74LVC2G17 provides two non-inverting buffers with Schmitt trigger input. It is capable
of transforming slowly changing input signals into sharply defined, jitter-free output
signals.
Inputs can be driven from either 3.3 V or 5 V devices. This feature allows the use of these
devices as translators in a mixed 3.3 V and 5 V environment.
This device is fully specified for partial power-down applications using IOFF.
The IOFF circuitry disables the output, preventing the damaging backflow current through
the device when it is powered down.
2.
Features and benefits
Wide supply voltage range from 1.65 V to 5.5 V
5 V tolerant input/output for interfacing with 5 V logic
High noise immunity
Complies with JEDEC standard:
JESD8-7 (1.65 V to 1.95 V)
JESD8-5 (2.3 V to 2.7 V)
JESD-8B/JESD36 (2.7 V to 3.6 V)
ESD protection:
HBM JESD22-A114F exceeds 2000 V
MM JESD22-A115-A exceeds 200 V
24 mA output drive (V
CC =3.0 V)
CMOS low-power consumption
Latch-up performance exceeds 250 mA
Direct interface with TTL levels
Multiple package options
Specified from
40 Cto+85 C and 40 Cto+125 C
3.
Applications
Wave and pulse shapers for highly noisy environments
74LVC2G17
Dual non-inverting Schmitt trigger with 5 V tolerant input
Rev. 8 — 2 May 2013
Product data sheet


Similar Part No. - 74LVC2G17GS

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LVC2G17GS NEXPERIA-74LVC2G17GS Datasheet
258Kb / 17P
   Dual non-inverting Schmitt trigger with 5 V tolerant input
Rev. 11 - 24 January 2022
More results

Similar Description - 74LVC2G17GS

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LVC2G17 NEXPERIA-74LVC2G17 Datasheet
258Kb / 17P
   Dual non-inverting Schmitt trigger with 5 V tolerant input
Rev. 11 - 24 January 2022
74LVC2G17-Q100 NEXPERIA-74LVC2G17-Q100 Datasheet
225Kb / 13P
   Dual non-inverting Schmitt trigger with 5 V tolerant input
Rev. 5 - 24 January 2022
logo
NXP Semiconductors
74LVC2G17-Q100 NXP-74LVC2G17-Q100 Datasheet
120Kb / 16P
   Dual non-inverting Schmitt trigger with 5 V tolerant input
Rev. 1-7 August 2012
74LVC2G17 NXP-74LVC2G17 Datasheet
98Kb / 16P
   Dual non-inverting Schmitt trigger with 5 V tolerant input
Rev. 04-9 October 2006
logo
Integrated Circuit Syst...
74LVC2G17 ICST-74LVC2G17 Datasheet
84Kb / 16P
   Dual non-inverting Schmitt-trigger with 5 V tolerant input
logo
NXP Semiconductors
74LVC2G17 PHILIPS-74LVC2G17 Datasheet
96Kb / 17P
   Dual non-inverting Schmitt-trigger with 5 V tolerant input
2004 Sep 08
74LVC2G14 PHILIPS-74LVC2G14 Datasheet
97Kb / 17P
   Dual inverting Schmitt-trigger with 5 V tolerant input
2004 Sep 08
74LVC2G14 NXP-74LVC2G14 Datasheet
93Kb / 17P
   Dual inverting Schmitt trigger with 5 V tolerant input
Rev. 04-4 September 2007
logo
Nexperia B.V. All right...
74LVC2G14-Q100 NEXPERIA-74LVC2G14-Q100 Datasheet
238Kb / 16P
   Dual inverting Schmitt trigger with 5 V tolerant input
74LVC2G14 NEXPERIA-74LVC2G14 Datasheet
266Kb / 17P
   Dual inverting Schmitt trigger with 5 V tolerant input
Rev. 13 - 24 January 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com