Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HC4066D Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 74HC4066D
Description  Quad single-pole single-throw analog switch
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC4066D Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74HC4066D Datasheet HTML 5Page - NXP Semiconductors 74HC4066D Datasheet HTML 6Page - NXP Semiconductors 74HC4066D Datasheet HTML 7Page - NXP Semiconductors 74HC4066D Datasheet HTML 8Page - NXP Semiconductors 74HC4066D Datasheet HTML 9Page - NXP Semiconductors 74HC4066D Datasheet HTML 10Page - NXP Semiconductors 74HC4066D Datasheet HTML 11Page - NXP Semiconductors 74HC4066D Datasheet HTML 12Page - NXP Semiconductors 74HC4066D Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
74HC_HCT4066
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 7 — 2 April 2013
9 of 25
NXP Semiconductors
74HC4066; 74HCT4066
Quad single-pole single-throw analog switch
10. Dynamic characteristics
[1]
Typical values are measured at Tamb = 25 C.
[2]
tpd is the same as tPHL and tPLH.
[3]
ton is the same as tPHZ and tPLZ.
Vis = VCC and Vos = GND
Vis = GND and Vos = VCC
Vis = VCC and Vos = open
Vis = GND and Vos = open
Fig 8.
Test circuit for measuring OFF-state leakage
current
Fig 9.
Test circuit for measuring ON-state leakage
current
ISW
ISW
aaa-003456
VIL
Z
VCC
Yn
E
Vos
Vis
GND
ISW
aaa-003457
VIH
ZYn
E
Vos
Vis
GND
VCC
Table 9.
Dynamic characteristics 74HC4066
GND = 0 V; tr = tf = 6 ns; CL = 50 pF unless specified otherwise; for test circuit see Figure 12.
Vis is the input voltage at a Yn or Z terminal, whichever is assigned as an input.
Vos is the output voltage at a Yn or Z terminal, whichever is assigned as an output.
Symbol Parameter
Conditions
40 C to +85 C
40 C to +125 C Unit
Min
Typ[1]
Max
Min
Max
tpd
propagation delay
nY to nZ or nZ to nY; RL =  ;
see Figure 10
[2]
VCC = 2.0 V
-
8
75
-
90
ns
VCC = 4.5 V
-
3
15
-
18
ns
VCC = 6.0 V
-
2
13
-
15
ns
VCC = 9.0 V
-
2
10
-
12
ns
toff
turn-off time
nE to nY or nZ; see Figure 11
[4]
VCC = 2.0 V
-
44
190
-
225
ns
VCC = 4.5 V
-
16
38
-
45
ns
VCC = 5.0 V; CL = 15 pF
-
13
-
-
-
ns
VCC = 6.0 V
-
13
33
-
38
ns
VCC = 9.0 V
-
16
26
-
30
ns
ton
turn-on time
nE to nY or nZ; see Figure 11
[3]
VCC = 2.0 V
-
36
125
-
150
ns
VCC = 4.5 V
-
13
25
-
30
ns
VCC = 5.0 V; CL = 15 pF
-
11
-
-
-
ns
VCC = 6.0 V
-
10
21
-
26
ns
VCC = 9.0 V
-
8
16
-
20
ns
CPD
power dissipation
capacitance
per switch; VI = GND to VCC
[5]
11
-
-
-
pF


Similar Part No. - 74HC4066D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC4066D PHILIPS-74HC4066D Datasheet
175Kb / 24P
   Quad bilateral switches
1998 Nov 10
74HC4066D PHILIPS-74HC4066D Datasheet
183Kb / 27P
   Quad bilateral swiches
2004 Nov 11
74HC4066D NXP-74HC4066D Datasheet
452Kb / 25P
   Quad single-pole single-throw analog switch
Rev. 7-2 April 2013
logo
Toshiba Semiconductor
74HC4066D TOSHIBA-74HC4066D Datasheet
254Kb / 12P
   CMOS Digital Integrated Circuits Silicon Monolithic
2020-11-24 Rev.2.0
logo
Nexperia B.V. All right...
74HC4066D NEXPERIA-74HC4066D Datasheet
316Kb / 21P
   Quad single-pole single-throw analog switch
Rev. 10 - 8 June 2021
More results

Similar Description - 74HC4066D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4066B NXP-HEF4066B Datasheet
127Kb / 16P
   Quad single-pole single-throw analog switch
Rev. 7-16 November 2011
logo
Nexperia B.V. All right...
74HCT4066 NEXPERIA-74HCT4066 Datasheet
316Kb / 21P
   Quad single-pole single-throw analog switch
Rev. 10 - 8 June 2021
74HC4066-Q100 NEXPERIA-74HC4066-Q100 Datasheet
1Mb / 23P
   Quad single-pole single-throw analog switch
74HC4016 NEXPERIA-74HC4016 Datasheet
847Kb / 21P
   Quad single-pole single-throw analog switch
Rev. 3 - 12 December 2016
HEF4066B NEXPERIA-HEF4066B Datasheet
244Kb / 13P
   Quad single-pole single-throw analog switch
Rev. 10 - 21 December 2021
74HC4316 NEXPERIA-74HC4316 Datasheet
327Kb / 23P
   Quad single-pole single-throw analog switch
Rev. 6 - 10 September 2021
74HCT4066-Q100 NEXPERIA-74HCT4066-Q100 Datasheet
306Kb / 20P
   Quad single-pole single-throw analog switch
Rev. 4 - 14 April 2020
logo
NXP Semiconductors
74HC_HCT4066 PHILIPS-74HC_HCT4066_15 Datasheet
452Kb / 25P
   Quad single-pole single-throw analog switch
Rev. 7-2 April 2013
logo
Nexperia B.V. All right...
HEF4066B-Q100 NEXPERIA-HEF4066B-Q100 Datasheet
797Kb / 15P
   Quad single-pole single-throw analog switch
HEF4016B NEXPERIA-HEF4016B Datasheet
239Kb / 13P
   Quad single-pole single-throw analog switch
Rev. 5 - 26 November 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com