Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HCT74N Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74HCT74N
Description  Dual D-type flip-flop with set and reset; positive edge-trigger
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT74N Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74HCT74N Datasheet HTML 4Page - NXP Semiconductors 74HCT74N Datasheet HTML 5Page - NXP Semiconductors 74HCT74N Datasheet HTML 6Page - NXP Semiconductors 74HCT74N Datasheet HTML 7Page - NXP Semiconductors 74HCT74N Datasheet HTML 8Page - NXP Semiconductors 74HCT74N Datasheet HTML 9Page - NXP Semiconductors 74HCT74N Datasheet HTML 10Page - NXP Semiconductors 74HCT74N Datasheet HTML 11Page - NXP Semiconductors 74HCT74N Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
74HC_HCT74
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 4 — 27 August 2012
8 of 21
NXP Semiconductors
74HC74; 74HCT74
Dual D-type flip-flop with set and reset; positive edge-trigger
tsu
set-up time
nD to nCP; see Figure 7
VCC = 2.0 V
75
6
-
90
-
ns
VCC = 4.5 V
15
2
-
18
-
ns
VCC = 6.0 V
13
2
-
15
-
ns
th
hold time
nD to nCP; see Figure 7
VCC = 2.0 V
3
6-
3
-
ns
VCC = 4.5 V
3
2-
3
-
ns
VCC = 6.0 V
3
2-
3
-
ns
fmax
maximum
frequency
nCP; see Figure 7
VCC = 2.0 V
4.8
23
-
4.0
-
MHz
VCC = 4.5 V
24
69
-
20
-
MHz
VCC =5V; CL =15pF
-
76
-
-
-
MHz
VCC = 6.0 V
28
82
-
24
-
MHz
CPD
power
dissipation
capacitance
CL =50pF;f= 1 MHz;
VI =GND to VCC
[4]
-24
-
-
-
pF
74HCT74
tpd
propagation
delay
nCP to nQ, nQ; see
Figure 7
[2]
VCC = 4.5 V
-
18
44
-
53
ns
VCC =5V; CL =15pF
-
15
-
-
-
ns
nSD to nQ, nQ; see
Figure 8
[2]
VCC = 4.5 V
-
23
50
-
60
ns
VCC =5V; CL =15pF
-
18
-
-
-
ns
nRD to nQ, nQ; see
Figure 8
[2]
VCC = 4.5 V
-
24
50
-
60
ns
VCC =5V; CL =15pF
-
18
-
-
-
ns
tt
transition
time
nQ, nQ; see Figure 7
[3]
VCC = 4.5 V
-
7
19
-
22
ns
tW
pulse width
nCP HIGH or LOW;
see Figure 7
VCC = 4.5 V
23
9
-
27
-
ns
nSD, nRD LOW;
see Figure 8
VCC = 4.5 V
20
9
-
24
-
ns
trec
recovery
time
nSD, nRD; see Figure 8
VCC = 4.5 V
8
1
-
9
-
ns
tsu
set-up time
nD to nCP; see Figure 7
VCC = 4.5 V
15
5
-
18
-
ns
Table 8.
Dynamic characteristics …continued
Voltages are referenced to GND (ground = 0 V); CL = 50 pF unless otherwise specified; for test circuit see Figure 9.
Symbol Parameter
Conditions
Tamb = 40 C to +85 C
Tamb = 40 C to +125 C Unit
Min
Typ[1]
Max
Min
Max


Similar Part No. - 74HCT74N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT74N PHILIPS-74HCT74N Datasheet
120Kb / 22P
   Dual D-type flip-flop with set and reset; positive-edge trigger
2003 Jul 10
74HCT74N NXP-74HCT74N Datasheet
175Kb / 21P
   Dual D-type flip-flop with set and reset; positive edge-trigger
Rev. 4-27 August 2012
74HCT74N PHILIPS-74HCT74N Datasheet
175Kb / 21P
   Dual D-type flip-flop with set and reset; positive edge-trigger
Rev. 4-27 August 2012
74HCT74N PHILIPS-74HCT74N Datasheet
193Kb / 22P
   Dual D-type flip-flop with set and reset; positive edge-trigger
Rev. 4-27 August 2012
More results

Similar Description - 74HCT74N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC74A PHILIPS-74LVC74A Datasheet
99Kb / 10P
   Dual D-type flip-flop with set and reset; positive-edge trigger
1998 Jun 17
logo
Integral Corp.
IN74LV74 INTEGRAL-IN74LV74 Datasheet
161Kb / 7P
   Dual D-type flip-flop with set and reset; positive-edge trigger
logo
Nexperia B.V. All right...
74HC74-Q100 NEXPERIA-74HC74-Q100 Datasheet
798Kb / 19P
   Dual D-type flip-flop with set and reset; positive edge-trigger
74LVC74A-Q100 NEXPERIA-74LVC74A-Q100 Datasheet
722Kb / 18P
   Dual D-type flip-flop with set and reset; positive-edge trigger
74LV74 NEXPERIA-74LV74 Datasheet
251Kb / 15P
   Dual D-type flip-flop with set and reset; positive-edge trigger
Rev. 5 - 24 March 2021
74LV74-Q100 NEXPERIA-74LV74-Q100 Datasheet
1Mb / 17P
   Dual D-type flip-flop with set and reset; positive-edge trigger
74AHC74-Q100 NEXPERIA-74AHC74-Q100 Datasheet
752Kb / 19P
   Dual D-type flip-flop with set and reset positive-edge trigger
74ABT74 NEXPERIA-74ABT74 Datasheet
227Kb / 13P
   Dual D-type flip-flop with set and reset; positive edge-trigger
Rev. 3 - 12 October 2020
74LVC74A NEXPERIA-74LVC74A Datasheet
266Kb / 16P
   Dual D-type flip-flop with set and reset; positive-edge trigger
Rev. 9 - 20 August 2021
logo
NXP Semiconductors
74LV74 PHILIPS-74LV74 Datasheet
125Kb / 12P
   Dual D-type flip-flop with set and reset; positive-edge trigger
1998 Apr 20
74HC74D-T NXP-74HC74D-T Datasheet
125Kb / 22P
   Dual D-type flip-flop with set and reset; positive-edge trigger
2003 Jul 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com