Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPH0611LR5H-1 Datasheet(PDF) 3 Page - Knowles Electronics

Part # SPH0611LR5H-1
Description  Precision High SNR Zero-Height SiSonicTM Microphone
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNOWLES [Knowles Electronics]
Direct Link  http://www.knowles.com
Logo KNOWLES - Knowles Electronics

SPH0611LR5H-1 Datasheet(HTML) 3 Page - Knowles Electronics

  SPH0611LR5H-1 Datasheet HTML 1Page - Knowles Electronics SPH0611LR5H-1 Datasheet HTML 2Page - Knowles Electronics SPH0611LR5H-1 Datasheet HTML 3Page - Knowles Electronics SPH0611LR5H-1 Datasheet HTML 4Page - Knowles Electronics SPH0611LR5H-1 Datasheet HTML 5Page - Knowles Electronics SPH0611LR5H-1 Datasheet HTML 6Page - Knowles Electronics SPH0611LR5H-1 Datasheet HTML 7Page - Knowles Electronics SPH0611LR5H-1 Datasheet HTML 8Page - Knowles Electronics SPH0611LR5H-1 Datasheet HTML 9Page - Knowles Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Revision: A
4/11/2013
Sheet 3 of 11
©2013 Knowles Electronics
SPH0611LR5H-1
3.
FREQUENCY RESPONSE CURVE
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
2
4
6
8
10
12
14
16
18
20
100
1,000
10,000
Frequency (Hz)
Typical Free Field Response
Normalized to 1 kHz


Similar Part No. - SPH0611LR5H-1

ManufacturerPart #DatasheetDescription
logo
Knowles Electronics
SPH0641LM4H-1 KNOWLES-SPH0641LM4H-1 Datasheet
147Kb / 1P
   Mics on Flex, 2 Pack, SPH0641LM4H-1, MORELLO, Bottom Port PDM
SPH0641LU4H-1 KNOWLES-SPH0641LU4H-1 Datasheet
921Kb / 15P
   Digital Zero-Height SiSonicTM Microphone With Multi-Mode And Ultrasonic Support
SPH0644LM4H-1 KNOWLES-SPH0644LM4H-1 Datasheet
1Mb / 11P
   MULTIMODE DIGITAL BOTTOM PORT SISONIC MICROPHONE
SPH0645LM4H-B KNOWLES-SPH0645LM4H-B Datasheet
1Mb / 12P
   I2S Output Digital Microphone
More results

Similar Description - SPH0611LR5H-1

ManufacturerPart #DatasheetDescription
logo
Knowles Electronics
SPH1611LR5H-1 KNOWLES-SPH1611LR5H-1 Datasheet
624Kb / 11P
   Precision High SNR Zero-Height SiSonicTM Microphone
SPK0415HM4H-B KNOWLES-SPK0415HM4H-B Datasheet
686Kb / 13P
   Digital High-SNR SiSonicTM Microphone
SPK0838HT4H-B KNOWLES-SPK0838HT4H-B Datasheet
711Kb / 13P
   Digital High-SNR SiSonicTM Microphone
SPV1840LR5H-B KNOWLES-SPV1840LR5H-B Datasheet
888Kb / 11P
   Zero-Height SiSonicTM Microphone
SPV0840LR5H-B KNOWLES-SPV0840LR5H-B Datasheet
768Kb / 11P
   Zero-Height SiSonicTM Microphone
SPU0410LR5H-QB KNOWLES-SPU0410LR5H-QB Datasheet
907Kb / 11P
   Zero-Height SiSonicTM Microphone
SPK0833LM4H-B KNOWLES-SPK0833LM4H-B Datasheet
789Kb / 13P
   Digital Zero-Height SiSonicTM Microphone
logo
List of Unclassifed Man...
SP0102BE3 ETC1-SP0102BE3 Datasheet
385Kb / 10P
   Zero Height SiSonicTM Microphone Specification
logo
Knowles Electronics
SPM1423HM4H-B KNOWLES-SPM1423HM4H-B Datasheet
1Mb / 11P
   Digital Mini High SNR SiSonicTM Microphone Specification
SPA2410LR5H-B KNOWLES-SPA2410LR5H-B Datasheet
471Kb / 11P
   Low Noise Zero-Height SiSonicTM Microphone
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com