Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE12S0A0V10PNFA Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # NE12S0A0V10PNFA
Description  Delphi NE Series Non-Isolated Point of Load DC/DC Modules: 3.0~13.8Vin, 0.59V-5.1Vout, 10Aout
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

NE12S0A0V10PNFA Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  NE12S0A0V10PNFA Datasheet HTML 1Page - Delta Electronics, Inc. NE12S0A0V10PNFA Datasheet HTML 2Page - Delta Electronics, Inc. NE12S0A0V10PNFA Datasheet HTML 3Page - Delta Electronics, Inc. NE12S0A0V10PNFA Datasheet HTML 4Page - Delta Electronics, Inc. NE12S0A0V10PNFA Datasheet HTML 5Page - Delta Electronics, Inc. NE12S0A0V10PNFA Datasheet HTML 6Page - Delta Electronics, Inc. NE12S0A0V10PNFA Datasheet HTML 7Page - Delta Electronics, Inc. NE12S0A0V10PNFA Datasheet HTML 8Page - Delta Electronics, Inc. NE12S0A0V10PNFA Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
DATASHEET
DS_NE12S10A_07092013
FEATURES
High Efficiency:
94.0% @ 12Vin, 5V/10A out
Size: Vertical :
10.4mm x 16.5mm x 11.0 mm
(0.41
” × 0.65” × 0.43”)
Horizontal :
10.4mm x 16.5mm x 11.5 mm
(0.41
” × 0.65” × 0.45”)
Wide input range: 3.0V~13.8V
Output voltage programmable from
0.59Vdc to 5.1Vdc via external resistors
No minimum load required
Fixed frequency operation
Input UVLO, output OCP
Remote ON/OFF (Positive, 5pin version)
ISO 9001, TL 9000, ISO 14001, QS9000,
OHSAS18001 certified manufacturing facility
UL/cUL 60950-1 (US & Canada) Recognized
APPLICATIONS
DataCom
Distributed power architectures
Servers and workstations
LAN/WAN applications
Data processing applications
OPTIONS
Vertical or horizontal versions
Delphi NE Series Non-Isolated Point of Load
DC/DC Modules: 3.0~13.8Vin, 0.59V-5.1Vout, 10Aout
The Delphi NE 10A Series, 3.0~13.8V wide input, wide trim single
output, non-isolated point of load (POL) DC/DC converters are the latest
offering from a world leader in power systems technology and
manufacturing — Delta Electronics, Inc. The NE product family is the
second generation, non-isolated point-of-load DC/DC power modules
which cut the module size by almost 50% in most of the cases
compared to the first generation NC series POL modules. The NE 10A
product family provides an ultra wide input range to support 3.3V, 5V,
8V, 9.6V, and 12V bus voltage point-of-load applications and it offers up
to 10A of output current in a vertically or horizontally mounted
through-hole miniature package and the output can be resistor trimmed
from 0.59Vdc to 5.1Vdc. It provides a very cost effective, high efficiency,
and high density point of load solution. With creative design technology
and optimization of component placement, these converters possess
outstanding electrical and thermal performance, as well as extremely
high reliability under highly stressful operating conditions.


Similar Part No. - NE12S0A0V10PNFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
NE12S0A0V10PNFA DELTA-NE12S0A0V10PNFA Datasheet
607Kb / 12P
   Delphi NE Series Non-Isolated Point of Load DC/DC Modules: 3.0~13.8Vin, 0.59V-5.1Vout, 10Aout
NE12S0A0V10PNFA DELTA-NE12S0A0V10PNFA Datasheet
656Kb / 12P
   Voltage Margining Adjustment
More results

Similar Description - NE12S0A0V10PNFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
NE12S0A0V10PNFA DELTA-NE12S0A0V10PNFA Datasheet
607Kb / 12P
   Delphi NE Series Non-Isolated Point of Load DC/DC Modules: 3.0~13.8Vin, 0.59V-5.1Vout, 10Aout
NE12S0A0V06PNFA DELTA-NE12S0A0V06PNFA Datasheet
599Kb / 12P
   Delphi NE Series Non-Isolated Point of Load DC/DC Modules: 3.0~13.8Vin, 0.59V-5.1Vout, 6Aout
NE12S0A0V06PNFA DELTA-NE12S0A0V06PNFA_08 Datasheet
553Kb / 14P
   Delphi NE Series Non-Isolated Point of Load DC/DC Modules:3.1~13.8Vin, 0.59V-5.1Vout, 6Aout
NE12S0A0V03PNFA DELTA-NE12S0A0V03PNFA Datasheet
1Mb / 13P
   Delphi NE Series Non-Isolated Point of Load DC/DC Modules: 3.1~13.8Vin, 0.59V-5.1Vout, 3Aout
NE12S0A0V06PNFA DELTA-NE12S0A0V06PNFA_09 Datasheet
553Kb / 14P
   Delphi NE Series Non-Isolated Point of Load DC/DC Modules: 3.1~13.8Vin, 0.59V-5.1Vout, 6Aout
NE12S0A0V20PNFA DELTA-NE12S0A0V20PNFA Datasheet
433Kb / 12P
   Delphi NE Series Non-Isolated Point of Load DC/DC Modules: 4.5V~13.8Vin, 0.59V~5.1Vout, 20A
DUS1250EF DELTA-DUS1250EF Datasheet
669Kb / 17P
   DUS1250Ex Series Non-Isolated Point of Load DC/DC Modules: 2.97~13.2Vin, 0.59V-5Vout, 10Aout
D12F200E DELTA-D12F200E_14 Datasheet
620Kb / 14P
   Delphi D12F200 Non-Isolated Point of Load DC/DC Modules: 4.5V~13.8Vin, 0.6V~5.0Vout, 40A
D12S05020-1A DELTA-D12S05020-1A_14 Datasheet
596Kb / 13P
   Delphi D12S05020 Non-Isolated Point of Load DC/DC Modules
D12S400A DELTA-D12S400A_14 Datasheet
733Kb / 13P
   Delphi D12S400 Non-Isolated Point of Load DC/DC Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com