Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NC12S0A0V03PNFA Datasheet(PDF) 8 Page - Delta Electronics, Inc.

Part # NC12S0A0V03PNFA
Description  Delphi NE Series Non-Isolated Point of Load DC/DC Modules: 3.1~13.8Vin, 0.59V-5.1Vout, 3Aout
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

NC12S0A0V03PNFA Datasheet(HTML) 8 Page - Delta Electronics, Inc.

Back Button NC12S0A0V03PNFA Datasheet HTML 4Page - Delta Electronics, Inc. NC12S0A0V03PNFA Datasheet HTML 5Page - Delta Electronics, Inc. NC12S0A0V03PNFA Datasheet HTML 6Page - Delta Electronics, Inc. NC12S0A0V03PNFA Datasheet HTML 7Page - Delta Electronics, Inc. NC12S0A0V03PNFA Datasheet HTML 8Page - Delta Electronics, Inc. NC12S0A0V03PNFA Datasheet HTML 9Page - Delta Electronics, Inc. NC12S0A0V03PNFA Datasheet HTML 10Page - Delta Electronics, Inc. NC12S0A0V03PNFA Datasheet HTML 11Page - Delta Electronics, Inc. NC12S0A0V03PNFA Datasheet HTML 12Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
DS_NE12S03A_10032008
8
FEATURES DESCRIPTIONS (CON.)
The ENABLE input can be driven in a variety of ways as
shown in Figures 26 and 27. If the ENABLE signal comes
from the primary side of the circuit, the ENABLE can be
driven through either a bipolar signal transistor (Figure
26).If the enable signal comes from the secondary side,
then an opto-coupler or other isolation devices must be
used to bring the signal across the voltage isolation
(please see Figure 27).
ND6A/10A
Vout
Ground
Trim
Enable
Ground
Vin
Figure 26:
Enable Input drive circuit for NE series
Ground
Ground
ND 6A/10A
Vin
Vout
Trim
Enable
Figure 27
: Enable input drive circuit example with isolation.
Input Under-Voltage Lockout
The input under-voltage lockout prevents the converter
from being damaged while operating when the input
voltage is too low. The lockout occurs between 2.7V to
3.0V.
Over-Current and Short-Circuit Protection
The NE series modules have non-latching over-current
and short-circuit protection circuitry. When over current
condition occurs, the module goes into the non-latching
hiccup mode. When the over-current condition is
removed, the module will resume normal operation.
An over current condition is detected by measuring the
voltage drop across the MOSFETs. The voltage drop
across the MOSFET is also a function of the MOSFET’s
Rds(on). Rds(on) is affected by temperature, therefore
ambient temperature will affect the current limit inception
point.
The detection of the Rds(on) of MOSFETs also acts as
an over temperature protection since high temperature
will cause the Rds(on) of the MOSFETs to increase,
eventually triggering over-current protection.
Output Voltage Programming
The output voltage of the NE series is trimmable by
connecting an external resistor between the trim pin and
output ground as shown Figure 28 and the typical trim
resistor values are shown in Figure 29
Vin
Vout
Enable
Ground
Ground
Trim
ND 6A/10A
Rs
Figure 28:
Trimming Output Voltage
The NE03 module has a trim range of 0.59V to 5.0V.
The trim resistor equation for the NE03A is :
591
.
0
1182
)
(
=
Ω
Vout
Rs
Vout is the output voltage setpoint
Rs is the resistance between Trim and Ground
Rs values should not be less than 268Ω
Output Voltage
Rs (Ω)
0.59V
open
+0.9 V
3.82k
+1.8 V
978
+2.5 V
619
+3.3 V
436
+5.0V
268
Figure 29:
Typical trim resistor values
The relationship between input voltage and output
voltage shown as Figure 30
Vout
Vin
0.59V
0.9V
1.8V
2.5V
3.3V
5.0V
3.3V
Y
Y
Y
Y
N
N
5.0V
Y
Y
Y
Y
Y
N
8.0V
Y
Y
Y
Y
Y
Y
12V
Y
Y
Y
Y
Y
Y
Figure 30:
Relationship between Vin VS Vout
NE3A
NE3A
NE3A


Similar Part No. - NC12S0A0V03PNFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
NC12S0A0V06NNFA DELTA-NC12S0A0V06NNFA Datasheet
691Kb / 14P
   Delphi NC06 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V~5.0Vout, 6A
NC12S0A0V06NNFA DELTA-NC12S0A0V06NNFA Datasheet
591Kb / 14P
   Delphi NC06 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V~5.0Vout, 6A
NC12S0A0V06NRFA DELTA-NC12S0A0V06NRFA Datasheet
691Kb / 14P
   Delphi NC06 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V~5.0Vout, 6A
NC12S0A0V06NRFA DELTA-NC12S0A0V06NRFA Datasheet
591Kb / 14P
   Delphi NC06 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V~5.0Vout, 6A
NC12S0A0V06PNFA DELTA-NC12S0A0V06PNFA Datasheet
691Kb / 14P
   Delphi NC06 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V~5.0Vout, 6A
More results

Similar Description - NC12S0A0V03PNFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
NE12S0A0V06PNFA DELTA-NE12S0A0V06PNFA_08 Datasheet
553Kb / 14P
   Delphi NE Series Non-Isolated Point of Load DC/DC Modules:3.1~13.8Vin, 0.59V-5.1Vout, 6Aout
NE12S0A0V06PNFA DELTA-NE12S0A0V06PNFA_09 Datasheet
553Kb / 14P
   Delphi NE Series Non-Isolated Point of Load DC/DC Modules: 3.1~13.8Vin, 0.59V-5.1Vout, 6Aout
NE12S0A0V10PNFA DELTA-NE12S0A0V10PNFA Datasheet
607Kb / 12P
   Delphi NE Series Non-Isolated Point of Load DC/DC Modules: 3.0~13.8Vin, 0.59V-5.1Vout, 10Aout
NE12S0A0V10PNFA DELTA-NE12S0A0V10PNFA_13 Datasheet
645Kb / 12P
   Delphi NE Series Non-Isolated Point of Load DC/DC Modules: 3.0~13.8Vin, 0.59V-5.1Vout, 10Aout
NE12S0A0V06PNFA DELTA-NE12S0A0V06PNFA Datasheet
599Kb / 12P
   Delphi NE Series Non-Isolated Point of Load DC/DC Modules: 3.0~13.8Vin, 0.59V-5.1Vout, 6Aout
NE12S0A0V20PNFA DELTA-NE12S0A0V20PNFA Datasheet
433Kb / 12P
   Delphi NE Series Non-Isolated Point of Load DC/DC Modules: 4.5V~13.8Vin, 0.59V~5.1Vout, 20A
D12F200E DELTA-D12F200E_14 Datasheet
620Kb / 14P
   Delphi D12F200 Non-Isolated Point of Load DC/DC Modules: 4.5V~13.8Vin, 0.6V~5.0Vout, 40A
D12S05020-1A DELTA-D12S05020-1A_14 Datasheet
596Kb / 13P
   Delphi D12S05020 Non-Isolated Point of Load DC/DC Modules
D12S400A DELTA-D12S400A_14 Datasheet
733Kb / 13P
   Delphi D12S400 Non-Isolated Point of Load DC/DC Modules
D12S400-A DELTA-D12S400-A Datasheet
798Kb / 12P
   Delphi D12S400 Non-Isolated Point of Load DC/DC Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com