Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NC12S0A0H30NRFA Datasheet(PDF) 2 Page - Delta Electronics, Inc.

Part # NC12S0A0H30NRFA
Description  Delphi NC30 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V-5Vout, 30A
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

NC12S0A0H30NRFA Datasheet(HTML) 2 Page - Delta Electronics, Inc.

  NC12S0A0H30NRFA Datasheet HTML 1Page - Delta Electronics, Inc. NC12S0A0H30NRFA Datasheet HTML 2Page - Delta Electronics, Inc. NC12S0A0H30NRFA Datasheet HTML 3Page - Delta Electronics, Inc. NC12S0A0H30NRFA Datasheet HTML 4Page - Delta Electronics, Inc. NC12S0A0H30NRFA Datasheet HTML 5Page - Delta Electronics, Inc. NC12S0A0H30NRFA Datasheet HTML 6Page - Delta Electronics, Inc. NC12S0A0H30NRFA Datasheet HTML 7Page - Delta Electronics, Inc. NC12S0A0H30NRFA Datasheet HTML 8Page - Delta Electronics, Inc. NC12S0A0H30NRFA Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
DS_NC12S30A_09072008
2
TECHNICAL SPECIFICATIONS
(TA=25°C, airflow rate=400LFM, Vin=12Vdc, nominal Vout unless otherwise noted.)
PARAMETER
NOTES and CONDITIONS
NC12S0A0V30
Min.
Typ.
Max.
Units
ABSOLUTE MAXIMUM RATINGS
Input Voltage
14
Vdc
Operating Temperature
Refer to Figures 36 and 41 for the measuring point
-40
125
°C
Storage Temperature
-40
125
°C
Input/Output Isolation Voltage
Non-isolated
NA
V
INPUT CHARACTERISTICS
Operating Input Voltage
10.2
12
13.8
V
Input Under-Voltage Lockout
Turn-On Voltage Threshold
9.0
V
Turn-Off Voltage Threshold
8.3
V
Lockout Hysteresis Voltage
0.7
V
Maximum Input Current
100% Load, 10.2Vin, 5Vout
15.6
A
No-Load Input Current
160
mA
Off Converter Input Current
10
mA
Input Reflected-Ripple Current
Refer to Figure 35
150
mA
Input Voltage Ripple Rejection
120 Hz
55
dB
OUTPUT CHARACTERISTICS
Output Voltage Adjustment Range
0.9
5.0
V
Output Voltage Set Point
Vin=12V, Io=Io,max, Ta=25℃, 1% trim resistors
-3.0
+3.0
%
Output Voltage Regulation
Over Load
Io=Io,min to Io,max
-1.0
+1.0
%
Over Line
Vin=Vin,min to Vin,max
-0.2
+0.2
%
Output Voltage Ripple and Noise
5Hz to 20MHz bandwidth
Peak-to-Peak
Full Load, 1µF ceramic, 10µF tantalum
50
mV
RMS
Full Load, 1µF ceramic, 10µF tantalum
15
mV
Output Current Range
0
30
A
Output Voltage Over-shoot at Start-up
Vin=12V, Turn ON
1
%
Output Voltage Under-shoot at Power-Off
Vin=12V, Turn OFF
100
mV
Output DC Current-Limit Inception
36
A
Output Short-Circuit Current (Hiccup mode)
36
A
DYNAMIC CHARACTERISTICS
Out Dynamic Load Response
12Vin, 10µF Tan & 1µF Ceramic load cap, 10A/µs
Positive Step Change in Output Current
50% Io,max to 75% Io,max
75
mV
Negative Step Change in Output Current
75% Io,max to 50% Io,max
75
mV
Setting Time
Settling to be within regulation band (+/- 3.0%)
150
µs
Turn-On Transient
Io=Io.max
Start-Up Time, From On/Off Control
Vin=12V, Vo=10% of Vo,set, Ta=25℃
10
ms
Start-Up Time, From Input
Vo=10% of Vo,set, Ta=25℃
30
ms
Minimum Output Startup Capacitive Load
Ex: Two OSCON 6.3V/680µF (ESR 13mΩ max each)
1360
Maximum Output Startup Capacitive Load
Full load; ESR ≧10mΩ
20000
µF
Minimum Input Capacitance
Ex: OSCON 16V/270µF (ESR 18mΩ max)
270
µF
EFFICIENCY
Vo=0.9V
Vin=12V, Io=30A
78
%
Vo=1.2V
Vin=12V, Io=30A
82
%
Vo=1.5V
Vin=12V, Io=30A
85
%
Vo=1.8V
Vin=12V, Io=30A
87
%
Vo=2.5V
Vin=12V, Io=30A
90
%
Vo=3.3V
Vin=12V, Io=30A
92
%
Vo=5.0V
Vin=12V, Io=30A
94
%
FEATURE CHARACTERISTICS
Switching Frequency
300
KHz
ON/OFF Control
Positive logic (internally pulled high)
Logic High
Module On (or leave the pin open)
2.4
Vin,max
V
Logic Low
Module Off
-0.2
0.8
V
Remote Sense Range
0.4
V
GENERAL SPECIFICATIONS
MTBF
1.69
M hours
Weight
36
grams
Over-Temperature Shutdown
Auto restart, refer to Fig. 36&41 for the measuring point
130
°C


Similar Part No. - NC12S0A0H30NRFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
NC12S0A0H30NRFA DELTA-NC12S0A0H30NRFA Datasheet
756Kb / 14P
   Delphi NC30 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V-5Vout, 30A
More results

Similar Description - NC12S0A0H30NRFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
NC12S0A0H30PNFA DELTA-NC12S0A0H30PNFA Datasheet
756Kb / 14P
   Delphi NC30 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V-5Vout, 30A
NC12S0A0V40PNFA DELTA-NC12S0A0V40PNFA Datasheet
686Kb / 14P
   Delphi NC40 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V-5Vout, 40A
NC12S0A0V60PNFA DELTA-NC12S0A0V60PNFA Datasheet
627Kb / 13P
   Delphi NC Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V-5Vout, 60A
NC12S0A0V60PNFA DELTA-NC12S0A0V60PNFA_08 Datasheet
551Kb / 13P
   Delphi NC Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V-5Vout, 60A
NC12S0A0H40PNFA DELTA-NC12S0A0H40PNFA Datasheet
864Kb / 14P
   Delphi NC40 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V-5Vout, 40A
NC12S0A0H06PNFA DELTA-NC12S0A0H06PNFA Datasheet
691Kb / 14P
   Delphi NC06 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V~5.0Vout, 6A
NC12S0A0H20PNFA DELTA-NC12S0A0H20PNFA Datasheet
912Kb / 14P
   Delphi NC20 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V-5.0Vout, 20A
NC12S0A0H15PNFA DELTA-NC12S0A0H15PNFA Datasheet
880Kb / 14P
   Delphi NC15 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V-5.0Vout, 15A
NC12S0A0V06PNFA DELTA-NC12S0A0V06PNFA_08 Datasheet
591Kb / 14P
   Delphi NC06 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V~5.0Vout, 6A
NC12S0A0V15PNFA DELTA-NC12S0A0V15PNFA Datasheet
781Kb / 14P
   Delphi NC15 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V-5.0Vout, 15A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com