Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE12S0A0V06PNFA Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # NE12S0A0V06PNFA
Description  Delphi NE Series Non-Isolated Point of Load DC/DC Modules: 3.1~13.8Vin, 0.59V-5.1Vout, 6Aout
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

NE12S0A0V06PNFA Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  NE12S0A0V06PNFA_09 Datasheet HTML 1Page - Delta Electronics, Inc. NE12S0A0V06PNFA_09 Datasheet HTML 2Page - Delta Electronics, Inc. NE12S0A0V06PNFA_09 Datasheet HTML 3Page - Delta Electronics, Inc. NE12S0A0V06PNFA_09 Datasheet HTML 4Page - Delta Electronics, Inc. NE12S0A0V06PNFA_09 Datasheet HTML 5Page - Delta Electronics, Inc. NE12S0A0V06PNFA_09 Datasheet HTML 6Page - Delta Electronics, Inc. NE12S0A0V06PNFA_09 Datasheet HTML 7Page - Delta Electronics, Inc. NE12S0A0V06PNFA_09 Datasheet HTML 8Page - Delta Electronics, Inc. NE12S0A0V06PNFA_09 Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
DATASHEET
DS_NE12S06A_02102009
FEATURES
High Efficiency: 94.5% @ 12Vin, 5V/6A out
Size: Vertical :
10.4mm x 16.5mm x 11.0 mm
(0.41” × 0.65” × 0.43”)
Horizontal:
10.4mm x 16.5mm x 11.5 mm
(0.41” × 0.65” × 0.45”)
Wide input range: 3.1V~13.8V
Output voltage programmable from
0.59Vdc to 5.1Vdc via external resistors
No minimum load required
Fixed frequency operation
Input UVLO, output OCP
Remote ON/OFF (Positive, 5 pin version)
ISO 9001, TL 9000, ISO 14001, QS9000,
OHSAS18001 certified manufacturing facility
UL/cUL 60950-1 (US & Canada)
Recognized, and TUV (EN60950-1) Certified
UL/cUL 60950-1 (US & Canada) Recognized,
and TUV (EN60950-1) Certified
CE mark meets 73/23/EEC and 93/68/EEC
directives
APPLICATIONS
DataCom
Distributed power architectures
Servers and workstations
LAN/WAN applications
Data processing applications
OPTIONS
Vertical or horizontal versions
Delphi NE Series Non-Isolated Point of Load
DC/DC Modules: 3.1~13.8Vin, 0.59V-5.1Vout, 6Aout
The Delphi NE 6A Series, 3.1~13.8V wide input, wide trim single
output, non-isolated point of load (POL) DC/DC converters are the
latest offering from a world leader in power systems technology and
manufacturing — Delta Electronics, Inc. The NE product family is
the second generation, non-isolated point-of-load DC/DC power
modules which cut the module size by almost 50% in most of the
cases compared to the first generation NC series POL modules. The
NE 6A product family provides an ultra wide input range to support
3.3V, 5V, 8V, 9.6V, and 12V bus voltage point-of-load applications and
it offers up to 6A of output current in a vertically or horizontally
mounted through-hole miniature package and the output can be
resistor trimmed from 0.59Vdc to 5.1Vdc. It provides a very cost
effective, high efficiency, and high density point of load solution. With
creative design technology and optimization of component
placement, these converters possess outstanding electrical and
thermal performance, as well as extremely high reliability under highly
stressful operating conditions.


Similar Part No. - NE12S0A0V06PNFA_09

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
NE12S0A0V06PNFA DELTA-NE12S0A0V06PNFA_08 Datasheet
553Kb / 14P
   Delphi NE Series Non-Isolated Point of Load DC/DC Modules:3.1~13.8Vin, 0.59V-5.1Vout, 6Aout
More results

Similar Description - NE12S0A0V06PNFA_09

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
NE12S0A0V06PNFA DELTA-NE12S0A0V06PNFA_08 Datasheet
553Kb / 14P
   Delphi NE Series Non-Isolated Point of Load DC/DC Modules:3.1~13.8Vin, 0.59V-5.1Vout, 6Aout
NE12S0A0V06PNFA DELTA-NE12S0A0V06PNFA Datasheet
599Kb / 12P
   Delphi NE Series Non-Isolated Point of Load DC/DC Modules: 3.0~13.8Vin, 0.59V-5.1Vout, 6Aout
NE12S0A0V03PNFA DELTA-NE12S0A0V03PNFA Datasheet
1Mb / 13P
   Delphi NE Series Non-Isolated Point of Load DC/DC Modules: 3.1~13.8Vin, 0.59V-5.1Vout, 3Aout
NE12S0A0V10PNFA DELTA-NE12S0A0V10PNFA Datasheet
607Kb / 12P
   Delphi NE Series Non-Isolated Point of Load DC/DC Modules: 3.0~13.8Vin, 0.59V-5.1Vout, 10Aout
NE12S0A0V10PNFA DELTA-NE12S0A0V10PNFA_13 Datasheet
645Kb / 12P
   Delphi NE Series Non-Isolated Point of Load DC/DC Modules: 3.0~13.8Vin, 0.59V-5.1Vout, 10Aout
NE12S0A0V20PNFA DELTA-NE12S0A0V20PNFA Datasheet
433Kb / 12P
   Delphi NE Series Non-Isolated Point of Load DC/DC Modules: 4.5V~13.8Vin, 0.59V~5.1Vout, 20A
D12F200E DELTA-D12F200E_14 Datasheet
620Kb / 14P
   Delphi D12F200 Non-Isolated Point of Load DC/DC Modules: 4.5V~13.8Vin, 0.6V~5.0Vout, 40A
D12S05020-1A DELTA-D12S05020-1A_14 Datasheet
596Kb / 13P
   Delphi D12S05020 Non-Isolated Point of Load DC/DC Modules
D12S400A DELTA-D12S400A_14 Datasheet
733Kb / 13P
   Delphi D12S400 Non-Isolated Point of Load DC/DC Modules
D12S400-A DELTA-D12S400-A Datasheet
798Kb / 12P
   Delphi D12S400 Non-Isolated Point of Load DC/DC Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com