Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPM24S0B0SR03FA Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # IPM24S0B0SR03FA
Description  Delphi Series IPM24S0C0, Non-Isolated,Integrated Point-of-Load Power Modules
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

IPM24S0B0SR03FA Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  IPM24S0B0SR03FA Datasheet HTML 1Page - Delta Electronics, Inc. IPM24S0B0SR03FA Datasheet HTML 2Page - Delta Electronics, Inc. IPM24S0B0SR03FA Datasheet HTML 3Page - Delta Electronics, Inc. IPM24S0B0SR03FA Datasheet HTML 4Page - Delta Electronics, Inc. IPM24S0B0SR03FA Datasheet HTML 5Page - Delta Electronics, Inc. IPM24S0B0SR03FA Datasheet HTML 6Page - Delta Electronics, Inc. IPM24S0B0SR03FA Datasheet HTML 7Page - Delta Electronics, Inc. IPM24S0B0SR03FA Datasheet HTML 8Page - Delta Electronics, Inc. IPM24S0B0SR03FA Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
DATASHEET
IPM24S0C0S/R03_01092009
FEATURES
High efficiency: 95.0% @ 20Vin, 15.0V/3A
Small size and low profile:
17.8x15.0x7.8mm (0.70”x0.59”x0.31”)
Output voltage adjustment: 8.0V~15.0V
Monotonic startup into normal and
pre-biased loads
Input UVLO, output OCP
Remote ON/OFF
Output short circuit protection
Fixed frequency operation
Copper pad to provide excellent thermal
performance
ISO 9001, TL 9000, ISO 14001, QS9000,
OHSAS18001 certified manufacturing
facility
UL/cUL 60950 (US & Canada) Recognized,
and TUV (EN60950) Certified
CE mark meets 73/23/EEC and 93/68/EEC
directives
APPLICATIONS
Telecom/DataCom
Wireless Networks
Optical Network Equipment
Server and Data Storage
Industrial/Test Equipment
OPTIONS
SMD or SIP package
Delphi Series IPM24S0C0, Non-Isolated,
Integrated Point-of-Load Power Modules:
20V~36V input, 8.0~15.0V and 3A Output
The Delphi Series IPM24S0C0 non-isolated, fully integrated
Point-of-Load (POL) power modules, are the latest offerings from a
world leader in power systems technology and manufacturing —
Delta Electronics, Inc. This product family provides up to 3A of
output current or 45W of output power in an industry standard,
compact, IC-like, molded package. It is highly integrated and does
not require external components to provide the point-of-load
function. A copper pad on the back of the module; in close contact
with the internal heat dissipation components; provides excellent
thermal performance. The assembly process of the modules is fully
automated with no manual assembly involved. These converters
possess outstanding electrical and thermal performance, as well as
extremely high reliability under highly stressful operating conditions.
IPM24S0C0 operates from a 20V~36V source and provides a
programmable output voltage from 8.0V to 15.0V. The IPM product
family is available in either a SMD or SIP package. IPM24S family is
also available for output 1.2V~2.5V or 3.3V~6.5V. Please refer to
IPM24S0A0 and IPM24S0B0 datasheets for details.


Similar Part No. - IPM24S0B0SR03FA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
IPM24S0B0S DELTA-IPM24S0B0S Datasheet
734Kb / 14P
   Fixed frequency operation
IPM24S0B0S DELTA-IPM24S0B0S Datasheet
690Kb / 12P
   Output short circuit protection
IPM24S0B0S03FA DELTA-IPM24S0B0S03FA Datasheet
780Kb / 15P
   Delphi Series IPM24S0A0, Non-Isolated, Integrated Point-of-Load Power Modules: 8V~36V input, 1.2~2.5V and 3A Output
IPM24S0B0S03FA DELTA-IPM24S0B0S03FA Datasheet
766Kb / 14P
   Delphi Series IPM24S0B0, Non-Isolated, Integrated Point-of-Load Power Modules: 11V~36V input, 3.3~6.5V and 3A Output
IPM24S0B0S03FA DELTA-IPM24S0B0S03FA Datasheet
710Kb / 12P
   Delphi Series IPM24S0C0, Non-Isolated, Integrated Point-of-Load Power Modules: 20V~36V input, 8.0~15.0V and 3A Output
More results

Similar Description - IPM24S0B0SR03FA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
IPM12C0A0R04FA DELTA-IPM12C0A0R04FA_14 Datasheet
666Kb / 16P
   Delphi Series IPM, Non-Isolated, Integrated Point-of-Load Power Modules
IPM24S0A0S DELTA-IPM24S0A0S Datasheet
595Kb / 15P
   Delphi Series IPM24S0A0, Non-Isolated Integrated Point-of-Load Power Modules
IPM24S0C0R03FA DELTA-IPM24S0C0R03FA Datasheet
710Kb / 12P
   Delphi Series IPM24S0C0, Non-Isolated, Integrated Point-of-Load Power Modules: 20V~36V input, 8.0~15.0V and 3A Output
DNM04S0A0R10PFD DELTA-DNM04S0A0R10PFD_14 Datasheet
744Kb / 17P
   Delphi DNM, Non-Isolated Point of Load DC/DC Power Modules
DNS04S0A0S06NFD DELTA-DNS04S0A0S06NFD_14 Datasheet
687Kb / 17P
   Delphi DNS, Non-Isolated Point of Load DC/DC Power Modules
DCM04S0A0S12PFA DELTA-DCM04S0A0S12PFA_14 Datasheet
817Kb / 17P
   Delphi DCM, Non-Isolated Point of Load DC/DC Power Modules
DCM12S0A0S12NFA DELTA-DCM12S0A0S12NFA_14 Datasheet
1,022Kb / 21P
   Delphi DCM, Non-Isolated Point of Load DC/DC Power Modules
DNS10S0A0R06NFD DELTA-DNS10S0A0R06NFD_14 Datasheet
567Kb / 16P
   Delphi DNS, Non-Isolated Point of Load DC/DC Power Modules
DNT04S0A0R03NFA DELTA-DNT04S0A0R03NFA_14 Datasheet
544Kb / 14P
   Delphi DNT04, Non-Isolated Point of Load DC/DC Power Modules
DNL10S0A0S16NFD DELTA-DNL10S0A0S16NFD_14 Datasheet
745Kb / 16P
   Delphi DNL, Non-Isolated Point of Load DC/DC Power Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com