Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPM24S0A0SR03FA Datasheet(PDF) 6 Page - Delta Electronics, Inc.

Part # IPM24S0A0SR03FA
Description  Delphi Series IPM24S0C0, Non-Isolated,Integrated Point-of-Load Power Modules
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

IPM24S0A0SR03FA Datasheet(HTML) 6 Page - Delta Electronics, Inc.

Back Button IPM24S0A0SR03FA Datasheet HTML 2Page - Delta Electronics, Inc. IPM24S0A0SR03FA Datasheet HTML 3Page - Delta Electronics, Inc. IPM24S0A0SR03FA Datasheet HTML 4Page - Delta Electronics, Inc. IPM24S0A0SR03FA Datasheet HTML 5Page - Delta Electronics, Inc. IPM24S0A0SR03FA Datasheet HTML 6Page - Delta Electronics, Inc. IPM24S0A0SR03FA Datasheet HTML 7Page - Delta Electronics, Inc. IPM24S0A0SR03FA Datasheet HTML 8Page - Delta Electronics, Inc. IPM24S0A0SR03FA Datasheet HTML 9Page - Delta Electronics, Inc. IPM24S0A0SR03FA Datasheet HTML 10Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
DS_IPM24S0C0_01092009
6
TEST CONFIGURATIONS
VI(+)
VI(-)
BATTERY
2 100uF
Electrolytic
L
TO OSCILLOSCOPE
Ceramic
3.3uF
Note: Input reflected-ripple current is measured with a
simulated
source
inductance.
Current
is
measured at the input of the module.
Figure 15:
Input reflected-ripple current test setup
Vo
GND
COPPER STRIP
100uFx2
OS-con
1uF
ceramic
SCOPE
Resistive
Load
Note: Use a 100μFx2 OS-son and 1μF capacitor. Scope
measurement should be made using a BNC
connector.
Figure 16:
Peak-peak output noise and startup transient
measurement test setup
SUPPLY
II
VI
Vo
GND
Io
LOAD
CONTACT AND
DISTRIBUTION LOSSES
CONTACT RESISTANCE
Figure 17:
Output voltage and efficiency measurement test
setup
Note: All measurements are taken at the module
terminals. When the module is not soldered (via
socket), place Kelvin connections at module
terminals to avoid measurement errors due to
contact resistance.
%
100
)
(
×
×
×
=
Ii
Vi
Io
Vo
η
DESIGN CONSIDERATIONS
Input Source Impedance
To maintain low-noise and ripple at the input voltage, it is
critical to use low ESR capacitors at the input to the
module. Figure 26 shows the input ripple voltage
(mVp-p) for various output models using 2x100uF low
ESR electrolytic capacitors (Rubycon P/N:50YXG100,
100uF/50V or equivalent) and 1x3.3.0 uF very low ESR
ceramic capacitors (TDK P/N: C4532JB1H335M,
3.3uF/50V or equivalent).
The input capacitance should be able to handle an AC
ripple current of at least:
Arms
Vin
Vout
Vin
Vout
Iout
Irms
⎛ −
=
1
Figure 18:
Input ripple voltage for various output models,
Io = 3A (Cin =2x100uF electrolytic capacitors
1x3.3uF ceramic capacitors at the input)
The power module should be connected to a low
ac-impedance input source. Highly inductive source
impedances can affect the stability of the module. An
input capacitance must be placed close to the modules
input pins to filter ripple current and ensure module
stability in the presence of inductive traces that supply
the input voltage to the module.


Similar Part No. - IPM24S0A0SR03FA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
IPM24S0A0S DELTA-IPM24S0A0S Datasheet
595Kb / 15P
   Delphi Series IPM24S0A0, Non-Isolated Integrated Point-of-Load Power Modules
IPM24S0A0S DELTA-IPM24S0A0S Datasheet
734Kb / 14P
   Fixed frequency operation
IPM24S0A0S DELTA-IPM24S0A0S Datasheet
690Kb / 12P
   Output short circuit protection
IPM24S0A0S03FA DELTA-IPM24S0A0S03FA Datasheet
780Kb / 15P
   Delphi Series IPM24S0A0, Non-Isolated, Integrated Point-of-Load Power Modules: 8V~36V input, 1.2~2.5V and 3A Output
IPM24S0A0S03FA DELTA-IPM24S0A0S03FA Datasheet
766Kb / 14P
   Delphi Series IPM24S0B0, Non-Isolated, Integrated Point-of-Load Power Modules: 11V~36V input, 3.3~6.5V and 3A Output
More results

Similar Description - IPM24S0A0SR03FA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
IPM12C0A0R04FA DELTA-IPM12C0A0R04FA_14 Datasheet
666Kb / 16P
   Delphi Series IPM, Non-Isolated, Integrated Point-of-Load Power Modules
IPM24S0A0S DELTA-IPM24S0A0S Datasheet
595Kb / 15P
   Delphi Series IPM24S0A0, Non-Isolated Integrated Point-of-Load Power Modules
IPM24S0C0R03FA DELTA-IPM24S0C0R03FA Datasheet
710Kb / 12P
   Delphi Series IPM24S0C0, Non-Isolated, Integrated Point-of-Load Power Modules: 20V~36V input, 8.0~15.0V and 3A Output
DNM04S0A0R10PFD DELTA-DNM04S0A0R10PFD_14 Datasheet
744Kb / 17P
   Delphi DNM, Non-Isolated Point of Load DC/DC Power Modules
DNS04S0A0S06NFD DELTA-DNS04S0A0S06NFD_14 Datasheet
687Kb / 17P
   Delphi DNS, Non-Isolated Point of Load DC/DC Power Modules
DCM04S0A0S12PFA DELTA-DCM04S0A0S12PFA_14 Datasheet
817Kb / 17P
   Delphi DCM, Non-Isolated Point of Load DC/DC Power Modules
DCM12S0A0S12NFA DELTA-DCM12S0A0S12NFA_14 Datasheet
1,022Kb / 21P
   Delphi DCM, Non-Isolated Point of Load DC/DC Power Modules
DNS10S0A0R06NFD DELTA-DNS10S0A0R06NFD_14 Datasheet
567Kb / 16P
   Delphi DNS, Non-Isolated Point of Load DC/DC Power Modules
DNT04S0A0R03NFA DELTA-DNT04S0A0R03NFA_14 Datasheet
544Kb / 14P
   Delphi DNT04, Non-Isolated Point of Load DC/DC Power Modules
DNL10S0A0S16NFD DELTA-DNL10S0A0S16NFD_14 Datasheet
745Kb / 16P
   Delphi DNL, Non-Isolated Point of Load DC/DC Power Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com