Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6KE56AG Datasheet(PDF) 4 Page - ON Semiconductor

Part # P6KE56AG
Description  600 Watt Peak Power Surmetic-40 Transient Voltage Suppressors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

P6KE56AG Datasheet(HTML) 4 Page - ON Semiconductor

  P6KE56AG Datasheet HTML 1Page - ON Semiconductor P6KE56AG Datasheet HTML 2Page - ON Semiconductor P6KE56AG Datasheet HTML 3Page - ON Semiconductor P6KE56AG Datasheet HTML 4Page - ON Semiconductor P6KE56AG Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
P6KE6.8A Series
http://onsemi.com
4
APPLICATION NOTES
RESPONSE TIME
In most applications, the transient suppressor device is
placed in parallel with the equipment or component to be
protected. In this situation, there is a time delay associated with
the capacitance of the device and an overshoot condition
associated with the inductance of the device and the inductance
of the connection method. The capacitance effect is of minor
importance in the parallel protection scheme because it only
produces a time delay in the transition from the operating
voltage to the clamp voltage as shown in Figure 7.
The inductive effects in the device are due to actual turn-on
time (time required for the device to go from zero current to full
current) and lead inductance. This inductive effect produces an
overshoot in the voltage across the equipment or component
being protected as shown in Figure 8. Minimizing this
overshoot is very important in the application, since the main
purpose for adding a transient suppressor is to clamp voltage
spikes. The P6KE6.8A series has very good response time,
typically < 1 ns and negligible inductance. However, external
inductive effects could produce unacceptable overshoot.
Proper circuit layout, minimum lead lengths and placing the
suppressor device as close as possible to the equipment or
components to be protected will minimize this overshoot.
Some input impedance represented by Zin is essential to
prevent overstress of the protection device. This impedance
should be as high as possible, without restricting the circuit
operation.
DUTY CYCLE DERATING
The data of Figure 1 applies for non-repetitive conditions
and at a lead temperature of 25
°C. If the duty cycle increases,
the peak power must be reduced as indicated by the curves of
Figure 6. Average power must be derated as the lead or ambient
temperature rises above 25
°C. The average power derating
curve normally given on data sheets may be normalized and
used for this purpose.
At first glance the derating curves of Figure 6 appear to be
in error as the 10 ms pulse has a higher derating factor than the
10
ms pulse. However, when the derating factor for a given
pulse of Figure 6 is multiplied by the peak power value of
Figure 1 for the same pulse, the results follow the expected
trend.
TYPICAL PROTECTION CIRCUIT
Vin
VL
V
Vin
Vin (TRANSIENT)
VL
td
V
VL
Vin (TRANSIENT)
Zin
LOAD
OVERSHOOT DUE TO
INDUCTIVE EFFECTS
tD = TIME DELAY DUE TO CAPACITIVE EFFECT
t
t
Figure 7.
Figure 8.
UL RECOGNITION*
The entire series including the bidirectional CA suffix has
Underwriters Laboratory Recognition for the classification of
protectors (QVGQ2) under the UL standard for safety 497B
and File #E210057. Many competitors only have one or two
devices recognized or have recognition in a non-protective
category. Some competitors have no recognition at all. With
the UL497B recognition, our parts successfully passed several
tests including Strike Voltage Breakdown test, Endurance
Conditioning, Temperature test, Dielectric Voltage-Withstand
test, Discharge test and several more.
Whereas, some competitors have only passed a flammability
test for the package material, we have been recognized for
much more to be included in their protector category.
*Applies to P6KE6.8A − P6KE200A.


Similar Part No. - P6KE56AG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
P6KE56AG ONSEMI-P6KE56AG Datasheet
132Kb / 5P
   600 Watt Peak Power Surmetic -40 Transient Voltage Suppressors
October, 2009 ??Rev. 10
P6KE56AG ONSEMI-P6KE56AG Datasheet
132Kb / 5P
   600 Watt Peak Power Surmetic-40 Transient Voltage Suppressors
October, 2009 ??Rev. 10
P6KE56AG ONSEMI-P6KE56AG Datasheet
114Kb / 5P
   600 Watt Peak Power Surmetic-40 Transient Voltage Suppressors
October, 2009 ??Rev. 10
P6KE56AG ONSEMI-P6KE56AG Datasheet
114Kb / 5P
   600 Watt Peak Power Surmetic-40 Transient Voltage Suppressors Unidirectional
October, 2009 ??Rev. 10
P6KE56AG ONSEMI-P6KE56AG Datasheet
132Kb / 5P
   600 Watt Peak Power Surmetic-40 Transient Voltage Suppressors
October, 2009 ??Rev. 10
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com