Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PA01S0303A Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # PA01S0303A
Description  PA01S series 1W DC/DC Converter, SIP-Package
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

PA01S0303A Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  PA01S0303A Datasheet HTML 1Page - Delta Electronics, Inc. PA01S0303A Datasheet HTML 2Page - Delta Electronics, Inc. PA01S0303A Datasheet HTML 3Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PA01S series
1W DC/DC Converter, SIP-Package
DS_PA01S_09132012
E-mail: DCDC@delta.com.tw
http://www.delta.com.tw/dcdc
P1
FEATURES
Efficiency up to 80%
SIP Package with Industry Standard Pinout
Package Dimension:
3.3V&5V & 12V Models:
11.5 x6.1 x10.2mm (0.45” x0.24” x0.40”)
24V Models,:
11.5 x7.1 x10.2mm (0.45” x0.28” x0.40”)
Isolation Voltage 1000VDC
Operating Temperature range - 40°C to +85°C
Lead free ,RoHs Compliant
>2 MHours MTBF
3 Years Product Warranty
The PA01S series are miniature, SIP Package, isolated 1W DC/DC converters with 1,000VDC isolation. It offers short circuit protection and
allows a wide operating temperature range of –40°C to +85°C. These isolated DC/DC converters are the latest offering from a world leader in
power systems technology and manufacturing ― Delta Electronics, Inc.
Model List
Output Current
Input Current
Efficiency
(typ.)
Input
Voltage
(Range)
Output
Voltage
Max.
Min.
@Max. Load @No Load
Load
Regulation
Maxcapacitive
Load
@Max. Load
Model
Number
VDC
VDC
mA
mA
mA(typ.)
mA(typ.)
% (max.)
uF
%
PA01S0303A
3.3
260
6
351
14
74
PA01S0305A
3.3
(2.97 ~ 3.63)
5
200
4
394
35
14
33
77
PA01S0503A
3.3
260
6
238
11
72
PA01S0505A
5
200
4
290
11
69
PA01S0509A
9
110
2
260
8
76
PA01S0512A
12
84
1.5
262
7
77
PA01S0515A
5
(4.5 ~ 5.5)
15
67
1
258
30
6
33
78
PA01S1205A
5
200
4
117
9
71
PA01S1209A
9
110
2
107
5
77
PA01S1212A
12
84
1.5
106
5
79
PA01S1215A
12
(10.8 ~ 13.2)
15
67
1
105
13
4
33
80
PA01S2405A
5
200
4
60
8
70
PA01S2409A
9
110
2
54
5
76
PA01S2412A
12
84
1.5
53
4
79
PA01S2415A
24
(21.6 ~ 26.4)
15
67
1
53
7
4
33
79
Input Characteristics
Item
Model
Min.
Typ.
Max.
Unit
3.3V Input Models
2.97
3.3
3.63
5V Input Models
4.5
5
5.5
12V Input Models
10.8
12
13.2
Input Voltage Range
24V Input Models
21.6
24
26.4
3.3V Input Models
-0.7
---
6
5V Input Models
-0.7
---
9
12V Input Models
-0.7
---
18
Input Surge Voltage (1 sec. max.)
24V Input Models
-0.7
---
30
VDC
Reverse Polarity Input Current
---
---
0.3
A
Input Filter
Internal Capacitor
Internal Power Dissipation
All Models
---
---
450
mW


Similar Part No. - PA01S0303A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PA01S0303A DELTA-PA01S0303A Datasheet
205Kb / 4P
   2W DC/DC CONVERTER, SIP-Package
PA01S0303A DELTA-PA01S0303A Datasheet
210Kb / 5P
   1W DC/DC CONVERTER, SIP-Package, High Efficiency
PA01S0303A DELTA-PA01S0303A Datasheet
204Kb / 4P
   1W DC/DC CONVERTER, SIP-Package, High Isolation
PA01S0303A DELTA-PA01S0303A Datasheet
332Kb / 5P
   2W DC/DC CONVERTER, SIP-Package
PA01S0303A DELTA-PA01S0303A Datasheet
208Kb / 4P
   2W DC/DC CONVERTER, SIP-Package, 4:1 Ultra Wide Input Range
More results

Similar Description - PA01S0303A

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MAU100 MINMAX-MAU100_16 Datasheet
579Kb / 4P
   DC/DC CONVERTER 1W, SIP-Package
logo
Delta Electronics, Inc.
PB01S DELTA-PB01S Datasheet
211Kb / 5P
   1W DC/DC CONVERTER, SIP-Package
logo
Minmax Technology Co., ...
MA01 MINMAX-MA01_16 Datasheet
656Kb / 4P
   DC/DC CONVERTER 1W, SIP-Package
MBU100 MINMAX-MBU100_16 Datasheet
436Kb / 4P
   DC/DC CONVERTER 1W, SIP-Package
logo
Delta Electronics, Inc.
PB01S2403A DELTA-PB01S2403A Datasheet
211Kb / 5P
   1W DC/DC CONVERTER, SIP-Package
PB01S0509A DELTA-PB01S0509A Datasheet
211Kb / 5P
   1W DC/DC CONVERTER, SIP-Package
logo
List of Unclassifed Man...
PB01D2415B ETC2-PB01D2415B Datasheet
211Kb / 5P
   1W DC/DC CONVERTER, SIP-Package
logo
Minmax Technology Co., ...
MAW01 MINMAX-MAW01_16 Datasheet
577Kb / 4P
   DC/DC CONVERTER 1W, SIP-Package
logo
Mean Well Enterprises C...
SPU01 MEANWELL-SPU01 Datasheet
105Kb / 4P
   1W SIP Package DC-DC Unregulated Converter
SPRN01 MEANWELL-SPRN01 Datasheet
101Kb / 4P
   1W SIP Package DC-DC Regulated Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com