Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC3727DWP Datasheet(PDF) 7 Page - Texas Instruments

Part # UC3727DWP
Description  Isolated High Side IGBT Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UC3727DWP Datasheet(HTML) 7 Page - Texas Instruments

  UC3727DWP Datasheet HTML 1Page - Texas Instruments UC3727DWP Datasheet HTML 2Page - Texas Instruments UC3727DWP Datasheet HTML 3Page - Texas Instruments UC3727DWP Datasheet HTML 4Page - Texas Instruments UC3727DWP Datasheet HTML 5Page - Texas Instruments UC3727DWP Datasheet HTML 6Page - Texas Instruments UC3727DWP Datasheet HTML 7Page - Texas Instruments UC3727DWP Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
UC2727DWP
OBSOLETE
SOIC
DW
28
TBD
Call TI
Call TI
UC2727DWPTR
OBSOLETE
SOIC
DW
28
TBD
Call TI
Call TI
UC2727N
OBSOLETE
PDIP
N
20
TBD
Call TI
Call TI
UC2727QP
OBSOLETE
PLCC
FN
28
TBD
Call TI
Call TI
UC2727QPTR
OBSOLETE
PLCC
FN
28
TBD
Call TI
Call TI
UC3727DWP
OBSOLETE
SOIC
DW
28
TBD
Call TI
Call TI
UC3727DWPTR
OBSOLETE
SOIC
DW
28
TBD
Call TI
Call TI
UC3727N
OBSOLETE
PDIP
N
20
TBD
Call TI
Call TI
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
18-Sep-2008
Addendum-Page 1


Similar Part No. - UC3727DWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC3727 TI-UC3727 Datasheet
387Kb / 7P
[Old version datasheet]   Isolated High Side IGBT Driver
More results

Similar Description - UC3727DWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1727 TI-UC1727 Datasheet
387Kb / 7P
[Old version datasheet]   Isolated High Side IGBT Driver
UC3725N TI-UC3725N Datasheet
247Kb / 5P
[Old version datasheet]   Isolated High Side FET Driver
UC1725 TI-UC1725 Datasheet
294Kb / 5P
[Old version datasheet]   Isolated High Side FET Driver
UC1725 TI1-UC1725_12 Datasheet
253Kb / 5P
[Old version datasheet]   Isolated High Side FET Driver
logo
ON Semiconductor
NCV57000 ONSEMI-NCV57000 Datasheet
230Kb / 14P
   Isolated High Current IGBT Gate Driver
March, 2019 ??Rev. 0
NCV57001F ONSEMI-NCV57001F_V01 Datasheet
547Kb / 19P
   Isolated High Current IGBT Gate Driver
August, 2021 - Rev. 2
NCD57000 ONSEMI-NCD57000_V01 Datasheet
520Kb / 22P
   Isolated High Current IGBT Gate Driver
June, 2022 - Rev. 4
NCV57001 ONSEMI-NCV57001 Datasheet
229Kb / 14P
   Isolated High Current IGBT Gate Driver
March, 2019 ??Rev. 0
NCV57001F ONSEMI-NCV57001F Datasheet
286Kb / 11P
   Isolated High Current IGBT Gate Driver
July, 2020 ??Rev. 1
NCD57001 ONSEMI-NCD57001_V01 Datasheet
519Kb / 22P
   Isolated High Current IGBT Gate Driver
June, 2022 - Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com