Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC18F65J15 Datasheet(PDF) 9 Page - Microchip Technology

Part # PIC18F65J15
Description  PIC18F87J10 Family
Download  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F65J15 Datasheet(HTML) 9 Page - Microchip Technology

Back Button PIC18F65J15 Datasheet HTML 5Page - Microchip Technology PIC18F65J15 Datasheet HTML 6Page - Microchip Technology PIC18F65J15 Datasheet HTML 7Page - Microchip Technology PIC18F65J15 Datasheet HTML 8Page - Microchip Technology PIC18F65J15 Datasheet HTML 9Page - Microchip Technology PIC18F65J15 Datasheet HTML 10Page - Microchip Technology PIC18F65J15 Datasheet HTML 11Page - Microchip Technology PIC18F65J15 Datasheet HTML 12Page - Microchip Technology PIC18F65J15 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 410 page
background image
© 2009 Microchip Technology Inc.
DS39663F-page 7
PIC18F87J10 FAMILY
TABLE 1-1:
DEVICE FEATURES FOR THE PIC18F87J10 FAMILY (64-PIN DEVICES)
TABLE 1-2:
DEVICE FEATURES FOR THE PIC18F87J10 FAMILY (80-PIN DEVICES)
Features
PIC18F65J10 PIC18F65J15 PIC18F66J10 PIC18F66J15 PIC18F67J10
Operating Frequency
DC – 40 MHz
DC – 40 MHz
DC – 40 MHz
DC – 40 MHz
DC – 40 MHz
Program Memory (Bytes)
32K
48K
64K
96K
128K
Program Memory (Instructions)
16384
24576
32768
49152
65536
Data Memory (Bytes)
2048
2048
2048
3936
3936
Interrupt Sources
27
I/O Ports
Ports A, B, C, D, E, F, G
Timers
5
Capture/Compare/PWM Modules
2
Enhanced Capture/
Compare/PWM Modules
3
Serial Communications
MSSP (2), Enhanced USART (2)
Parallel Communications (PSP)
Yes
10-Bit Analog-to-Digital Module
11 Input Channels
Resets (and Delays)
POR, BOR, RESET Instruction, Stack Full, Stack Underflow, MCLR, WDT
(PWRT, OST)
Instruction Set
75 Instructions, 83 with Extended Instruction Set enabled
Packages
64-pin TQFP
Features
PIC18F85J10 PIC18F85J15 PIC18F86J10 PIC18F86J15 PIC18F87J10
Operating Frequency
DC – 40 MHz
DC – 40 MHz
DC – 40 MHz
DC – 40 MHz
DC – 40 MHz
Program Memory (Bytes)
32K
48K
64K
96K
128K
Program Memory (Instructions)
16384
24576
32768
49152
65536
Data Memory (Bytes)
2048
2048
2048
3936
3936
Interrupt Sources
27
I/O Ports
Ports A, B, C, D, E, F, G, H, J
Timers
5
Capture/Compare/PWM Modules
2
Enhanced Capture/
Compare/PWM Modules
3
Serial Communications
MSSP (2), Enhanced USART (2)
Parallel Communications (PSP)
Yes
10-Bit Analog-to-Digital Module
15 Input Channels
Resets (and Delays)
POR, BOR, RESET Instruction, Stack Full, Stack Underflow, MCLR, WDT
(PWRT, OST)
Instruction Set
75 Instructions, 83 with Extended Instruction Set enabled
Packages
80-pin TQFP


Similar Part No. - PIC18F65J15

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F65J15 MICROCHIP-PIC18F65J15 Datasheet
6Mb / 410P
   64/80-Pin, High-Performance 1-Mbit Flash Microcontrollers with nanoWatt Technology
2009
PIC18F65J15 MICROCHIP-PIC18F65J15 Datasheet
782Kb / 78P
   Debug Header Specification
2006-2012
PIC18F65J15-I/PTQTP MICROCHIP-PIC18F65J15-I/PTQTP Datasheet
6Mb / 410P
   64/80-Pin, High-Performance 1-Mbit Flash Microcontrollers with nanoWatt Technology
2009
PIC18F65J15-I/PTSQTP MICROCHIP-PIC18F65J15-I/PTSQTP Datasheet
6Mb / 410P
   64/80-Pin, High-Performance 1-Mbit Flash Microcontrollers with nanoWatt Technology
2009
PIC18F65J15I/PTQTP MICROCHIP-PIC18F65J15I/PTQTP Datasheet
3Mb / 394P
   64/80-Pin High-Performance, 1-Mbit Flash Microcontrollers with nanoWatt Technology
2005
More results

Similar Description - PIC18F65J15

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S12C128V1 FREESCALE-MC9S12C128V1 Datasheet
2Mb / 690P
   MC9S12C Family MC9S12GC Family Reference Manual
logo
Pericom Semiconductor C...
PI7C9X2G808PR PERICOM-PI7C9X2G808PR Datasheet
752Kb / 1P
   GreenPacket Family
logo
Rohm
BR25S128GUZ-W ROHM-BR25S128GUZ-W_12 Datasheet
626Kb / 27P
   EEPROM family
logo
Zilog, Inc.
Z8018X ZILOG-Z8018X Datasheet
1Mb / 326P
   Family MPU
logo
Nuvoton Technology Corp...
NANO102 NUVOTON-NANO102 Datasheet
3Mb / 100P
   NuMicro??Family
logo
Silicon Laboratories
CP2102N SILABS-CP2102N Datasheet
637Kb / 44P
   USBXpress Family
Rev. 1.0
logo
Synaptics Incorporated.
RC224ATL CONEXANT-RC224ATL Datasheet
1Mb / 104P
   EmbeddedModem Family
logo
Freescale Semiconductor...
MC68HC11E0CFNE3 FREESCALE-MC68HC11E0CFNE3 Datasheet
1Mb / 242P
   M68HC11E Family
logo
Silicon Laboratories
CPT212B SILABS-CPT212B Datasheet
895Kb / 40P
   TouchXpress??Family
CPT213B SILABS-CPT213B Datasheet
815Kb / 33P
   TouchXpress??Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com