Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EVQQ2B02W Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # EVQQ2B02W
Description  6 mm Square Thin Type SMD Light Touch Switches
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EVQQ2B02W Datasheet(HTML) 1 Page - Panasonic Semiconductor

  EVQQ2B02W Datasheet HTML 1Page - Panasonic Semiconductor EVQQ2B02W Datasheet HTML 2Page - Panasonic Semiconductor EVQQ2B02W Datasheet HTML 3Page - Panasonic Semiconductor EVQQ2B02W Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Light Touch Switches/EVQP0/Q2
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
– ES76 –
E
1
Product Code
V
2
Q
3
Q
P
4
2
0
5
6
7
8
9
4th & 5th
P0
Q2
Type
Overstroke travel
Short push travel
Height
Push Plate Color
Note: Non washable
Specifications
Features
External dimensions : 6.5 mm 6.0 mm, Height 1.8 mm
(Excluding the push plate)
With or without ground terminal, height, operating force
Overstroke travel
Explanation of Part Numbers
6 mm Square Thin Type SMD
Light Touch Switches
Type:
EVQP0
EVQQ2
Recommended Applications
Operating switches for other electronic equipment
Operation switches for PC mouse
Car audio systems
Travel Type
Short Push Travel
Overstroke Travel
Type
Snap action/Push-on type SPST
Electrical
Rating
10 µA 2 Vdc to 20 mA 15 Vdc (Resistive load)
Contact Resistance
100 m
max.
Insulation Resistance
100 M
min. (at 100 Vdc)
Dielectric Withstanding Voltage
250 Vac for 1 minute
Bouncing
10 ms max. (ON, OFF)
Mechanical
Operating Force
0.5 N, 1.0 N, 1.3 N,
1.6 N, 2.6 N, 3.5 N
0.6 N, 1.0 N
Travel
0.25 mm (0.2 mm : 0.5N, 1.0N)
0.3 mm
Endurance
Operating Life
0.5 N : 2000000 cycles min.
1.0 N, 1.3 N, 1.6 N : 1000000 cycles min.
2.6 N : 200000 cycles min.
3.5 N : 100000 cycles min.
0.6 N : 2000000 cycles min.
1.0 N : 1000000 cycles min.
Operating Temperature
–40 °C to +85 °C
Storage Temperature
–40 °C to +85 °C (Bulk)
–20 °C to +60 °C (Taping)
Minimum Quantity/Packing Unit
H=2.0 mm
4000 pcs. Embossed Taping (Reel Pack)
H=2.5 mm, 3.1 mm
2000 pcs. Embossed Taping (Reel Pack)
Quantity/Carton
H=2.0 mm
20000 pcs.
H=2.5 mm, 3.1 mm
10000 pcs.
Oct. 2012
00


Similar Part No. - EVQQ2B02W

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EVQQ2B02W PANASONIC-EVQQ2B02W Datasheet
187Kb / 4P
   6 mm Square Thin Type SMD Light Touch Switches
EVQQ2B02W PANASONIC-EVQQ2B02W Datasheet
101Kb / 4P
   6 mm Square Thin Type SMD Light Touch Switches Overstroke travel
EVQQ2B02W PANASONIC-EVQQ2B02W Datasheet
101Kb / 4P
   6 mm Square Thin Type SMD Light Touch Switches
EVQQ2B02W PANASONIC-EVQQ2B02W Datasheet
101Kb / 4P
   6 mm Square Thin Type SMD Light Touch Switches
More results

Similar Description - EVQQ2B02W

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EVQ-Q2S02W PANASONIC-EVQ-Q2S02W Datasheet
101Kb / 4P
   6 mm Square Thin Type SMD Light Touch Switches
EVQP0 PANASONIC-EVQP0 Datasheet
187Kb / 4P
   6 mm Square Thin Type SMD Light Touch Switches
EVQ-Q2K02W PANASONIC-EVQ-Q2K02W Datasheet
101Kb / 4P
   6 mm Square Thin Type SMD Light Touch Switches
EVQP0N02B PANASONIC-EVQP0N02B Datasheet
101Kb / 4P
   6 mm Square Thin Type SMD Light Touch Switches Overstroke travel
EVQ-PRDA09 PANASONIC-EVQ-PRDA09 Datasheet
112Kb / 3P
   6 mm Square Thin Type Double-action SMD Light Touch Switches
EVQ-P1905M PANASONIC-EVQ-P1905M Datasheet
77Kb / 3P
   6 mm Square Long Travel SMD Light Touch Switches
EVQ-P1F05M PANASONIC-EVQ-P1F05M Datasheet
76Kb / 3P
   6 mm Square Long Travel SMD Light Touch Switches
EVPASCB1A PANASONIC-EVPASCB1A Datasheet
345Kb / 9P
   6 mm Square Long Travel 2 terminals SMD Light Touch Switches
EVQPV PANASONIC-EVQPV Datasheet
106Kb / 2P
   6 mm Square Long Travel 2R Light Touch Switches
EVQ-PPBA25 PANASONIC-EVQ-PPBA25 Datasheet
97Kb / 4P
   6.0 mm3.5 mm Square Thin type Light Touch Switches for Refl ow Sol der ing
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com