Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SI3442DV Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part No. SI3442DV
Description  N-Channel Logic Level Enhancement Mode Field Effect Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

SI3442DV Datasheet(HTML) 2 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ELECTRICAL CHARACTERISTICS (T
A = 25°C unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
OFF CHARACTERISTICS
BV
DSS
Drain-Source Breakdown Voltage
V
GS = 0 V, ID = 250 µA
20
V
I
DSS
Zero Gate Voltage Drain Current
V
DS = 16 V, VGS = 0 V
1
µA
T
J = 55
oC
10
µA
I
GSSF
Gate - Body Leakage, Forward
V
GS = 8 V, VDS = 0 V
100
nA
I
GSSR
Gate - Body Leakage, Reverse
V
GS = -8 V, VDS= 0 V
-100
nA
ON CHARACTERISTICS (Note 2)
V
GS(th)
Gate Threshold Voltage
V
DS = VGS, ID = 250 µA
0.4
0.7
1
V
T
J = 125
oC
0.3
0.5
0.8
R
DS(ON)
Static Drain-Source On-Resistance
V
GS = 4.5 V, ID = 4.1 A
0.039
0.06
T
J = 125
oC
0.06
0.11
V
GS = 2.7 V, ID = 3.6 A
0.05
0.075
I
D(on)
On-State Drain Current
V
GS = 4.5 V, VDS = 5 V
15
A
g
FS
Forward Transconductance
V
DS = 4.5 V, ID = 4.1 A
12
S
DYNAMIC CHARACTERISTICS
C
iss
Input Capacitance
V
DS = 10 V, VGS = 0 V,
f = 1.0 MHz
365
pF
C
oss
Output Capacitance
230
pF
C
rss
Reverse Transfer Capacitance
95
pF
SWITCHING CHARACTERISTICS (Note 2)
t
D(on)
Turn - On Delay Time
V
DD = 5 V, ID = 1 A,
V
GEN = 4.5 V, RGEN = 6
9
17
ns
t
r
Turn - On Rise Time
25
45
ns
t
D(off)
Turn - Off Delay Time
28
50
ns
t
f
Turn - Off Fall Time
8
15
ns
Q
g
Total Gate Charge
V
DS = 10 V,
I
D = 4.1 A, VGS = 4.5 V
10
14
nC
Q
gs
Gate-Source Charge
1
nC
Q
gd
Gate-Drain Charge
3.3
nC
SI3442DV Rev.A


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn