Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

SI3442DV Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part No. SI3442DV
Description  N-Channel Logic Level Enhancement Mode Field Effect Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

SI3442DV Datasheet(HTML) 4 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
SI3442DV Rev.A
0
1
2
3
0
3
6
9
12
15
V
, DRAIN-SOURCE VOLTAGE (V)
V
= 4.5V
GS
DS
1.5V
2.0V
2.7V
3.0V
2.5V
0
3
6
9
12
15
0.5
1
1.5
2
2.5
I
, DRAIN CURRENT (A)
D
V
=2.0V
GS
4.5V
2.5V
3.5V
2.7V
3.0V
Figure 1. On-Region Characteristics
.
Figure 2. On-Resistance Variation
with Drain Current and Gate Voltage
.
Typical Electrical Characteristics
-50
-25
0
25
50
75
100
125
150
0.6
0.8
1
1.2
1.4
1.6
1.8
T , JUNCTION TEMPERATURE (°C)
J
V
= 4.5V
GS
I = 4.1A
D
0
3
6
9
12
15
0
0.5
1
1.5
2
2.5
I , DRAIN CURRENT (A)
V
= 4.5V
GS
T = 125°C
J
25°C
-55°C
D
Figure 3. On-Resistance Variation
with Temperature.
Figure 4. On-Resistance Variation
with Drain Current and Temperature
.
0
0.5
1
1.5
2
2.5
3
0
3
6
9
12
15
V
, GATE TO SOURCE VOLTAGE (V)
25°C
125°C
V
=- 5V
DS
GS
T = -55°C
J
-50
-25
0
25
50
75
100
125
150
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
T , JUNCTION TEMPERATURE (°C)
J
I
= 250µA
D
V
= V
GS
DS
Figure 5. Transfer Characteristics
.
Figure 6. Gate Threshold Variation
with Temperature
.


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn