Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFR3706CTRR Datasheet(PDF) 10 Page - Kersemi Electronic Co., Ltd.

Part # IRFR3706CTRR
Description  High Frequency Isolated DC-DC Converters
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRFR3706CTRR Datasheet(HTML) 10 Page - Kersemi Electronic Co., Ltd.

Back Button IRFR3706CTRR Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. IRFR3706CTRR Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRFR3706CTRR Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRFR3706CTRR Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRFR3706CTRR Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRFR3706CTRR Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. IRFR3706CTRR Datasheet HTML 8Page - Kersemi Electronic Co., Ltd. IRFR3706CTRR Datasheet HTML 9Page - Kersemi Electronic Co., Ltd. IRFR3706CTRR Datasheet HTML 10Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
IRFR/U3706CPbF
10
www.kersemi.com
 Repetitive rating; pulse width limited by
max. junction temperature.
Notes:
‚ Starting T
J = 25°C, L = 0.54mH
RG = 25Ω, IAS = 28A.
ƒ Pulse width ≤ 400µs; duty cycle ≤ 2%.
„Calculated continuous current based on maximum allowable
junction temperature. Package limitation current is 30A.
D-Pak (TO-252AA) Tape & Reel Information
Dimensions are shown in millimeters (inches)
TR
16.3 ( .641 )
15.7 ( .619 )
8.1 ( .318 )
7.9 ( .312 )
12.1 ( .476 )
11.9 ( .469 )
FEED DIRECTION
FEED DIRECTION
16.3 ( .641 )
15.7 ( .619 )
TRR
TRL
NOTES :
1. CONTROLLING DIMENSION : MILLIMETER.
2. ALL DIMENSIONS ARE SHOWN IN MILLIMETERS ( INCHES ).
3. OUTLINE CONFORMS TO EIA-481 & EIA-541.
NOTES :
1. OUTLINE CONFORMS TO EIA-481.
16 mm
13 INCH
… Rθ is measured at TJ approximately 90°C


Similar Part No. - IRFR3706CTRR

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
IRFR3706C KERSEMI-IRFR3706C Datasheet
3Mb / 10P
   SMPS MOSFET
logo
International Rectifier
IRFR3706CLPBF IRF-IRFR3706CLPBF Datasheet
263Kb / 11P
   High Frequency Isolated DC-DC
IRFR3706CPBF IRF-IRFR3706CPBF Datasheet
254Kb / 10P
   SMPS MOSFET
logo
Kersemi Electronic Co.,...
IRFR3706CPBF KERSEMI-IRFR3706CPBF Datasheet
3Mb / 10P
   SMPS MOSFET
IRFR3706CPBF KERSEMI-IRFR3706CPBF Datasheet
3Mb / 10P
   SMPS MOSFET
More results

Similar Description - IRFR3706CTRR

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3708PBF IRF-IRF3708PBF_15 Datasheet
283Kb / 11P
   High Frequency DC-DC Isolated Converters
logo
Kersemi Electronic Co.,...
IRF3708 KERSEMI-IRF3708 Datasheet
1Mb / 10P
   High Frequency DC-DC Isolated Converters
IRFR3704 KERSEMI-IRFR3704 Datasheet
816Kb / 9P
   High Frequency DC-DC Isolated Converters with Synchronous Rectification
logo
International Rectifier
IRFR3706CLPBF IRF-IRFR3706CLPBF Datasheet
263Kb / 11P
   High Frequency Isolated DC-DC
IRF7469TRPBF IRF-IRF7469TRPBF Datasheet
131Kb / 8P
   High Frequency Isolated DC-DC
IRFR3706LPBF IRF-IRFR3706LPBF Datasheet
226Kb / 11P
   High Frequency Isolated DC-DC
IRFU3518-701PBF IRF-IRFU3518-701PBF Datasheet
234Kb / 11P
   High frequency DC-DC converters
logo
Kersemi Electronic Co.,...
IRFR3518 KERSEMI-IRFR3518 Datasheet
4Mb / 10P
   High frequency DC-DC converters
logo
International Rectifier
IRFS33N15DTRLP IRF-IRFS33N15DTRLP Datasheet
150Kb / 12P
   High frequency DC-DC converters
IRFR13N20DPBF IRF-IRFR13N20DPBF_15 Datasheet
689Kb / 11P
   HIGH FREQUENCY DC-DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com