Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFR3706C Datasheet(PDF) 1 Page - Kersemi Electronic Co., Ltd.

Part # IRFR3706C
Description  SMPS MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRFR3706C Datasheet(HTML) 1 Page - Kersemi Electronic Co., Ltd.

  IRFR3706C Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. IRFR3706C Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. IRFR3706C Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRFR3706C Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRFR3706C Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRFR3706C Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRFR3706C Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. IRFR3706C Datasheet HTML 8Page - Kersemi Electronic Co., Ltd. IRFR3706C Datasheet HTML 9Page - Kersemi Electronic Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
IRFR3706CPbF
IRFU3706CPbF
SMPS MOSFET
HEXFET® Power MOSFET
VDSS
RDS(on) max
ID
20V
9.0m
75A„
Absolute Maximum Ratings
Symbol
Parameter
Max.
Units
VDS
Drain-Source Voltage
20
V
VGS
Gate-to-Source Voltage
± 12
V
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
75
„
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
53
„
A
IDM
Pulsed Drain Current

280
PD @TC = 25°C
Maximum Power Dissipation
ƒ
88
W
PD @TC = 100°C
Maximum Power Dissipation
ƒ
44
W
Linear Derating Factor
0.59
mW/°C
TJ , TSTG
Junction and Storage Temperature Range
-55 to + 175
°C
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
…
–––
1.7
RθJA
Junction-to-Ambient (PCB mount)*
…
–––
50
°C/W
RθJA
Junction-to-Ambient
…
–––
110
Thermal Resistance
Applications
Benefits
l Ultra-Low Gate Impedance
l Very Low RDS(on) at 4.5V VGS
l Fully Characterized Avalanche Voltage
and Current
l High Frequency Isolated DC-DC
Converters with Synchronous Rectification
for Telecom and Industrial Use
l High Frequency Buck Converters for
Computer Processor Power
l Lead-Free
I-Pak
IRFU3706CPbF
D-Pak
IRFR3706CPbF
www.kersemi.com


Similar Part No. - IRFR3706C

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFR3706CLPBF IRF-IRFR3706CLPBF Datasheet
263Kb / 11P
   High Frequency Isolated DC-DC
IRFR3706CPBF IRF-IRFR3706CPBF Datasheet
254Kb / 10P
   SMPS MOSFET
logo
Kersemi Electronic Co.,...
IRFR3706CPBF KERSEMI-IRFR3706CPBF Datasheet
3Mb / 10P
   SMPS MOSFET
IRFR3706CPBF KERSEMI-IRFR3706CPBF Datasheet
3Mb / 10P
   High Frequency Isolated DC-DC Converters
logo
International Rectifier
IRFR3706CPBF IRF-IRFR3706CPBF Datasheet
263Kb / 11P
   High Frequency Isolated DC-DC
More results

Similar Description - IRFR3706C

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFPS30N60KPBF IRF-IRFPS30N60KPBF Datasheet
135Kb / 8P
   SMPS MOSFET
IRFR1N60APBF IRF-IRFR1N60APBF Datasheet
231Kb / 10P
   SMPS MOSFET
IRFB9N65APBF IRF-IRFB9N65APBF Datasheet
129Kb / 8P
   SMPS MOSFET
IRLR3715PBF IRF-IRLR3715PBF Datasheet
268Kb / 10P
   SMPS MOSFET
IRFR3412PBF IRF-IRFR3412PBF Datasheet
224Kb / 10P
   SMPS MOSFET
IRF7466PBF IRF-IRF7466PBF Datasheet
131Kb / 8P
   SMPS MOSFET
IRF7468PBF IRF-IRF7468PBF Datasheet
126Kb / 8P
   SMPS MOSFET
IRFB18N50KPBF IRF-IRFB18N50KPBF Datasheet
173Kb / 8P
   SMPS MOSFET
IRFIB8N50K IRF-IRFIB8N50K Datasheet
147Kb / 8P
   SMPS MOSFET
IRFR420A IRF-IRFR420A Datasheet
114Kb / 10P
   SMPS MOSFET
logo
Kersemi Electronic Co.,...
IRFR220N KERSEMI-IRFR220N Datasheet
3Mb / 10P
   SMPS MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com