Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFR3412TRR Datasheet(PDF) 1 Page - Kersemi Electronic Co., Ltd.

Part # IRFR3412TRR
Description  Switch Mode Power Supply (SMPS)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRFR3412TRR Datasheet(HTML) 1 Page - Kersemi Electronic Co., Ltd.

  IRFR3412TRR Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. IRFR3412TRR Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. IRFR3412TRR Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRFR3412TRR Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRFR3412TRR Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRFR3412TRR Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRFR3412TRR Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. IRFR3412TRR Datasheet HTML 8Page - Kersemi Electronic Co., Ltd. IRFR3412TRR Datasheet HTML 9Page - Kersemi Electronic Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
www.kersemi.com
1
1/22/02
IRFR3412
IRFU3412
VDSS
RDS(on) max
ID
100V
0.025
48A
†
l Switch Mode Power Supply (SMPS)
l Motor Drive
l
Bridge Converters
l
All Zero Voltage Switching
Benefits
Applications
l Low Gate Charge Qg results in Simple
Drive Requirement
l Improved Gate, Avalanche and Dynamic
dv/dt Ruggedness
l Fully Characterized Capacitance and
Avalanche Voltage and Current
l Enhanced Body Diode dv/dt Capability
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
48
†
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
34
†
A
IDM
Pulsed Drain Current

190
PD @TC = 25°C
Power Dissipation
140
W
Linear Derating Factor
0.95
W/°C
VGS
Gate-to-Source Voltage
± 20
V
dv/dt
Peak Diode Recovery dv/dt
ƒ
6.4
V/ns
TJ
Operating Junction and
-55 to + 175
°C
TSTG
Storage Temperature Range
Soldering Temperature, for 10 second
300(1.6mm from case )
Mounting torqe, 6-32 or M3 screw
10 lbf•in (1.1N•m)
Absolute Maximum Ratings
Symbol
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
–––
–––
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)

–––
–––
p-n junction diode.
VSD
Diode Forward Voltage
–––
–––
1.3
V
TJ = 25°C, IS = 29A, VGS = 0V
„
trr
Reverse Recovery Time
–––
68
100
ns
TJ = 125°C, IF = 29A
Qrr
Reverse RecoveryCharge
–––
160
240
nC
di/dt = 100A/µs
„
IRRM
Reverse RecoveryCurrent
–––
4.5
6.8
A
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
S
D
G
Diode Characteristics
48
†
190
A
D-Pak
I-Pak
IRFR3412
IRFU3412


Similar Part No. - IRFR3412TRR

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFR3412 IRF-IRFR3412 Datasheet
139Kb / 10P
   SMPS MOSFET
IRFR3412PBF IRF-IRFR3412PBF Datasheet
224Kb / 10P
   SMPS MOSFET
logo
Kersemi Electronic Co.,...
IRFR3412PBF KERSEMI-IRFR3412PBF Datasheet
3Mb / 10P
   SMPS MOSFET
IRFR3412PBF KERSEMI-IRFR3412PBF Datasheet
3Mb / 10P
   SMPS MOSFET
More results

Similar Description - IRFR3412TRR

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF740AS IRF-IRF740AS Datasheet
141Kb / 10P
   Switch Mode Power Supply (SMPS)
IRFB17N60KPBF IRF-IRFB17N60KPBF Datasheet
438Kb / 8P
   SMPS MOSFET(SWITCH MODE POWER SUPPLY)
logo
Freescale Semiconductor...
SG2074 FREESCALE-SG2074 Datasheet
137Kb / 4P
   Digital Switched-Mode Power Supply (SMPS)
logo
Compact Technology Corp...
CF2N60I CTC-CF2N60I Datasheet
1Mb / 5P
   Switch Mode Power Supply
CF2N60S CTC-CF2N60S Datasheet
1Mb / 5P
   Switch Mode Power Supply
logo
Omron Electronics LLC
S8VM03015CD OMRON-S8VM03015CD Datasheet
6Mb / 38P
   Switch Mode Power Supply
S8VK-C OMRON-S8VK-C Datasheet
4Mb / 20P
   Switch Mode Power Supply
logo
Compact Technology Corp...
CF4N60S CTC-CF4N60S Datasheet
1Mb / 5P
   Switch Mode Power Supply
CF6N60S CTC-CF6N60S Datasheet
1Mb / 5P
   Switch Mode Power Supply
logo
Omron Electronics LLC
S8TS OMRON-S8TS Datasheet
274Kb / 3P
   Switch Mode Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com