Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFR3411 Datasheet(PDF) 1 Page - Kersemi Electronic Co., Ltd.

Part # IRFR3411
Description  HEXFET Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRFR3411 Datasheet(HTML) 1 Page - Kersemi Electronic Co., Ltd.

  IRFR3411 Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. IRFR3411 Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. IRFR3411 Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRFR3411 Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRFR3411 Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRFR3411 Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRFR3411 Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. IRFR3411 Datasheet HTML 8Page - Kersemi Electronic Co., Ltd. IRFR3411 Datasheet HTML 9Page - Kersemi Electronic Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
IRFR3411PbF
IRFU3411PbF
HEXFET® Power MOSFET
12/03/04
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
1.2
RθJA
Junction-to-Ambient (PCB mount)*
–––
50
°C/W
RθJA
Junction-to-Ambient
–––
110
Thermal Resistance
www.kersemi.com
1
VDSS = 100V
RDS(on) = 44mΩ
ID = 32A
S
D
G
Advanced HEXFET® Power MOSFETs from International
Rectifier utilize advanced processing techniques to
achieve extremely low on-resistance per silicon area.
This benefit, combined with the fast switching speed and
ruggedized device design that HEXFET power MOSFETs
are well known for, provides the designer with an
extremely efficient and reliable device for use in a wide
variety of applications.
The D-Pak is designed for surface mounting using vapor
phase, infrared, or wave soldering techniques.
The
straight lead, I-Pak, version (IRFU series) is for through-
hole mounting applications. Power dissipation levels up
to 1.5 watts are possible in typical surface mount
applications.
l Advanced Process Technology
l Ultra Low On-Resistance
l Dynamic dv/dt Rating
l 175°C Operating Temperature
l Fast Switching
l Fully Avalanche Rated
l Lead-Free
Description
Absolute Maximum Ratings
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
32
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
23
A
IDM
Pulsed Drain Current

110
PD @TC = 25°C
Power Dissipation
130
W
Linear Derating Factor
0.83
W/°C
VGS
Gate-to-Source Voltage
± 20
V
IAR
Avalanche Current

16
A
EAR
Repetitive Avalanche Energy

13
mJ
dv/dt
Peak Diode Recovery dv/dt
ƒ
7.0
V/ns
TJ
Operating Junction and
-55 to + 175
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C
PD - 95371A
D-Pak
IRFR3411
I-Pak
IRFU3411


Similar Part No. - IRFR3411

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFR3411 IRF-IRFR3411 Datasheet
226Kb / 10P
   HEXFET Power MOSFET
logo
Inchange Semiconductor ...
IRFR3411 ISC-IRFR3411 Datasheet
335Kb / 2P
   N-Channel MOSFET Transistor
logo
International Rectifier
IRFR3411PBF IRF-IRFR3411PBF Datasheet
226Kb / 10P
   HEXFET Power MOSFET
logo
Kersemi Electronic Co.,...
IRFR3411PBF KERSEMI-IRFR3411PBF Datasheet
3Mb / 10P
   Advanced Process Technology Ultra Low On-Resistance
logo
International Rectifier
IRFR3411PBF IRF-IRFR3411PBF Datasheet
293Kb / 10P
    Advanced Process Technology
More results

Similar Description - IRFR3411

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com