Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C1210C105K1R1CT500 Datasheet(PDF) 3 Page - Kemet Corporation

Part # C1210C105K1R1CT500
Description  Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) KPS Series, X7R Dielectric, 10 ??250 VDC (Commercial Grade)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C1210C105K1R1CT500 Datasheet(HTML) 3 Page - Kemet Corporation

  C1210C105K1R1CT500 Datasheet HTML 1Page - Kemet Corporation C1210C105K1R1CT500 Datasheet HTML 2Page - Kemet Corporation C1210C105K1R1CT500 Datasheet HTML 3Page - Kemet Corporation C1210C105K1R1CT500 Datasheet HTML 4Page - Kemet Corporation C1210C105K1R1CT500 Datasheet HTML 5Page - Kemet Corporation C1210C105K1R1CT500 Datasheet HTML 6Page - Kemet Corporation C1210C105K1R1CT500 Datasheet HTML 7Page - Kemet Corporation C1210C105K1R1CT500 Datasheet HTML 8Page - Kemet Corporation C1210C105K1R1CT500 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
C1020_X7R_KPS_SMD • 5/30/2013
33
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
KPS Series, X7R Dielectric, 10 – 250 VDC (Commercial Grade)
Electrical Parameters/Characteristics
Item
Parameters/Characteristics
Operating Temperature Range
-55°C to +125°C
Capacitance Change with Reference to +25°C and 0 VDC Applied (TCC)
±15%
Aging Rate (Maximum % Capacitance Loss/Decade Hour)
3.0%
Dielectric Withstanding Voltage (DWV)
250% of rated voltage
(5 ±1 seconds and charge/discharge not exceeding 50 mA)
Dissipation Factor (DF) Maximum Limit @ 25ºC
5%(10 V), 3.5%(16 V and 25 V) and 2.5%(50 V to 250 V)
Insulation Resistance (IR) Limit @ 25°C
See Insulation Resistance Limit Table
(Rated voltage applied for 120 ±5 seconds @ 25°C)
Regarding aging rate: Capacitance measurements (including tolerance) are indexed to a referee time of 48 or 1,000 hours. Please refer to a part number specific
datasheet for referee time details.
To obtain IR limit, divide MΩ-µF value by the capacitance and compare to GΩ limit. Select the lower of the two limits.
Capacitance and dissipation factor (DF) measured under the following conditions:
1 kHz ±50 Hz and 1.0 ±0.2 Vrms if capacitance ≤ 10 µF
120 Hz ±10 Hz and 0.5 ±0.1 Vrms if capacitance > 10 µF
Note: When measuring capacitance it is important to ensure the set voltage level is held constant. The HP4284 and Agilent E4980 have a feature known as
Automatic Level Control (ALC). The ALC feature should be switched to "ON."
Post Environmental Limits
High Temperature Life, Biased Humidity, Moisture Resistance
Dielectric
Rated DC
Voltage
Capacitance
Value
Dissipation Factor
(Maximum %)
Capacitance
Shift
Insulation
Resistance
X7R
> 25
All
3.0
±20%
10% of Initial Limit
16/25
5.0
< 16
7.5
Insulation Resistance Limit Table
EIA Case Size
1,000 Megohm
Microfarads or 100 GΩ
500 Megohm
Microfarads or 10 GΩ
1210
< 0.39 µF
≥ 0.39 µF
1812
< 2.2 µF
≥ 2.2 µF
2220
< 10 µF
≥ 10 µF


Similar Part No. - C1210C105K1R1CT500

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1210C105K1R1C7186 KEMET-C1210C105K1R1C7186 Datasheet
77Kb / 1P
   KPS SMD Comm X7R, Ceramic, Commercial Grade, 1 uF, 10%, 100 VDC, X7R, 1210-1
More results

Similar Description - C1210C105K1R1CT500

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0603C104M4RACTU KEMET-C0603C104M4RACTU Datasheet
1Mb / 24P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) X7R Dielectric, 6.3 ??250 VDC (Commercial Grade)
C0603C152K2RACTU KEMET-C0603C152K2RACTU Datasheet
854Kb / 22P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) X7R Dielectric, 6.3 ??250 VDC (Commercial Grade)
C0603C101K5RACTU KEMET-C0603C101K5RACTU Datasheet
1Mb / 24P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) X7R Dielectric, 6.3 ??250 VDC (Commercial Grade)
C0805C105K4RACTU KEMET-C0805C105K4RACTU Datasheet
824Kb / 21P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) X7R Dielectric, 6.3 ??250 VDC (Commercial Grade)
C0603C104M5RACTU KEMET-C0603C104M5RACTU Datasheet
854Kb / 22P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) X7R Dielectric, 6.3 ??250 VDC (Commercial Grade)
C0603C104K4RACTU KEMET-C0603C104K4RACTU Datasheet
1Mb / 24P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) X7R Dielectric, 6.3 ??250 VDC (Commercial Grade)
C2220C106M5R2C7186 KEMET-C2220C106M5R2C7186 Datasheet
3Mb / 17P
   KPS Series, X7R Dielectric, 10 - 250 VDC (Commercial Grade)
C0402C150K5GACTU KEMET-C0402C150K5GACTU Datasheet
1Mb / 20P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) C0G Dielectric, 10 ??200 VDC (Commercial Grade)
C0402C189C5GACTU KEMET-C0402C189C5GACTU Datasheet
1Mb / 20P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) C0G Dielectric, 10 ??200 VDC (Commercial Grade)
C0603C100C5GACTU KEMET-C0603C100C5GACTU Datasheet
1Mb / 20P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) C0G Dielectric, 10 ??200 VDC (Commercial Grade)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com