Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C2220C335K5R1CT500 Datasheet(PDF) 5 Page - Kemet Corporation

Part # C2220C335K5R1CT500
Description  Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) KPS Series, X7R Dielectric, 10 ??250 VDC (Commercial Grade)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C2220C335K5R1CT500 Datasheet(HTML) 5 Page - Kemet Corporation

  C2220C335K5R1CT500 Datasheet HTML 1Page - Kemet Corporation C2220C335K5R1CT500 Datasheet HTML 2Page - Kemet Corporation C2220C335K5R1CT500 Datasheet HTML 3Page - Kemet Corporation C2220C335K5R1CT500 Datasheet HTML 4Page - Kemet Corporation C2220C335K5R1CT500 Datasheet HTML 5Page - Kemet Corporation C2220C335K5R1CT500 Datasheet HTML 6Page - Kemet Corporation C2220C335K5R1CT500 Datasheet HTML 7Page - Kemet Corporation C2220C335K5R1CT500 Datasheet HTML 8Page - Kemet Corporation C2220C335K5R1CT500 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
C1020_X7R_KPS_SMD • 5/30/2013
55
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
KPS Series, X7R Dielectric, 10 – 250 VDC (Commercial Grade)
Impedance – 1210, .22 µF, 50 V X7R
ESR – 1210, .22 µF, 50 V X7R
Impedance – 1812, .10 µF, 50 V X7R
ESR – 1812, .10 µF, 50 V X7R
Electrical Characteristics cont'd
0.01
0.1
1
10
1.E+03
1.E+04
1.E+05
1.E+06
1.E+07
1.E+08
Frequency (Hz)
ESR vs. Frequency
C1210C224K5R2C (2 Chip Stack)
C1210C224K5R1C (1 Chip Stack)
0.01
0.1
1
10
100
1000
1.E+03
1.E+04
1.E+05
1.E+06
1.E+07
1.E+08
Frequency (Hz)
Impedance vs. Frequency
C1210C224K5R2C (2 Chip Stack)
C1210C224K5R1C (1 Chip Stack)
0.01
0.1
1
10
100
1000
10000
1.E+03
1.E+04
1.E+05
1.E+06
1.E+07
1.E+08
Frequency (Hz)
Impedance vs. Frequency
C1812C104K5R2C (2 Chip Stack)
C1812C104K5R1C (1 Chip Stack)
0.01
0.1
1
10
1.E+03
1.E+04
1.E+05
1.E+06
1.E+07
1.E+08
Frequency (Hz)
ESR vs. Frequency
C1812C104K5R2C (2 Chip Stack)
C1812C104K5R1C (1 Chip Stack)


Similar Part No. - C2220C335K5R1CT500

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C2220C335K1R1C7186 KEMET-C2220C335K1R1C7186 Datasheet
75Kb / 1P
   KPS SMD Comm X7R, Ceramic, Commercial Grade, 3.3 uF, 10%, 100 V, 2220-1, X7R
More results

Similar Description - C2220C335K5R1CT500

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0603C104M4RACTU KEMET-C0603C104M4RACTU Datasheet
1Mb / 24P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) X7R Dielectric, 6.3 ??250 VDC (Commercial Grade)
C0603C152K2RACTU KEMET-C0603C152K2RACTU Datasheet
854Kb / 22P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) X7R Dielectric, 6.3 ??250 VDC (Commercial Grade)
C0603C101K5RACTU KEMET-C0603C101K5RACTU Datasheet
1Mb / 24P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) X7R Dielectric, 6.3 ??250 VDC (Commercial Grade)
C0805C105K4RACTU KEMET-C0805C105K4RACTU Datasheet
824Kb / 21P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) X7R Dielectric, 6.3 ??250 VDC (Commercial Grade)
C0603C104M5RACTU KEMET-C0603C104M5RACTU Datasheet
854Kb / 22P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) X7R Dielectric, 6.3 ??250 VDC (Commercial Grade)
C0603C104K4RACTU KEMET-C0603C104K4RACTU Datasheet
1Mb / 24P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) X7R Dielectric, 6.3 ??250 VDC (Commercial Grade)
C2220C106M5R2C7186 KEMET-C2220C106M5R2C7186 Datasheet
3Mb / 17P
   KPS Series, X7R Dielectric, 10 - 250 VDC (Commercial Grade)
C0402C150K5GACTU KEMET-C0402C150K5GACTU Datasheet
1Mb / 20P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) C0G Dielectric, 10 ??200 VDC (Commercial Grade)
C0402C189C5GACTU KEMET-C0402C189C5GACTU Datasheet
1Mb / 20P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) C0G Dielectric, 10 ??200 VDC (Commercial Grade)
C0603C100C5GACTU KEMET-C0603C100C5GACTU Datasheet
1Mb / 20P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) C0G Dielectric, 10 ??200 VDC (Commercial Grade)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com