Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SGW5N60RUFD Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part No. SGW5N60RUFD
Description  Short Circuit Rated IGBT
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

SGW5N60RUFD Datasheet(HTML) 1 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
©2002 Fairchild Semiconductor Corporation
SGW5N60RUFD Rev. A1
IGBT
G
E
C
D2-PAK
SGW5N60RUFD
Short Circuit Rated IGBT
General Description
Fairchild's
RUFD
series
of
Insulated
Gate
Bipolar
Transistors (IGBTs) provide low conduction and switching
losses as well as short circuit ruggedness. The RUFD
series is designed for applications such as motor control,
uninterrupted power supplies (UPS) and general inverters
where short circuit ruggedness is a required feature.
Features
• Short circuit rated 10us @ TC = 100°C, VGE = 15V
• High speed switching
• Low saturation voltage : VCE(sat) = 2.2 V @ IC = 5A
• High input impedance
• CO-PAK, IGBT with FRD : trr = 37ns (typ.)
Absolute Maximum Ratings T
C = 25°C unless otherwise noted
Notes :
(1) Repetitive rating : Pulse width limited by max. junction temperature
Thermal Characteristics
Notes :
(2) Mounted on 1” squre PCB (FR4 or G-10 Material)
Symbol
Description
SGW5N60RUFD
Units
VCES
Collector-Emitter Voltage
600
V
VGES
Gate-Emitter Voltage
± 20
V
IC
Collector Current
@ TC = 25°C8
A
Collector Current
@ TC = 100°C5
A
ICM (1)
Pulsed Collector Current
15
A
IF
Diode Continuous Forward Current
@ TC = 100°C8
A
IFM
Diode Maximum Forward Current
56
A
TSC
Short Circuit Withstand Time
@ TC = 100°C10
us
PD
Maximum Power Dissipation
@ TC = 25°C60
W
Maximum Power Dissipation
@ TC = 100°C25
W
TJ
Operating Junction Temperature
-55 to +150
°C
Tstg
Storage Temperature Range
-55 to +150
°C
TL
Maximum Lead Temp. for Soldering
Purposes, 1/8” from Case for 5 Seconds
300
°C
Symbol
Parameter
Typ.
Max.
Units
RθJC(IGBT)
Thermal Resistance, Junction-to-Case
--
2.0
°C/W
RθJC(DIODE)
Thermal Resistance, Junction-to-Case
--
3.5
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient (PCB Mount) (2)
--
40
°C/W
Applications
AC & DC motor controls, general purpose inverters, robotics, and servo controls.
G
C
E
G
C
E


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SGH15N120RUFShort Circuit Rated IGBT 1 2 3 4 5 MoreFairchild Semiconductor
SGL50N60RUFDShort Circuit Rated IGBT 1 2 3 4 5 MoreFairchild Semiconductor
SGW5N60RUFShort Circuit Rated IGBT 1 2 3 4 5 MoreFairchild Semiconductor
CPU165MKIGBT SIP MODULE Short Circuit Rated UltraFast IGBT 1 2 International Rectifier
SGH15N120RUFDShort Circuit Rated IGBT 1 2 3 4 5 MoreFairchild Semiconductor
SGP10N60RUFShort Circuit Rated IGBT 1 2 3 4 5 MoreFairchild Semiconductor
CPU165MMIGBT SIP MODULE Short Circuit Rated Fast IGBT 1 2 International Rectifier
CPV364MMShort Circuit Rated Fast IGBT 1 2 International Rectifier
SGH15N60RUFShort Circuit Rated IGBT 1 2 3 4 5 MoreFairchild Semiconductor
SGP10N60RUFDShort Circuit Rated IGBT 1 2 3 4 5 MoreFairchild Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn