Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SGW5N60RUFD Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part No. SGW5N60RUFD
Description  Short Circuit Rated IGBT
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

SGW5N60RUFD Datasheet(HTML) 6 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
SGW5N60RUFD Rev. A1
©2002 Fairchild Semiconductor Corporation
Fig 19. Reverse Recovery Current
Fig 18. Forward Characteristics
Fig 20. Stored Charge
Fig 21. Reverse Recovery Time
0.1
1
10
100
01
23
T
C =
25℃ ━━
T
C = 100
℃ ------
Forward Voltage Drop, V
F [V]
100
1000
1
10
100
V
R = 200V
I
F = 8A
T
C =
25℃ ━━
T
C = 100
℃ ------
di/dt [A/us]
100
1000
0
20
40
60
80
100
V
R = 200V
I
F = 8A
T
C =
25℃ ━━
T
C = 100
℃ ------
di/dt [A/us]
100
1000
0
100
200
300
400
500
V
R = 200V
I
F = 8A
T
C
=
25℃ ━━
T
C
= 100℃ ------
di/dt [A/us]


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SGH15N120RUFShort Circuit Rated IGBT 1 2 3 4 5 MoreFairchild Semiconductor
SGL50N60RUFDShort Circuit Rated IGBT 1 2 3 4 5 MoreFairchild Semiconductor
SGW5N60RUFShort Circuit Rated IGBT 1 2 3 4 5 MoreFairchild Semiconductor
CPU165MKIGBT SIP MODULE Short Circuit Rated UltraFast IGBT 1 2 International Rectifier
SGH15N120RUFDShort Circuit Rated IGBT 1 2 3 4 5 MoreFairchild Semiconductor
SGP10N60RUFShort Circuit Rated IGBT 1 2 3 4 5 MoreFairchild Semiconductor
CPU165MMIGBT SIP MODULE Short Circuit Rated Fast IGBT 1 2 International Rectifier
CPV364MMShort Circuit Rated Fast IGBT 1 2 International Rectifier
SGH15N60RUFShort Circuit Rated IGBT 1 2 3 4 5 MoreFairchild Semiconductor
SGP10N60RUFDShort Circuit Rated IGBT 1 2 3 4 5 MoreFairchild Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn