Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SGW5N60RUFD Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part No. SGW5N60RUFD
Description  Short Circuit Rated IGBT
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

SGW5N60RUFD Datasheet(HTML) 5 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
SGW5N60RUFD Rev. A1
©2002 Fairchild Semiconductor Corporation
Fig 14. Gate Charge Characteristics
Fig 15. SOA Characteristic
Fig 16. Turn-Off SOA Characteristics
Fig 17. Transient Thermal Impedance of IGBT
Fig 13. Switching Loss vs. Collector Current
1
10
100
1000
1
10
Safe Operating Area
V
GE = 20V, TC = 100
40
Collector-Emitter Voltage, V
CE [V]
3
45678
9
10
100
1000
Eon
Eoff
Common Emitter
V
GE =
± 15V, R
G = 40
T
C
= 25℃ ━━
T
C
= 125℃ ------
Collector Current, I
C
[A]
0
3
6
9
12
15
18
0
3
6
9
12
15
200V
300V
V
CC
= 100V
Common Emitter
R
L = 60
T
C
= 25℃
Gate Charge, Q
g [nC]
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
0.01
0.1
1
10
0.5
0.2
0.1
0.05
0.02
0.01
single pulse
Rectangular Pulse Duration [sec]
Pdm
t1
t2
Duty factor D = t1 / t2
Peak Tj = Pdm
× Zthjc + T
C
0.1
1
10
100
1000
0.01
0.1
1
10
Single Nonrepetitive
Pulse T
C = 25
Curves must be derated
linearly with increase
in temperature
50
Ic MAX. (Continuous)
Ic MAX. (Pulsed)
DC Operation
1㎳
100us
50us
Collector-Emitter Voltage, V
CE [V]


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SGH15N120RUFShort Circuit Rated IGBT 1 2 3 4 5 MoreFairchild Semiconductor
SGL50N60RUFDShort Circuit Rated IGBT 1 2 3 4 5 MoreFairchild Semiconductor
SGW5N60RUFShort Circuit Rated IGBT 1 2 3 4 5 MoreFairchild Semiconductor
CPU165MKIGBT SIP MODULE Short Circuit Rated UltraFast IGBT 1 2 International Rectifier
SGH15N120RUFDShort Circuit Rated IGBT 1 2 3 4 5 MoreFairchild Semiconductor
SGP10N60RUFShort Circuit Rated IGBT 1 2 3 4 5 MoreFairchild Semiconductor
CPU165MMIGBT SIP MODULE Short Circuit Rated Fast IGBT 1 2 International Rectifier
CPV364MMShort Circuit Rated Fast IGBT 1 2 International Rectifier
SGH15N60RUFShort Circuit Rated IGBT 1 2 3 4 5 MoreFairchild Semiconductor
SGP10N60RUFDShort Circuit Rated IGBT 1 2 3 4 5 MoreFairchild Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn