Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SGW5N60RUFD Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part No. SGW5N60RUFD
Description  Short Circuit Rated IGBT
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

SGW5N60RUFD Datasheet(HTML) 3 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
SGW5N60RUFD Rev. A1
©2002 Fairchild Semiconductor Corporation
Fig 1. Typical Output Characteristics
Fig 2. Typical Saturation Voltage Characteristics
Fig 3. Saturation Voltage vs. Case
Temperature at Variant Current Level
Fig 4. Load Current vs. Frequency
Fig 5. Saturation Voltage vs. VGE
Fig 6. Saturation Voltage vs. VGE
02
468
0
5
10
15
20
25
20V
12V
15V
V
GE = 10V
Common Emitter
T
C = 25
Collector - Emitter Voltage, V
CE [V]
110
0
4
8
12
16
20
Common Emitter
V
GE = 15V
T
C =
25℃ ━━
T
C = 125
℃ ------
Collector - Emitter Voltage, V
CE [V]
-50
0
50
100
150
1.0
1.5
2.0
2.5
3.0
3.5
4.0
10A
5A
I
C = 3A
Common Emitter
V
GE = 15V
Case Temperature, T
C [
℃]
0
2
4
6
8
10
0.1
1
10
100
1000
Duty cycle : 50%
T
C = 100
Power Dissipation = 12W
V
CC = 300V
Load Current : peak of square wave
Frequency [KHz]
0
4
8
121620
0
4
8
12
16
20
10A
5A
I
C = 3A
Common Emitter
T
C = 25
Gate - Emitter Voltage, V
GE [V]
0
4
8
12
16
20
0
4
8
12
16
20
Common Emitter
T
C = 125
10A
5A
I
C = 3A
Gate - Emitter Voltage, V
GE [V]


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SGH15N120RUFShort Circuit Rated IGBT 1 2 3 4 5 MoreFairchild Semiconductor
SGL50N60RUFDShort Circuit Rated IGBT 1 2 3 4 5 MoreFairchild Semiconductor
SGW5N60RUFShort Circuit Rated IGBT 1 2 3 4 5 MoreFairchild Semiconductor
CPU165MKIGBT SIP MODULE Short Circuit Rated UltraFast IGBT 1 2 International Rectifier
SGH15N120RUFDShort Circuit Rated IGBT 1 2 3 4 5 MoreFairchild Semiconductor
SGP10N60RUFShort Circuit Rated IGBT 1 2 3 4 5 MoreFairchild Semiconductor
CPU165MMIGBT SIP MODULE Short Circuit Rated Fast IGBT 1 2 International Rectifier
CPV364MMShort Circuit Rated Fast IGBT 1 2 International Rectifier
SGH15N60RUFShort Circuit Rated IGBT 1 2 3 4 5 MoreFairchild Semiconductor
SGP10N60RUFDShort Circuit Rated IGBT 1 2 3 4 5 MoreFairchild Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn