Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADT6501SRJZP085RL7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADT6501SRJZP085RL7
Description  Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT6501SRJZP085RL7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADT6501SRJZP085RL7 Datasheet HTML 6Page - Analog Devices ADT6501SRJZP085RL7 Datasheet HTML 7Page - Analog Devices ADT6501SRJZP085RL7 Datasheet HTML 8Page - Analog Devices ADT6501SRJZP085RL7 Datasheet HTML 9Page - Analog Devices ADT6501SRJZP085RL7 Datasheet HTML 10Page - Analog Devices ADT6501SRJZP085RL7 Datasheet HTML 11Page - Analog Devices ADT6501SRJZP085RL7 Datasheet HTML 12Page - Analog Devices ADT6501SRJZP085RL7 Datasheet HTML 13Page - Analog Devices ADT6501SRJZP085RL7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ADT6501/ADT6502/ADT6503/ADT6504
Data Sheet
Rev. B | Page 10 of 16
APPLICATION INFORMATION
THERMAL RESPONSE TIME
The time required for a temperature sensor to settle to a specified
accuracy is a function of the sensor’s thermal mass and the
thermal conductivity between the sensor and the object being
sensed. Thermal mass is often considered equivalent to
capacitance. Thermal conductivity is commonly specified using
the symbol Q and can be thought of as thermal resistance. It is
commonly specified in units of degrees per watt of power
transferred across the thermal joint. Thus, the time required for
the ADT650x to settle to the desired accuracy is dependent on
the characteristics of the SOT-23 package, the thermal contact
established in that particular application, and the equivalent
power of the heat source. In most applications, the settling time
is best determined empirically.
SELF-HEATING EFFECTS
The temperature measurement accuracy of the ADT6501/
ADT6502/ADT6503/ADT6504 can be degraded in some
applications due to self-heating. Errors can be introduced from
the quiescent dissipation and power dissipated when converting.
The magnitude of these temperature errors depends on the
thermal conductivity of the ADT650x package, the mounting
technique, and the effects of airflow. At 25°C, static dissipation
in the ADT650x is typically 99 µW operating at 3.3 V. In the
5-lead SOT-23 package mounted in free air, this accounts for a
temperature increase due to self-heating of
ΔT = PDISS × θJA = 99 µW × 240°C/W = 0.024°C
It is recommended that current dissipated through the device be
kept to a minimum because it has a proportional effect on the
temperature error.
SUPPLY DECOUPLING
The ADT6501/ADT6502/ADT6503/ADT6504 should be
decoupled with a 0.1 µF ceramic capacitor between VCC and
GND. This is particularly important when the ADT650x are
mounted remotely from the power supply. Precision analog
products such as the ADT650x require well filtered power
sources. Because the ADT650x operate from a single supply, it
may seem convenient to tap into the digital logic power supply.
Unfortunately, the logic supply is often a switch-mode design,
which generates noise in the 20 kHz to 1 MHz range. In addition,
fast logic gates can generate glitches that are hundreds of mV in
amplitude due to wiring resistance and inductance.
If possible, the ADT650x should be powered directly from the
system power supply. This arrangement, shown in Figure 19,
isolates the analog section from the logic switching transients.
Even if a separate power supply trace is not available, generous
supply bypassing reduces supply line induced errors. Local
supply bypassing consisting of a 0.1 µF ceramic capacitor is
advisable to achieve the temperature accuracy specifications.
This decoupling capacitor must be placed as close as possible to
the ADT650x VCC pin.
Figure 19. Separate Traces Used to Reduce Power Supply Noise
TEMPERATURE MONITORING
The ADT6501/ADT6502/ADT6503/ADT6504 are ideal for
monitoring the thermal environment within electronic equipment.
For example, the surface-mount package accurately reflects the
exact thermal conditions that affect nearby integrated circuits.
The ADT650x measure and convert the temperature at the
surface of its own semiconductor chip. When the ADT650x are
used to measure the temperature of a nearby heat source, the
thermal impedance between the heat source and the ADT650x
must be as low as possible.
As much as 60% of the heat transferred from the heat source to
the thermal sensor on the ADT650x die is discharged via the
copper tracks, package pins, and bond pads. Of the pins on the
ADT650x, the GND pins transfer most of the heat. Therefore,
to monitor the temperature of a heat source, it is recommended
that the thermal resistance between the ADT650x GND pins
and the GND of the heat source be reduced as much as possible.
For example, the unique properties of the ADT650x can be used
to monitor a high power dissipation microprocessor. The
ADT650x device in its SOT-23 package is mounted directly
beneath the microprocessor’s pin grid array (PGA) package.
The ADT650x requires no external characterization.
0.1µF
ADT650x
TTL/CMOS
LOGIC
CIRCUITS
POWER
SUPPLY


Similar Part No. - ADT6501SRJZP085RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT6501SRJZP085RL7 AD-ADT6501SRJZP085RL7 Datasheet
275Kb / 16P
   Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
REV. B
More results

Similar Description - ADT6501SRJZP085RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT6501SRJZP065RL7 AD-ADT6501SRJZP065RL7 Datasheet
275Kb / 16P
   Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
REV. B
ADT6501 AD-ADT6501_15 Datasheet
275Kb / 16P
   Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
Rev. B
ADT6504 AD-ADT6504_15 Datasheet
275Kb / 16P
   Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
Rev. B
ADT6501SRJZP105RL7 AD-ADT6501SRJZP105RL7 Datasheet
275Kb / 16P
   Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
REV. B
ADT6504SRJZN015RL7 AD-ADT6504SRJZN015RL7 Datasheet
275Kb / 16P
   Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
REV. B
ADT6502 AD-ADT6502_15 Datasheet
275Kb / 16P
   Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
Rev. B
ADT6503 AD-ADT6503_15 Datasheet
275Kb / 16P
   Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
Rev. B
ADT6501 AD-ADT6501 Datasheet
463Kb / 16P
   Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
Rev. PrA
ADT6401 AD-ADT6401 Datasheet
271Kb / 12P
   Low Cost, 2.7 V to 5.5 V, Pin-Selectable Temperature Switches in SOT-23
REV. 0
AD5061 AD-AD5061_15 Datasheet
451Kb / 20P
   16-Bit VOUT nanoDAC SPI Interface 2.7 V to 5.5 V, in an SOT-23
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com