Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADT6501SRJZP085RL7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADT6501SRJZP085RL7
Description  Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT6501SRJZP085RL7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADT6501SRJZP085RL7 Datasheet HTML 5Page - Analog Devices ADT6501SRJZP085RL7 Datasheet HTML 6Page - Analog Devices ADT6501SRJZP085RL7 Datasheet HTML 7Page - Analog Devices ADT6501SRJZP085RL7 Datasheet HTML 8Page - Analog Devices ADT6501SRJZP085RL7 Datasheet HTML 9Page - Analog Devices ADT6501SRJZP085RL7 Datasheet HTML 10Page - Analog Devices ADT6501SRJZP085RL7 Datasheet HTML 11Page - Analog Devices ADT6501SRJZP085RL7 Datasheet HTML 12Page - Analog Devices ADT6501SRJZP085RL7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Data Sheet
ADT6501/ADT6502/ADT6503/ADT6504
Rev. B | Page 9 of 16
Figure 15. ADT6501 TOVER Transfer Function
Figure 16. ADT6502 TOVER Transfer Function
Figure 17. ADT6503 TUNDER Transfer Function
Figure 18. ADT6504 TUNDER Transfer Function
TTH
TEMP
TOVER
V
2°C
HYST
10°C
HYST
COLD
HOT
TTH
TEMP
TOVER
V
2°C
HYST
10°C
HYST
COLD
HOT
TTH
TEMP
TUNDER
V
COLD
HOT
10°C
HYST
2°C
HYST
TTH
TEMP
V
COLD
HOT
TUNDER
10°C
HYST
2°C
HYST


Similar Part No. - ADT6501SRJZP085RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT6501SRJZP085RL7 AD-ADT6501SRJZP085RL7 Datasheet
275Kb / 16P
   Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
REV. B
More results

Similar Description - ADT6501SRJZP085RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT6501SRJZP065RL7 AD-ADT6501SRJZP065RL7 Datasheet
275Kb / 16P
   Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
REV. B
ADT6501 AD-ADT6501_15 Datasheet
275Kb / 16P
   Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
Rev. B
ADT6504 AD-ADT6504_15 Datasheet
275Kb / 16P
   Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
Rev. B
ADT6501SRJZP105RL7 AD-ADT6501SRJZP105RL7 Datasheet
275Kb / 16P
   Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
REV. B
ADT6504SRJZN015RL7 AD-ADT6504SRJZN015RL7 Datasheet
275Kb / 16P
   Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
REV. B
ADT6502 AD-ADT6502_15 Datasheet
275Kb / 16P
   Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
Rev. B
ADT6503 AD-ADT6503_15 Datasheet
275Kb / 16P
   Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
Rev. B
ADT6501 AD-ADT6501 Datasheet
463Kb / 16P
   Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
Rev. PrA
ADT6401 AD-ADT6401 Datasheet
271Kb / 12P
   Low Cost, 2.7 V to 5.5 V, Pin-Selectable Temperature Switches in SOT-23
REV. 0
AD5061 AD-AD5061_15 Datasheet
451Kb / 20P
   16-Bit VOUT nanoDAC SPI Interface 2.7 V to 5.5 V, in an SOT-23
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com