Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADT6501SRJZP055RL7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADT6501SRJZP055RL7
Description  Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT6501SRJZP055RL7 Datasheet(HTML) 3 Page - Analog Devices

  ADT6501SRJZP055RL7 Datasheet HTML 1Page - Analog Devices ADT6501SRJZP055RL7 Datasheet HTML 2Page - Analog Devices ADT6501SRJZP055RL7 Datasheet HTML 3Page - Analog Devices ADT6501SRJZP055RL7 Datasheet HTML 4Page - Analog Devices ADT6501SRJZP055RL7 Datasheet HTML 5Page - Analog Devices ADT6501SRJZP055RL7 Datasheet HTML 6Page - Analog Devices ADT6501SRJZP055RL7 Datasheet HTML 7Page - Analog Devices ADT6501SRJZP055RL7 Datasheet HTML 8Page - Analog Devices ADT6501SRJZP055RL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Data Sheet
ADT6501/ADT6502/ADT6503/ADT6504
Rev. B | Page 3 of 16
SPECIFICATIONS
TA = −55°C to +125°C, VCC = 2.7 V to 5.5 V, open-drain RPULL-UP = 10 kΩ, unless otherwise noted.
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
TEMPERATURE SENSOR AND ADC
Threshold Accuracy
±0.5
±6
°C
TA = −45°C to −25°C
±0.5
±4
°C
TA = −15°C to +15°C
±0.5
±4
°C
TA = 35°C to 65°C
±0.5
±6
°C
TA = 75°C to 115°C
ADC Resolution
11
Bits
Temperature Conversion Time
30
ms
Time necessary to complete a conversion
Update Rate
600
ms
Conversion started every 600 ms
Temperature Threshold Hysteresis
2
°C
HYST pin = 0 V
10
°C
HYST pin = VCC
DIGITAL INPUT (HYST)
Input Low Voltage, VIL
0.2 × VCC
V
Input High Voltage, VIH
0.8 × VCC
V
DIGITAL OUTPUT (OPEN-DRAIN)
Output High Current, IOH
10
nA
Leakage current, VCC = 2.7 V and VOH = 5.5 V
Output Low Voltage, VOL
0.3
V
IOL = 1.2 mA, VCC = 2.7 V
0.4
V
IOL = 3.2 mA, VCC = 4.5 V
Output Capacitance, COUT1
10
pF
RPULL-UP = 10 kΩ
DIGITAL OUTPUT (PUSH-PULL)
Output Low Voltage, VOL
0.3
V
IOL = 1.2 mA, VCC = 2.7 V
0.4
V
IOL = 3.2 mA, VCC = 4.5 V
Output High Voltage, VOH
0.8 × VCC
V
ISOURCE = 500 µA, VCC = 2.7 V
VCC − 1.5
V
ISOURCE = 800 µA, VCC = 4.5 V
Output Capacitance, COUT1
10
pF
POWER REQUIREMENTS
Supply Voltage
2.7
5.5
V
Supply Current
30
55
µA
1 Guaranteed by design and characterization.


Similar Part No. - ADT6501SRJZP055RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT6501SRJZP055RL7 AD-ADT6501SRJZP055RL7 Datasheet
275Kb / 16P
   Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
REV. B
More results

Similar Description - ADT6501SRJZP055RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT6501SRJZP065RL7 AD-ADT6501SRJZP065RL7 Datasheet
275Kb / 16P
   Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
REV. B
ADT6501 AD-ADT6501_15 Datasheet
275Kb / 16P
   Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
Rev. B
ADT6504 AD-ADT6504_15 Datasheet
275Kb / 16P
   Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
Rev. B
ADT6501SRJZP105RL7 AD-ADT6501SRJZP105RL7 Datasheet
275Kb / 16P
   Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
REV. B
ADT6504SRJZN015RL7 AD-ADT6504SRJZN015RL7 Datasheet
275Kb / 16P
   Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
REV. B
ADT6502 AD-ADT6502_15 Datasheet
275Kb / 16P
   Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
Rev. B
ADT6503 AD-ADT6503_15 Datasheet
275Kb / 16P
   Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
Rev. B
ADT6501 AD-ADT6501 Datasheet
463Kb / 16P
   Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
Rev. PrA
ADT6401 AD-ADT6401 Datasheet
271Kb / 12P
   Low Cost, 2.7 V to 5.5 V, Pin-Selectable Temperature Switches in SOT-23
REV. 0
AD5061 AD-AD5061_15 Datasheet
451Kb / 20P
   16-Bit VOUT nanoDAC SPI Interface 2.7 V to 5.5 V, in an SOT-23
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com