Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P240D2 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # P240D2
Description  SOLID-STATE RELAYS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

P240D2 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  P240D2 Datasheet HTML 1Page - List of Unclassifed Manufacturers P240D2 Datasheet HTML 2Page - List of Unclassifed Manufacturers P240D2 Datasheet HTML 3Page - List of Unclassifed Manufacturers P240D2 Datasheet HTML 4Page - List of Unclassifed Manufacturers P240D2 Datasheet HTML 5Page - List of Unclassifed Manufacturers P240D2 Datasheet HTML 6Page - List of Unclassifed Manufacturers P240D2 Datasheet HTML 7Page - List of Unclassifed Manufacturers P240D2 Datasheet HTML 8Page - List of Unclassifed Manufacturers P240D2 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Form 859-990514
SOLID-STATE RELAYS
DATA SHEET
page 3/12
Opto 22 • 43044 Business Park Drive • Temecula, CA 92590 • Phone: (909)695-3000 • (800)321-OPTO • Fax: (909)695-3095 • Internet: www.opto22.com
Inside Sales:(800)452-OPTO •Product Support: (800)TEK-OPTO•(909)695-3080•Fax:(909)695-3017 •E-mail:support@opto22.com•FaxBack:(800)474-OPTO
AC Power Series - 120/240 Volt
Opto 22 provides a full range of power series relays with a wide variety of voltage
(110–575) and current options (3–45 amps). All Power Series relays feature 4,000 volts of
opticalisolationandhaveahighPRVrating.
Specifications
Model
Number
Nominal
AC Line
Voltage
Nominal
Current
Rating
(Amps)
1 cycle
Surge
(Amps)
Peak
Nominal
Signal
Input
Resistance
(Ohms)
Signal
Pick-up
Voltage
Signal
Drop-out
Voltage
Peak
Repetitive
Voltage
Maximum
Maximum
Output
Voltage
Drop
Off-State
Leakage
(mA)
Maximum
Operating
Voltage
Range
(Volts AC)
I2t Rating
t=8.3
(ms)
Isolation
Voltage
θθθθjc*
(°C/Watt)
Dissipation
(Watts/Amp)
120D3
120
3
85
1000
3VDC
(32V allowed)
1 VDC
600
1.6 volts
2.5mA
12-140
30
4,000VRMS
11
1.7
120D10
120
10
110
1000
3VDC
(32V allowed)
1 VDC
600
1.6 volts
7 mA
12-140
50
4,000VRMS
1.3
1.6
120D25
120
25
250
1000
3VDC
(32V allowed)
1 VDC
600
1.6 volts
7 mA
12-140
250
4,000VRMS
1.2
1.3
120D45
120
45
650
1000
3VDC
(32V allowed)
1 VDC
600
1.6 volts
7 mA
12-140
1750
4,000VRMS
0.67
0.9
240D3
240
3
85
1000
3VDC
(32V allowed)
1 VDC
600
1.6 volts
5 mA
24-280
30
4,000VRMS
11
1.7
240D10
240
10
110
1000
3VDC
(32V allowed)
1 VDC
600
1.6 volts
14 mA
24-280
50
4,000VRMS
1.3
1.6
240D25
240
25
250
1000
3VDC
(32V allowed)
1 VDC
600
1.6 volts
14 mA
24-280
250
4,000VRMS
1.2
1.3
240D45
240
45
650
1000
3VDC
(32V allowed)
1 VDC
600
1.6 volts
14 mA
24-280
1750
4,000VRMS
0.67
0.9
380D25
380
25
250
1000
3VDC
(32V allowed)
1 VDC
800
1.6 volts
12 mA
24-420
250
4,000VRMS
1.2
1.3
380D45
380
45
650
1000
3VDC
(32V allowed)
1 VDC
800
1.6 volts
12 mA
24-420
1750
4,000VRMS
0.67
0.9
120A10
120
10
110
33K
85 VAC
(280 allowed)
10 VAC
600
1.6 volts
7 mA
12-140
50
4,000VRMS
1.3
1.6
120A25
120
25
250
33K
85 VAC
(280 allowed)
10 VAC
600
1.6 volts
7 mA
12-140
250
4,000VRMS
1.2
1.3
240A10
240
10
110
33K
85 VAC
(280 allowed)
10 VAC
600
1.6 volts
14 mA
24-280
50
4,000VRMS
1.3
1.6
240A25
240
25
250
33K
85 VAC
(280 allowed)
10 VAC
600
1.6 volts
14 mA
24-280
250
4,000VRMS
1.2
1.3
240A45
240
45
650
33K
85 VAC
(280 allowed)
10 VAC
600
1.6 volts
14 mA
24-280
1750
4,000VRMS
0.67
0.9
Notes:
θθθθjc* = Thermal resistance junction to base. Maximum junction temperature is 110°C.


Similar Part No. - P240D2

ManufacturerPart #DatasheetDescription
logo
Opto Electronics Co,. L...
P240D2 E-OEC-P240D2 Datasheet
753Kb / 23P
   Solid-State Relays
More results

Similar Description - P240D2

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G3NE OMRON-G3NE_1 Datasheet
452Kb / 8P
   Solid State Relays
logo
Allen-Bradley
700-SH ALLEN-BRADLEY-700-SH Datasheet
598Kb / 7P
   Solid-State Relays
logo
PHOENIX CONTACT
2982689 PHOENIX-2982689 Datasheet
168Kb / 4P
   Solid-State Relays
logo
TT Electronics.
OSSRD1001A TTELEC-OSSRD1001A Datasheet
586Kb / 15P
   Solid State Relays
logo
GREEGOO Electric Co.,Lt...
GRV1024PW GREEGOO-GRV1024PW Datasheet
428Kb / 1P
   Solid State Relays
logo
Omron Electronics LLC
G3M OMRON-G3M Datasheet
419Kb / 8P
   Solid State Relays
logo
Allen-Bradley
700-SF ALLEN-BRADLEY-700-SF Datasheet
374Kb / 4P
   Solid-State Relays
700-SC ALLEN-BRADLEY-700-SC Datasheet
391Kb / 5P
   Solid-State Relays
logo
PHOENIX CONTACT
PLC-HSC-24DC PHOENIX-PLC-HSC-24DC Datasheet
98Kb / 6P
   Solid-state relays
logo
Opto Electronics Co,. L...
240A25 E-OEC-240A25 Datasheet
753Kb / 23P
   Solid-State Relays
logo
Allen-Bradley
700-SK ALLEN-BRADLEY-700-SK Datasheet
370Kb / 5P
   Solid-State Relays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com